Part Number Hot Search : 
01547 IPW60R STPS745M 3DD102E 1N5236 2SD21 NTE3882 78M12
Product Description
Full Text Search
 

To Download DTC144EKA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DTC144EKA
SOT-23-3L DIGITAL TRANSISTORS TRANSISTOR (NPN)
FEATURES
* Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors. * The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input. They also have the advantage of almost completely Eliminating parasitic effects. * Only the on/off conditions need to be set for operation marking device design easy.
SOT-23-3L
f .037 (0.95)
.016 (0.40)
(3)
* * * * *
Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.009 gram
(1)
.111 (3.02)
.119 (2.82) .079 (2.00)
.071 (1.80)
(2)
.067 (1.70) .059 (1.50)
f .028 (0.70) 0.116(2.95) 0.104(2.65) .008 (0.10) R.002 (.05) .004 (0.20)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. (2) (1) (1) IN (2) GND (3) OUT
O
.049(1.25) .041(1.05) .004(0.10) .000(0.00)
(3) MAXIMUM RATINGES ( @ TA = 25oC unless otherwise noted ) RATINGS Collector-base Voltage Collector-emitter Voltage Emitter-base Voltage Collector Current Collector Power dissipation Junction temperature Storage Temperature
Dimensions in inches and (millimeters)
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO IC PC TJ TSTG
VALUE 50 50 5 100 200 150 -55 to +150
.012 (0.30)
MECHANICAL DATA
UNITS V V V mA mW
o o
C C
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted ) CHARACTERISTICS Input voltage Output voltage Input current (VCC= 5V,IO=100mA) (VO= 0.3V,IO=2mA) (IO/II=10mA/0.5mA) (VI= 5V) SYMBOL VI(off) VI(on) VO(on) II IO(off) GI R2/R1 fT MIN. 3 68 0.8 32.9 TYP. 1 250 47 MAX. 0.5 0.3 0.18 0.5 1.2 61.1 MHz KW 2006-3 UNITS V V V mA uA
Output current (VCC= 50V,VI=0) DC current gain (VO= 5V,IO= 5mA) Resistance ratio Transition frequency (VO= 10V,IO= 5mA,f=100MHz) Input resistance NOTE: "Fully ROHS compliant", "100% Sn plating (Pb-free)".
R1
RATING AND CHARACTERISTICS CURVES ( DTC144EKA )
100 50 VI(on), INPUT VOLTAGE (V) 20 10 5 2 1 500m 200m 100m 100u 200u 500u 1m 2m 5m 10m 20m 50m 100m
Ta = -40 OC 25 OC 100 OC Vo = 0.3V
10m 5m IO, OUTPUT CURRENT (A) 2m 1m 500u 200u 100u 50u 20u 10u 5u 2u 1u
VCC =5V
Ta = 100 OC 25 OC -40OC
0
0.5
1.0
1.5
2.0
2.5
3.0
1K 500 GI, DC CURRENT GAIN 200 100 50 20 10 5 2 1 100u
Figure1 Input voltage vs. output current (ON characteristics)
Ta =100 OC 25 OC -40OC
IO, OUTPUT CURRENT (A)
1 VO(on), OUTPUT VOLTAGE (V) 500m 200m 100m 50m 20m 10m 5m 2m
Figure2 Output current vs. input voltage (OFF characteristics)
IO/II =20 Ta = 100 OC 25 OC -40OC
VI(off), INPUT VOLTAGE (A)
Vo = 5V
200u 500u
1m
2m
5m
10m
20m 50m 100m
1m 100u 200u
500u 1m
2m
5m 10m 20m
50m 100m
Figure3 DC current gain vs. output current
IO, OUTPUT CURRENT (A)
Figure4 Output voltage vs. output current
IO, OUTPUT CURRENT (A)
IN
R1 R2
OUT
GND
IN GND
OUT
Figure5 Equivalent circuit
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of DTC144EKA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X