Part Number Hot Search : 
SPR12 GCX1217 SR3080PT 1N4933G MBR840D SP720 1901X001 C3858
Product Description
Full Text Search
 

To Download DMP2066LDM-7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DMP2066LDM
P-CHANNEL ENHANCEMENT MODE MOSFET
Please click here to visit our online spice models database.
Features
* Low RDS(ON): * 40 m @VGS = -4.5V * 70 m @VGS = -2.5V Low Input/Output Leakage Lead Free By Design/RoHS Compliant (Note 3) Qualified to AEC-Q101 Standards for High Reliability "Green" Device (Note 4)
Mechanical Data
* * * * * * * *
SOT-26
NEW PRODUCT
* * * *
Case: SOT-26 Case Material - Molded Plastic. UL Flammability Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Finish - Matte Tin Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking Information: See Page 4 Ordering Information: See page 4 Weight: 0.008 grams (approximate)
D D S
D
D
G
TOP VIEW
TOP VIEW Internal Schematic
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VDSS VGSS TA = 25C TA = 70C ID IDM IS Value -20 12 -4.6 -3.7 -18 2.0 Unit V V A A A
Characteristic Drain-Source Voltage Gate-Source Voltage Drain Current (Note 1) Continuous Pulsed Drain Current (Note 2) Body-Diode Continuous Current (Note 1)
Thermal Characteristics
Characteristic Total Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1); Steady-State Operating and Storage Temperature Range
Notes:
Symbol PD RJA TJ, TSTG
Value 1.25 100 -55 to +150
Unit W C/W C
1. Device mounted on 1"x1", FR-4 PC board with 2 oz. Copper and test pulse width t 10s. 2. Repetitive Rating, pulse width limited by junction temperature. 3. No purposefully added lead. 4. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
DMP2066LDM
Document number: DS31464 Rev. 3 - 2
1 of 5 www.diodes.com
August 2008
(c) Diodes Incorporated
DMP2066LDM Electrical Characteristics
Characteristic STATIC PARAMETERS Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage Current Gate Threshold Voltage On State Drain Current (Note 5) Static Drain-Source On-Resistance (Note 5) Forward Transconductance (Note 5) Diode Forward Voltage (Note 5) Maximum Body-Diode Continuous Current (Note 1) DYNAMIC PARAMETERS (Note 6) Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance SWITCHING CHARACTERISTICS Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time
Notes:
@TA = 25C unless otherwise specified Symbol BVDSS IDSS IGSS VGS(th) ID (ON) RDS (ON) gFS VSD IS Ciss Coss Crss RG QG QGS QGD td(on) tr td(off) tf Min -20 -0.6 -15 -0.5 Typ -0.96 29 55 9 -0.72 820 200 160 2.5 10.1 1.5 4.3 4.4 9.9 28.0 23.4 Max -1 100 -1.2 40 70 -1.4 1.7 Unit V A nA V A m S V A pF pF pF Test Condition ID = -250A, VGS = 0V VDS = -20V, VGS = 0V VDS = 0V, VGS = 12V VDS = VGS, ID = -250A VGS = -4.5V, VDS = -5V VGS = -4.5V, ID = -4.6A VGS = -2.5V, ID = -3.8A VDS = -10V, ID = -4.6A IS = -2.1A, VGS = 0V VDS = -15V, VGS = 0V f = 1.0MHz VDS = 0V, VGS = 0V f = 1.0MHz VDS = -10V, VGS = -4.5V, ID = -4.5A
TJ = 25C
NEW PRODUCT
nC
ns
VDS = -10V, VGS = -4.5V, ID = -1A, RG = 6.0
5. Test pulse width t = 300s. 6. Guaranteed by design. Not subject to production testing.
30
VGS = 10V VGS = 4.5V
20
VDS = 5.0V
24 ID, DRAIN CURRENT (A)
16 ID , DRAIN CURRENT (A)
18
VGS = 3.0V
12
12
8
VGS = 2.5V
6
VGS = 2.0V VGS = 1.5V
4
TA = 150C TA = 125C T A = 85C TA = 25C TA = -55C
0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 Typical Output Characteristic 5
0 0
0.5 1 1.5 2 2.5 3 3.5 VGS, GATE-SOURCE VOLTAGE (V) Fig. 2 Typical Transfer Characteristic
4
DMP2066LDM
Document number: DS31464 Rev. 3 - 2
2 of 5 www.diodes.com
August 2008
(c) Diodes Incorporated
DMP2066LDM
RDS(ON), DRAIN-SOURCE ON-RESISTANCE () RDS(ON), DRAIN-SOURCE ON-RESISTANCE () 1 0.08
VGS = 4.5V
0.06
TA = 150C TA = 125C
NEW PRODUCT
0.1
VGS = 2.5V
0.04
TA = 85C TA = 25C TA = -55C
VGS = 4.5V VGS = 10V
0.02
0.01 0 6 12 18 24 ID, DRAIN-SOURCE CURRENT (A) Fig. 3 Typical On-Resistance vs. Drain Current and Gate Voltage 30
0
0
12 18 24 -ID, DRAIN CURRENT (A) Fig. 4 Typical On-Resistance vs. Drain Current and Temperature
6
30
1.6
2.4 VGS(TH), GATE THRESHOLD VOLTAGE (V)
RDS(ON), DRAIN-SOURCE ON-RESISTANCE (NORMALIZED)
1.4
2.0
VGS = 10V ID = 10A
1.6
1.2
VGS = 4.5V ID = 5A
1.2
ID = 1mA
1.0
0.8
ID = 250A
0.8
0.4
0.6 -50 -25 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 5 Normalized On-Resistance vs. Ambient Temperature
0 -50 -25 0 25 50 75 100 125 150 TA, AMBIENT TEMPERATURE (C) Fig. 6 Gate Threshold Variation vs. Ambient Temperature 10,000
20
T A = 25C
16 IS, SOURCE CURRENT (A)
12
CT, TOTAL CAPACITANCE (pF)
f = 1MHz
1,000
Ciss
8
4
Coss Crss
0 0 0.2 0.4 0.6 0.8 1 VSD, SOURCE-DRAIN VOLTAGE (V) Fig. 7 Diode Forward Voltage vs. Current 1.2
100 0 5 10 15 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 8 Typical Total Capacitance 20
DMP2066LDM
Document number: DS31464 Rev. 3 - 2
3 of 5 www.diodes.com
August 2008
(c) Diodes Incorporated
DMP2066LDM
1
r(t), TRANSIENT THERMAL RESISTANCE
D = 0.7 D = 0.5 D = 0.3
0.1
D = 0.1 D = 0.9 D = 0.05 RJA(t) = r(t) * RJA RJA = 120C/W P(pk)
NEW PRODUCT
D = 0.02
0.01
D = 0.01 D = 0.005
t1
t2 TJ - TA = P * RJA(t) Duty Cycle, D = t1/t2
D = Single Pulse
0.001 0.00001
0.0001
0.001
0.01 0.1 1 t1, PULSE DURATION TIME (s) Fig. 9 Transient Thermal Response
10
100
1,000
Ordering Information
Part Number DMP2066LDM-7
Notes:
(Note 7) Case SOT-26 Packaging 3000/Tape & Reel
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
DMC = Product Type Marking Code YM = Date Code Marking Y = Year (ex: V = 2008) M = Month (ex: 9 = September)
DMC
Date Code Key Year Code Month Code
2008 V Jan 1 Feb 2
2009 W Mar 3
2010 X Apr 4 May 5
YM
2011 Y Jun 6
2012 Z Jul 7 Aug 8
2013 A Sep 9
2014 B Oct O Nov N
2015 C Dec D
Package Outline Dimensions
A
BC
H K M
J
D
L
SOT-26 Dim Min Max Typ A 0.35 0.50 0.38 B 1.50 1.70 1.60 C 2.70 3.00 2.80 D 0.95 H 2.90 3.10 3.00 J 0.013 0.10 0.05 K 1.00 1.30 1.10 L 0.35 0.55 0.40 M 0.10 0.20 0.15 0 8 All Dimensions in mm
DMP2066LDM
Document number: DS31464 Rev. 3 - 2
4 of 5 www.diodes.com
August 2008
(c) Diodes Incorporated
DMP2066LDM Suggested Pad Layout
E E
NEW PRODUCT
Z
G
C
Dimensions Value (in mm) Z 3.20 G 1.60 X 0.55 Y 0.80
C
E
Y X
2.40 0.95
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DMP2066LDM
Document number: DS31464 Rev. 3 - 2
5 of 5 www.diodes.com
August 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DMP2066LDM-7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X