Part Number Hot Search : 
T15CA TMP86 U2505 BF720T3G MBR104 MAX3232 L3380 IRF7380
Product Description
Full Text Search
 

To Download DDTA114GUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DDTA (R2-ONLY SERIES) UA
PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * * Epitaxial Planar Die Construction Complementary NPN Types Available (DDTC) Built-In Biasing Resistor, R2 only Lead Free/RoHS Compliant (Note 2) "Green" Device, (Note 3 and 4)
B G H K M A C
SOT-323 Dim A
BC
Min 0.25 1.15 2.00
Max 0.40 1.35 2.20
NEW PRODUCT
B C
Mechanical Data
* * Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 4. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Marking: Date Code and Type Code, See Page 3 Type Code: See Table Below Ordering Information: See Page 3 Weight: 0.006 grams (approximate) P/N DDTA114GUA DDTA124GUA DDTA144GUA DDTA115GUA R2 (NOM) 10K 22K 47K 100K Type Code P26 P27 P28 P29
E
D E G H J
0.65 Nominal 0.30 1.20 1.80 0.0 0.90 0.25 0.10 0 0.40 1.40 2.20 0.10 1.00 0.40 0.18 8
* * * * * * * *
J
D
E
L
C
K L M
B
R2
E SCHEMATIC DIAGRAM
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Power Dissipation
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC (Max) Pd RJA Tj, TSTG Value -50 -50 -5 -100 200 625 -55 to +150 Unit V V V mA mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Notes: 1.
Mounted on FR4 PC Board with recommended pad layout as shown on Diodes Inc., suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf 2. No purposefully added lead. 3. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. 4. Product manufactured with date code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to date code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
DS30328 Rev. 6 - 2
1 of 3 www.diodes.com
DDTA (R2-ONLY SERIES) UA
(c) Diodes Incorporated
Electrical Characteristics
Characteristic Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage
@TA = 25C unless otherwise specified Symbol BVCBO BVCEO BVEBO ICBO Min -50 -50 5 -300 -140 -65 -30 30 56 68 82 -30 Typ 250 Max -0.5 -580 -260 -130 -58 -0.3 +30 Unit Test Condition V IC = -50A V IC = -1mA IE = -720A, DDTA114GUA IE = -330A, DDTA124GUA V IE = -160A, DDTA144GUA IE = -72A, DDTA115GUA A VCB = -50V A V % MHz VEB = -4V IC = -10mA, IB = -0.5mA IC = -5mA, VCE = -5V VCE = -10V, IE = 5mA, f = 100MHz
NEW PRODUCT
Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage DC Current Transfer Ratio Bleeder Resistor (R2) Tolerance Gain-Bandwidth Product*
* Transistor - For Reference Only
DDTA114GUA DDTA124GUA DDTA144GUA DDTA115GUA DDTA114GUA DDTA124GUA DDTA144GUA DDTA115GUA
IEBO VCE(sat) hFE R2 fT
Typical Curves - DDTA114GUA
VCE(SAT), MAXIMUM COLLECTOR VOLTAGE (V) 250 1
IC/IB = 10
PD, POWER DISSIPATION (mW)
200
0.1
75C -25C 25C
150
100
0.01
50
0 -50
0 50 100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Derating Curve
150
0.001 0
40 10 20 30 IC, COLLECTOR CURRENT (mA) Fig. 2 VCE(SAT) vs. IC
50
1,000 hFE, DC CURRENT GAIN (NORMALIZED)
VCE = 10
12
IE = 0V
10 COB, CAPACITANCE (pF)
8
100
6
4
2
10 1
10 IC, COLLECTOR CURRENT (mA) Fig. 3 DC Current Gain
100
0 0
20 15 25 10 5 VR, REVERSE BIAS VOLTAGE (V) Fig. 4 Output Capacitance
30
DS30328 Rev. 6 - 2
2 of 3 www.diodes.com
DDTA (R2-ONLY SERIES) UA
(c) Diodes Incorporated
1,000
75C VO = 5V
10
VO = 0.2
IC, COLLECTOR CURRENT (mA)
100
25C
10
-25C
Vin, INPUT VOLTAGE (V)
10
NEW PRODUCT
1
1
0.1
0.01
0.001 0 1 6 7 8 9 5 3 4 Vin, INPUT VOLTAGE (V) Fig. 5 Collector Current vs. Input Voltage 2
0.1
0
100
200 300 400 500 600 700 IC, COLLECTOR CURRENT (mA) Fig. 6 Input Voltage vs. Collector Current
Ordering Information (Note 4 & 5)
Device DDTA114GUA-7-F DDTA124GUA-7-F DDTA144GUA-7-F DDTA115GUA-7-F
Notes:
Packaging SOT-323 SOT-323 SOT-323 SOT-323
Shipping 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel 3000/Tape & Reel
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XXX = Product Type Marking Code, See Table on Page 1 YM = Date Code Marking Y = Year ex: T = 2006 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code
YM
2006 T Jan 1 Feb 2
2007 U Mar 3 Apr 4
2008 V May 5 Jun 6
2009 W Jul 7
2010 X Aug 8 Sep 9
2011 Y Oct O Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30328 Rev. 6 - 2
3 of 3 www.diodes.com
DDTA (R2-ONLY SERIES) UA
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of DDTA114GUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X