Part Number Hot Search : 
SFBUX67 07PBF 74LS2 C5301 SDT05 65647 C2502 TDA1519
Product Description
Full Text Search
 

To Download CTB40 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CTB 40
High Temperature 150C Series
40Amp - 400/600/800V - TRIAC
Applications
* Phase Control * Static Switching * Light Dimming * Motor Speed Control * Kitchen Equipment * Power Tools * Solenoid Valve Controls: * Dishwashers * Washing Machines
# 400A Surge # Suitable for General Purpose AC Switching # IGT 50 mA # VDRM/VRMM 400, 600, 800V
Absolute Maximum Ratings
RMS On-State Current (full sine wave) Non Repetitive Surge Peak On-State Current (Full Cycle, Tj Initial = 25C) I2 t Value for fusing Critical rate of rise of on-state current IG=2 x IGT, tr<100 ns, Tj = 125C Peak Gate Current @ Tj = 125C Average Gate Power Dissipation @ Tj = 125C Tc = 110C
CONDITIONS
SYMBOL
RATING
TO-220AB F =50 Hz F =60 Hz tp = 10 ms
IT(RMS) ITSM I2 t di/dt
40A 380A 400A 660A2s 100A/sec 4A 1W -40 to +150C -40 to +150C
"BW"
A2
tp = 20 s
IGM PG(AV) Tstg Tj
A1 A2
G
Storage Temperature Range Operating Junction Temperature Range
TO-220AB Non-Isolated (CTB40)
Electrical Characteristics
A2
CONDITIONS
"B"
IGT MAX @ VD =12 V, RL = 30NOTE 1 IGT MAX @ VD =12 V, RL = 30 NOTE 1 VGT MAX @ VD =12 V, RL = 30
QI-II-III QIV Q-All Tj = 125C Q-All QI-III-IV Q-II Tj = 125C Tj = 125C Tj = 125C
50mA 100mA 1.3V 0.2V 75mA 75mA 100mA 500V/s 10V/s -
50mA - 1.3V 0.2V 75mA 75mA 100mA 1000V/s 50V/s 22A/ms
G A1
VGD MIN @ VD =VDRM, RL = 3.3k IH MAX @ IT = 100 mA NOTE 2 IL MAX @ IG = 1.2 IGT IL MAX @ IG = 1.2 IGT dv/dt MIN @ VD = 67%VDRM (gate open) NOTE 2 (di/dt)c MIN @ (di/dt)c = 13.3 A/ms NOTE 2 (di/dt)c MIN without snubber
NOTES 2 & 4
Static Characteristics
VT MAX @ ITM =17 A, tp = 380s NOTE 2 Vto MAX @ Threshold Voltage Rd MAX @ Dynamic Resistance NOTE 2 IDRM MAX @ VDRM = VRRM IRRM MAX @ VDRM = VRRM
GENERAL NOTES
1. 2. 3. 4. Minimum IGT is guaranted at 5% of IGT max. For both polarities of A2 referenced to A1 All parameters at 25 degrees C unless otherwise specified. Commutating dv/dt = 50V/s, (exponential to 200Vpk)
NOTE 2
Tj = 25C Tj = 125C Tj = 125C Tj = 25C Tj = 125C
1.6V 0.8V 16m 5A 3mA
ISO9001 C E R T I F I E D
Competitive part number cross-reference available at:
www.cynergy3.com
CTB 40
TM
High Temperature 150C Series
40Amp - 400/600/800V - TRIAC
Thermal Resistances
Junction to Case (AC) Junction to Ambient TO-220AB TO-220AB
SYMBOL
RATING
Rth(j-c) Rth(j-a)
0.78C/W 60C/W
Part Number Designation
D F G
SERIES
N K L A
Rated Current 40: 40 Amp
Type B: Standard (IGT=50mA) BW: No Snubber/Alernistor (IGT=50mA)
CTB 40
B
Maximum Blocking Voltage 400: 400Vpk 600: 600Vpk 800: 800Vpk Packaging Blank: Bulk PT: Plastic Tube
M
B P O C
I
50 40
48 40
E J
Q H
30 20 10 0 0 5 10 15 20 25 30 35 40 45
IT(RMS) [A]
P [W]
32 24 16 8 0 70 80 90 100 110 120 130 140 150 160
Weight: 2.3g (0.08 oz)
Dimensions
Millimeters REF. Min. Typ. A 15.24 B 3.23 C 12.78 D 9.96 E 0.69 F 1.22 G 4.62 H 0.46 I 2.49 J 2.39 K 6.48 L 3.78 M 15.49 16 N 2.59 O 0.99 P 0.99 Q 2.67 Max. 15.75 13.79 10.36 0.94 1.32 4.83 0.61 2.84 2.69 6.88 3.89 16.51 2.9 1.55 1.55 Inches Min. Typ. 0.6 0.127 0.503 0.392 0.027 0.048 0.182 0.018 0.098 0.094 0.255 0.149 0.61 0.63 0.102 0.039 0.039 0.105 Max. 0.62
1000.0
IT(RMS) [A]
Fig. 1: Power dissipation versus RMS on-state current (full cycle).
TC [C]
Fig. 2: RMS on-state current versus case temperature (full cycle)
250 160 120 100 80 60 50 40 30 20
0.543 0.408 0.037 0.052 0.19 0.024 0.112 0.106 0.271 0.153 0.65 0.114 0.061 0.061
ITSM [A]
100.0
ITM [A]
Non-Repetitive Tj initial = 25C
10.0
1.0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5
10 1 10 100 1000
VTM [V]
Fig. 3: On-state current versus on-state voltage (instantaneous values)
Number of Cycles
Fig. 4: Non-repetitive surge peak on-state current versus number of cycles.
ISO9001 Certified
USA Sales & Tech Support (866) 258-5057 Email: sales@cynergy3.com Cynergy3 Components 2320 Paseo de las Americas, Suite 104 San Diego, CA 92154
Approvals
UL - Pending
EUROPE - UK Telephone +44 (0) 1202 897969 Fax +44 (0) 1202 891918 Email: sales@cynergy3.com Cynergy3 Components Ltd. 7 Cobham Road Ferndown Industrial Estate Wimborne, Dorset BH21 7PE
ASIA - Thailand Telephone +66 (0)2 665 2517 Fax +66 (0)2 665 2588 Cynergy 3 Components, Asia 18/8 Fico Place 12th Floor Soi Sukhumvit 21 (Asoke) Klongtoey Nua, Wattana Bangkok, Thailand 10110
(c) 2006 Cynergy3 components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 components and the Cynergy3 components logo are trademarks of Cynergy3 components Corp.


▲Up To Search▲   

 
Price & Availability of CTB40

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X