Part Number Hot Search : 
EGPD630E M61506FP WT6018 SMW250 15R06 20G227 2SA16 QESM05
Product Description
Full Text Search
 

To Download CSM-57081E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHINA SEMICONDUCTOR CORPORATION
Spec. No. Rev.
PS-ND-0710 A
PRODUCT SPECIFICATION
Model No CSM-57071E/CSM-57081E
Descriptions:
0.7Inch Dot-Matrix Display 5*7 Array with X-Y Select. CSM-57071: Column Anode, Row Cathode CSM-57081: Column Cathode, Row Anode Emitting Color Orange
CUSTOMER APPROVED SIGNATURES
APPROVED BY
CHECKED BY
PREPARED BY
CHINA SEMICONDUCTOR CORPORATION Address:2FL. NO.909,Chung-Cheng Road, Chung-Ho City Taipei Hsien,Taiwan. Tel:886-2-2223-9696 Fax:886-2-2223-9377
OPTO PLUS TECHNOLOGIES CO.,LTD Address:696 Shun jiang Rd.,Ji Shan St.Shaoxing, ZheJiang,China Tel:86-0575-88623888 Fax:86-0575-88623112
http://www.csctw.com.tw
CHINA SEMICONDUCTOR CORPORATION Model No CSM-57071E/CSM-57081E
Spec. No. Rev.
PS-ND-0710 A
Features 1. 0.7 inch (17.2mm) Matrix height. 2. Case mold type. 3. RoHs compliant. 4. Low power consumption. 5. Easy mounting on P.C. board or socket.
Device Selection Guide Chip Material GaAsP Emitted Color Orange
Part No. CSM-57071E CSM-57081E
Description
Column Anode Cathode Row Cathode Anode
Package Dimensions -
http://www.csctw.com.tw
Page
1/5
CHINA SEMICONDUCTOR CORPORATION Model No CSM-57071E/CSM-57081E
Spec. No. Rev.
PS-ND-0710 A
Internal Circuit Diagrams -
http://www.csctw.com.tw
Page
2/5
CHINA SEMICONDUCTOR CORPORATION Model No CSM-57071E/CSM-57081E
Spec. No. Rev.
PS-ND-0710 A
Absolute Maximum Rating Parameter
Power Dissipation Per Dice Continuous Forward Current Per Dice Peak Current Per Dice(duty cycle 1/10, 1kHz) Derating Linear From 25 Reverse Voltage Per Dice Operating Temp. Storage Temp. Per Dice
Symbol PAD IAF IPF VR Topr Tstg
Rating 70 25 90 0.33 5 -35 ~ +85 -35 ~ +85
(Ta=25 ) Unit mW mA mA mA/ V
Solder temperature 1/16 inch below seating plane for 3 seconds at 260
Electro-optical Characteristics (Ta=25 ) Parameter
Forward Voltage Per Segment Luminous Intensity Per Segment Peak Emission Wavelength Dominant Wavelength Spectrum Radiation Bandwidth Reverse Current
Luminous Intensity Matching Ratio
Symbol VF Iv
Min. -
Typ. 2.1 3800 632 624 35 -
Max. 2.8 100 2:1
Unit V ucd nm nm nm A
Condition
IF=20mA IF=10mA IF=20mA IF=20mA IF=20mA VR=5V Ip=80mA 1/16Duty
q
Od
JS
IV-m
-
http://www.csctw.com.tw
Page
3/5
CHINA SEMICONDUCTOR CORPORATION Model No CSM-57071E/CSM-57081E
Spec. No. Rev.
PS-ND-0710 A
Typical Electrical / Optical Charateristics Curves (Ta = 25 Unless Otherwise Noted)
http://www.csctw.com.tw CHINA SEMICONDUCTOR CORPORATION Model No CSM-57071E/CSM-57081E
Page
4/5
Spec. No. Rev.
PS-ND-0710 A
Note: The specifications are subject to change without notice. Please contact us for updated information. http://www.csctw.com.tw
Page
5/5


▲Up To Search▲   

 
Price & Availability of CSM-57081E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X