Part Number Hot Search : 
3EZM4 2SC3187 MRF284 56000 MCM6343 P8N50E TG40E80 AT28C256
Product Description
Full Text Search
 

To Download CEP3205 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 N-Channel Enhancement Mode Field Effect Transistor FEATURES
55V, 108.5A, RDS(ON) = 8.5m @VGS = 10V. Super high dense cell design for extremely low RDS(ON). High power and current handing capability. Lead free product is acquired. TO-220 & TO-263 package.
CEP3205/CEB3205
D
D
G
G D S
S CEB SERIES TO-263(DD-PAK)
G
CEP SERIES TO-220
S
ABSOLUTE MAXIMUM RATINGS
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous Drain Current-Pulsed
a
Tc = 25 C unless otherwise noted Symbol Limit VDS VGS ID IDM PD EAS IAS TJ,Tstg 55
Units V V A A W W/ C mJ A C
20
108.5 434 200 1.3 319 68 -55 to 175
Maximum Power Dissipation @ TC = 25 C - Derate above 25 C Single Pulsed Avalanche Energy d Single Pulsed Avalanche Current d Operating and Store Temperature Range
Thermal Characteristics
Parameter Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient Symbol RJC RJA Limit 0.75 62.5 Units C/W C/W
Details are subject to change without notice . 1
Rev 4. 2007.Sep. http://www.cetsemi.com
CEP3205/CEB3205
Electrical Characteristics
Parameter Off Characteristics Drain-Source Breakdown Voltage Zero Gate Voltage Drain Current Gate Body Leakage Current, Forward Gate Body Leakage Current, Reverse On Characteristics b Gate Threshold Voltage Static Drain-Source On-Resistance Dynamic Characteristics c Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics c Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage b td(on) tr td(off) tf Qg Qgs Qgd IS VSD VGS = 0V, IS = 62A VDS = 44V, ID = 62A, VGS = 10V VDD = 28V, ID = 62A, VGS = 10V, RGEN = 4.5 27 14 68 19 102.3 23.1 23.1 108.5 1.3 54 28 136 38 136 ns ns ns ns nC nC nC A V gFS Ciss Coss Crss VDS = 25V, ID = 62A VDS = 25V, VGS = 0V, f = 1.0 MHz 50 5040 1115 35 S pF pF pF VGS(th) RDS(on) VGS = VDS, ID = 250A VGS = 10V, ID = 62A 2 6.5 4 8.5 V m BVDSS IDSS IGSSF IGSSR VGS = 0V, ID = 250A VDS = 55V, VGS = 0V VGS = 20V, VDS = 0V VGS = -20V, VDS = 0V 55 25 100 -100 V
A
Tc = 25 C unless otherwise noted Symbol Test Condition Min Typ Max Units
nA nA
Drain-Source Diode Characteristics and Maximun Ratings
Notes : a.Repetitive Rating : Pulse width limited by maximum junction temperature b.Pulse Test : Pulse Width < 300s, Duty Cycle < 2%. c.Guaranteed by design, not subject to production testing. d.L = 138H, IAS = 68A, VDD = 25V, RG = 25, Starting TJ = 25 C
2
CEP3205/CEB3205
180 150 120 90 60 30 0 VGS=10,9,8V 160 25 C
ID, Drain Current (A)
ID, Drain Current (A)
120
VGS=7V
VGS=6V
80
40
TJ=125 C
-55 C
VGS=5V
0 0.5 1 1.5 2 2.5 3 0 0 2 4
6
8
10
VDS, Drain-to-Source Voltage (V) Figure 1. Output Characteristics
1800 1500 1200 900 600 300 0 Crss 0 5 10 15 20 25 Ciss Coss 2.6 2.2 1.8 1.4 1.0 0.6 0.2 -100
VGS, Gate-to-Source Voltage (V) Figure 2. Transfer Characteristics
ID=62A VGS=10V
RDS(ON), Normalized RDS(ON), On-Resistance(Ohms)
C, Capacitance (pF)
-50
0
50
100
150
200
VDS, Drain-to-Source Voltage (V) Figure 3. Capacitance
1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 -50 -25 VDS=VGS
TJ, Junction Temperature( C) Figure 4. On-Resistance Variation with Temperature IS, Source-drain current (A)
VGS=0V
VTH, Normalized Gate-Source Threshold Voltage
ID=250A
10
1
10
0
0
25
50
75 100 125 150 175
10
-1
0.4
0.6
0.8
1.0
1.2
1.4
TJ, Junction Temperature( C) Figure 5. Gate Threshold Variation with Temperature
VSD, Body Diode Forward Voltage (V) Figure 6. Body Diode Forward Voltage Variation with Source Current
3
CEP3205/CEB3205
VGS, Gate to Source Voltage (V)
10 8 6 4 2 0 VDS=44V ID=62A 10
3
RDS(ON)Limit 100ms
ID, Drain Current (A)
10
2
1ms 10ms DC
10
1
0
20
40
60
80
10
0
TC=25 C TJ=175 C Single Pulse 10
-1
10
0
10
1
10
2
Qg, Total Gate Charge (nC) Figure 7. Gate Charge VDD t on V IN VGS RGEN G RL D VOUT td(on) VOUT
10%
VDS, Drain-Source Voltage (V) Figure 8. Maximum Safe Operating Area
toff tr
90%
td(off)
90% 10%
tf
INVERTED
90%
S
VIN
50% 10%
50%
PULSE WIDTH
Figure 9. Switching Test Circuit
Figure 10. Switching Waveforms
r(t),Normalized Effective Transient Thermal Impedance
10
0
D=0.5
0.2
10
-1
0.1 0.05 0.02 0.01 Single Pulse
PDM t1 t2
10
-2
1. RcJC (t)=r (t) * RcJC 2. RcJC=See Datasheet 3. TJM-TC = P* RcJC (t) 4. Duty Cycle, D=t1/t2
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
Square Wave Pulse Duration (sec) Figure 11. Normalized Thermal Transient Impedance Curve
4


▲Up To Search▲   

 
Price & Availability of CEP3205

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X