Part Number Hot Search : 
X1N965A TM24064 R1005 87HFR160 CNY29 250BZX GL3T422 2SB955K
Product Description
Full Text Search
 

To Download CDH23D09SHPNP-1R0MC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Power Inductor
CDH23D09/SHP
Features Currently lowest profile inductor: Height:1.0mm Max. Operating temperature range: -40~+105. RoHS Compliance & Halogen Free. Applications Low profile,surface mount inductor for Mobile phone,MP3/MP4 and other portable devices. Shapes and Dimensions/Recommended Land Patterns(mm)
1.2
Dimensions
.xaM 0.1 2.03.2
Land pattern
Schematics (Bottom)
2.3
0.9
0.7
0.9
"S" is winding start.
Is a registered trademark of SUMIDA CORPORATION,and may not be used by you without prior written approval. http://www.sumida.com
2 . 2
7.0
S
2 . 3 0 . 2
SMD Power Inductor
CDH23D09/SHP
Electrical Characteristics specification.
D.C.R. (m) [Max.]2 (at 20) 112.5(90.0) 158.0(126.4) 241.5(193.1) 350.5(280.5) 537.0(429.5) 660.5(528.5) Saturation Current 3 (at 20) 1.55 1.25 1.05 0.85 0.70 0.60
01 02 03 04 05 06
CDH23D09SHPNP-1R0MC CDH23D09SHPNP-1R5MC CDH23D09SHPNP-2R2MC CDH23D09SHPNP-3R3MC CDH23D09SHPNP-4R7MC CDH23D09SHPNP-6R8MC
A B C D E F
1.020% 1.520% 2.220% 3.320% 4.720% 6.820%
1.38 1.15 0.89 0.78 0.61 0.57
1 Measuring condition: inductance at 100kHz . 2 ( )is typical value. 3 Saturation Current: This indicates the value of DC current when the inductance decreases to 70% of its nominal value.
4 Temperature Rise Current: The actual value of DC current when the temperature rise is
t
40 (Ta20).

No.
Part No.
Stamp
Inductance W ithin (H)1
Temperature Rise Current () 4

SMD Power Inductor
CDH23D09/SHP
Recommended Reflow Condition.
Heat Endurance Test
)
Temperature Chart
0 32 KA EP
Packaging with Embossed tape and reel.
1.75
H 5.1 0.2
5..5
4.75
8.0 Packaging spec. refer to S-074-5239
For More Information Hong Kong
Tel.+852-2880-6688 FAX.+852-2565-9600
Shanghai
Tel.+86-021-58363299 FAX.+86-021-58363266
Shenzhen
Tel.+86-755-82910228 FAX.+86-755-82910338
Taiwan(Taipei)
Tel.+886-2-27065228 FAX.+886-2-27065229
Japan(Tokyo)
Tel.+81-3-5202-7112 FAX.+81-3-5202-7105
Korea(Seoul)
Tel.+82-2-6237-0777 FAX.+82-2-6237-0778
Singapore
Tel.+65-6296-3388 FAX.+65-6296-3390
Malaysia
Tel.+60-3-8733-0900 FAX.+60-3-8737-7384
America(Chicago)
Tel.+1-847-545-6700 FAX. +1-847-545-6720
America(California)
Tel.+1-408-321-9660 FAX. +1-408-321-9308
seloH tekcorpS
) s( T 0 0 3
egdE gnidaeL
042
LEBAL E D O C R A B
0 81
s021
~
5 42
s 04 06
01071
0 21
I
06

0
(T
003 0 52 0 01 0 05 002 051
)s(T 0 03
0 32
0 62
0.4
01
06
04 2
D
081
C
021
06
0
) ( T 001 052 051 002 0 05 0 03
1 2 . 0


▲Up To Search▲   

 
Price & Availability of CDH23D09SHPNP-1R0MC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X