|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CCLHM080 THRU CCLHM150 SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE w w w. c e n t r a l s e m i . c o m DESCRIPTION: The CENTRAL SEMICONDUCTOR CCLHM080 series types are high current silicon field effect current regulator diodes designed for applications requiring a constant current over a wide voltage range. These devices are manufactured in the cost effective SOD80 double plug case which provides many benefits to the user including space saving and improved thermal characteristics. Special selections of IP (regulator current) are available for critical applications. MARKING CODE: SEE MARKING CODE TABLE ON FOLLOWING PAGE SOD-80 CASE FEATURES: * Low Cost * High Reliability * Smaller Case Size than Competition * Special Selections Available * Superior Lot to Lot Consistency * Leaded Devices Available MAXIMUM RATINGS: (TL=75C) Peak Operating Voltage Power Dissipation Operating and Storage Junction Temperature SYMBOL POV PD TJ, Tstg 50 800 -65 to +200 UNITS V mW C ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted) Regulator Current (Note 1) Type IP @ VT=25V MIN (mA) CCLHM080 CCLHM100 CCLHM120 CCLHM150 6.56 8.0 9.6 12.0 NOM (mA) 8.2 10.0 12.0 15.0 MAX (mA) 9.84 12.0 14.4 18.0 ZT @ VT=25V M 0.32 0.17 0.08 0.03 ZK @ VK=6.0V k 15 6.0 3.0 2.0 VL @ IL=0.8 x IP MIN V 3.1 3.5 3.8 4.3 TC %/C -0.25 to -0.45 -0.25 to -0.45 -0.25 to -0.45 -0.25 to -0.45 Minimum Dynamic Impedance Minimum Knee Impedance Maximum Limiting Voltage Temperature Coefficient (Note 2) Notes: 1) Pulsed Method: Pulse Width (ms) = 27.5 divided by IP NOM (mA) 2) The Temperature Coefficient is measured between + 25C and +50C. R6 (4-January 2010) CCLHM080 THRU CCLHM150 SURFACE MOUNT HIGH CURRENT SILICON CURRENT LIMITING DIODE SOD-80 CASE - MECHANICAL OUTLINE MARKING CODES TYPE CCLHM080 CCLHM100 CCLHM120 CCLHM150 BAND 1* BLACK BLACK BLACK BLACK BAND 2 GREEN ORANGE ORANGE ORANGE BAND 3 YELLOW PINK WHITE LIGHT BLUE * Cathode Band R6 (4-January 2010) w w w. c e n t r a l s e m i . c o m |
Price & Availability of CCLHM100 |