Part Number Hot Search : 
MC146818 TSGB02 TSGB02 N60B3 00110 C25P05Q 15B10 1S25J0
Product Description
Full Text Search
 

To Download BZQ55-C100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZQ55-C2V4 SERIES
SURFACE MOUNT ZENER DIODES
VOLTAGE 2.4 to 100 Volts POWER
500 mWatts
QUADRO-MELF
Unit : inch (mm)
FEATURES
* Planar Die construction * 500mW Power Dissipation * Ideally Suited for Automated Assembly Processes
.0 67 .7 (1 )
* In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
* Case: Molded Glass QUADRO-MELF * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.008 grams * Mounting Position: Any * Packing information T/R - 2.5K per 7" plastic Reel
.020(0.5) .012(0.3) .146(3.7) .130(3.3)
.020(0.5) .012(0.3)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Parameter Power Dissipation at Tamb = 25 Junction Temperature Storage Temperature Range Valid provided that leads at a distance of 8mm from case are kept at ambient temperature.
O
Symbol
Value 500 175 -65 to +175
Units mW
O
C
PTOT TJ TS
C C
O
Parameter Thermal Resi stance Juncti on to Ambi ent Ai r Forward Voltage at IF = 200mA
Symbol
Min.
Typ.
Max. 0.3 1.5
Uni ts K/mW V
RJA VF
---
---
Vali d provi ded that leads at a di stance of 8mm from case are kept at ambi ent temperature.
STAD-JAN.21.2009 1
.063(1.6) .055(1.4)DIA.
PAGE . 1
BZQ55-C2V4 SERIES
Nomi nal Zener Voltage Part Number No m. V BZQ55-C 2V4 BZQ55-C 2V7 BZQ55-C 3V0 BZQ55-C 3V3 BZQ55-C 3V6 BZQ55-C 3V9 BZQ55-C 4V3 BZQ55-C 4V7 BZQ55-C 5V1 BZQ55-C 5V6 BZQ55-C 6V2 BZQ55-C 6V8 BZQ55-C 7V5 BZQ55-C 8V2 BZQ55-C 9V1 BZQ55-C 10 BZQ55-C 11 BZQ55-C 12 BZQ55-C 13 BZQ55-C 15 BZQ55-C 16 BZQ55-C 18 BZQ55-C 20 BZQ55-C 22 BZQ55-C 24 BZQ55-C 27 BZQ55-C 30 BZQ55-C 33 BZQ55-C 36 BZQ55-C 39 BZQ55-C 43 BZQ55-C 47 BZQ55-C 51 BZQ55-C 56 BZQ55-C 62 BZQ55-C 68 BZQ55-C 75 BZQ55-C 82 BZQ55-C 91 BZQ55-C 100 2.4 2.7 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 V Z @ IZT M i n. V 2.28 2.5 2.8 3.1 3.4 3.7 4 4.4 4.8 5.2 5.8 6.4 7 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 77 85 94 M a x. V 2.56 2.9 3.2 3.5 3.8 4.1 4.6 5 5.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 87 96 106 85 85 85 85 85 85 75 60 35 25 10 8 7 7 10 15 20 20 26 30 40 50 55 55 80 80 80 80 80 90 90 110 125 135 150 200 250 300 450 450 Max. Zener Impedance ZZT @ IZT mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 1 1 600 600 600 600 600 600 600 600 550 450 200 150 50 50 50 70 70 90 110 110 170 170 220 220 220 220 220 220 220 500 600 700 700 1000 1000 1000 1500 2000 5000 5000 ZZK @ IZK mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.1 0.1 uA 50 10 4 2 2 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 Max Reverse Leakage C urrent IR @ VR V 1 1 1 1 1 1 1 1 1 1 2 3 5 6 7 7.5 8.5 9 10 11 12 14 15 17 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75
Notes. STANDARD VOLTAGE TOLERANCE IS + 5% AND : SUFFIX " A" FOR + 1% SUFFIX " B" FOR + 2% SUFFIX " C" FOR + 5% SUFFIX " D" FOR + 20% STAD-JAN.21.2009 1 PAGE . 2
BZQ55-C2V4 SERIES
RATING AND CHARACTERISTIC CURVES
POWER DISSIPATION, mWatts
500 400 300 200 100
0
50
100
150
200
O
250
AMBIENT TEMPERATURE, C
FIG. 1 POWER DERATING CURVE
Iz (mA)
50 40 30 20 10 0
5
10
15
20
25
Vz (V) 30
Test Current Iz = 5mA
27
24
22
12 11
6V8 5V6 5V1 4V7 4V3 3V9 3V3 2V4
15
Fig.2 BREAKDOWN CHARACTERISTICS
9V1
20
STAD-JAN.21.2009 1
PAGE . 3
BZQ55-C2V4 SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 2.5K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JAN.21.2009 1
PAGE . 4


▲Up To Search▲   

 
Price & Availability of BZQ55-C100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X