Part Number Hot Search : 
M8400 LTC2223 C35005 03DRL W83627SF 3V10X Y7C13 08U0M
Product Description
Full Text Search
 

To Download BUK7675-100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUK7675-100A
N-channel TrenchMOS standard level FET
Rev. 02 -- 31 July 2009 Product data sheet
1. Product profile
1.1 General description
Standard level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology. This product has been designed and qualified to the appropriate AEC standard for use in automotive critical applications.
1.2 Features and benefits
Low conduction losses due to low on-state resistance Q101 compliant Suitable for standard level gate drive sources Suitable for thermally demanding environments due to 175 C rating
1.3 Applications
12 V, 24 V and 42 V loads Automotive and general purpose power switching Motors, lamps and solenoids
1.4 Quick reference data
Table 1. VDS ID Ptot Quick reference Conditions VGS = 10 V; Tmb = 25 C; see Figure 1 and 3 Tmb = 25 C; see Figure 2 Min Typ Max 100 23 99 Unit V A W drain-source voltage Tj 25 C; Tj 175 C drain current total power dissipation Symbol Parameter
Avalanche ruggedness EDS(AL)S non-repetitive drain-source avalanche energy Static characteristics RDSon drain-source on-state resistance VGS = 10 V; ID = 13 A; Tj = 175 C; see Figure 12 and 13 VGS = 10 V; ID = 13 A; Tj = 25 C; see Figure 12 and 13 187 m ID = 14 A; Vsup 100 V; RGS = 50 ; VGS = 10 V; Tj(init) = 25 C; unclamped 100 mJ
-
64
75
m
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
2. Pinning information
Table 2. Pin 1 2 3 mb Pinning information Symbol G D S D Description gate drain source mounting base; connected to drain
2 1 3 mb
D
Simplified outline
Graphic symbol
G
mbb076
S
SOT404 (D2PAK)
3. Ordering information
Table 3. Ordering information Package Name BUK7675-100A D2PAK Description plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped) Version SOT404 Type number
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
2 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
4. Limiting values
Table 4. Symbol VDS VDGR VGS ID IDM Ptot Tstg Tj EDS(AL)S Limiting values Parameter drain-source voltage drain-gate voltage gate-source voltage drain current peak drain current total power dissipation storage temperature junction temperature non-repetitive ID = 14 A; Vsup 100 V; RGS = 50 ; VGS = 10 V; drain-source avalanche Tj(init) = 25 C; unclamped energy source current peak source current Tmb = 25 C tp 10 s; pulsed; Tmb = 25 C Tmb = 25 C; VGS = 10 V; see Figure 1 and 3 Tmb = 100 C; VGS = 10 V; see Figure 1 Tmb = 25 C; tp 10 s; pulsed; see Figure 3 Tmb = 25 C; see Figure 2 Conditions Tj 25 C; Tj 175 C RGS = 20 k Min -20 -55 -55 Max 100 100 20 23 16.2 92 99 175 175 100 Unit V V V A A A W C C mJ
In accordance with the Absolute Maximum Rating System (IEC 60134).
Avalanche ruggedness
Source-drain diode IS ISM 23 92 A A
120 Ider (%) 80
03aa24
120 Pder (%) 80
03na19
40
40
0 0 50 100 150 Tmb (C) 200
0
0
50
100
150 Tmb (C)
200
Fig 1.
Normalized continuous drain current as a function of mounting base temperature
Fig 2.
Normalized total power dissipation as a function of mounting base temperature
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
3 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
103
P
03nb34
ID (A) 102 RDSon = VDS/ID
tp T
=
tp T
t
tp = 10 us 100 us
10 D.C.
1 ms 10 ms 100 ms
1 1 10
102 VDS (V)
103
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
4 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
5. Thermal characteristics
Table 5. Symbol Rth(j-mb) Thermal characteristics Parameter Conditions Min Typ Max 1.5 Unit K/W thermal resistance from see Figure 4 junction to mounting base thermal resistance from junction to ambient
Rth(j-a)
-
50
-
K/W
10 Zth(j-mb) (K/W) 1
03nb35
= 0.5 0.2 0.1
P = tp T
10-1
0.05 0.02
tp
t T
10-2 10-6
Single Shot 10-5 10-4 10-3 10-2
10-1 tp (s)
1
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
5 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
6. Characteristics
Table 6. Symbol V(BR)DSS VGS(th) Characteristics Parameter drain-source breakdown voltage gate-source threshold voltage Conditions ID = 0.25 A; VGS = 0 V; Tj = 25 C ID = 0.25 A; VGS = 0 V; Tj = -55 C ID = 1 mA; VDS = VGS; Tj = 175 C; see Figure 11 ID = 1 mA; VDS = VGS; Tj = -55 C; see Figure 11 ID = 1 mA; VDS = VGS; Tj = 25 C; see Figure 11 IDSS IGSS RDSon drain leakage current gate leakage current drain-source on-state resistance VDS = 100 V; VGS = 0 V; Tj = 175 C VDS = 100 V; VGS = 0 V; Tj = 25 C VDS = 0 V; VGS = 20 V; Tj = 25 C VDS = 0 V; VGS = -20 V; Tj = 25 C VGS = 10 V; ID = 13 A; Tj = 175 C; see Figure 12 and 13 VGS = 10 V; ID = 13 A; Tj = 25 C; see Figure 12 and 13 Dynamic characteristics Ciss Coss Crss td(on) tr td(off) tf LD input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time internal drain inductance from drain lead 6 mm from package to centre of die; Tj = 25 C from upper edge of drain mounting base to centre of die; Tj = 25 C LS internal source inductance source-drain voltage reverse recovery time recovered charge from source lead to source bond pad; Tj = 25 C IS = 25 A; VGS = 0 V; Tj = 25 C; see Figure 14 IS = 13 A; dIS/dt = -100 A/s; VGS = -10 V; VDS = 30 V; Tj = 25 C VDS = 30 V; RL = 2.2 ; VGS = 10 V; RG(ext) = 5.6 ; Tj = 25 C VGS = 0 V; VDS = 25 V; f = 1 MHz; Tj = 25 C; see Figure 15 907 127 78 8 39 26 24 4.5 2.5 7.5 1210 150 110 pF pF pF ns ns ns ns nH nH nH Min 100 89 1 2 Typ 3 0.05 2 2 64 Max 4.4 4 500 10 100 100 187 75 Unit V V V V V A A nA nA m m
Static characteristics
Source-drain diode VSD trr Qr 0.85 64 120 1.2 V ns nC
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
6 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
60 ID (A) 50 VGS (V) = 8 9 10
03nb31
20 7.5
RDSon (m)
90 85 80
03nb30
40 6.5 30 75 70 65 5.5 60 10 55 4.5 0 0 2 4 6 8 VDS (V) 10 50 5 10 15 VGS (V) 20
20
Fig 5.
Output characteristics: drain current as a function of drain-source voltage; typical values
03aa35
Fig 6.
Drain-source on-state resistance as a function of gate-source voltage; typical values
20
03nb28
10-1 ID (A) 10-2 min typ max
gfs (S) 15
10-3 10 10-4
10-5
5
10-6 0 2 4 VGS (V) 6
0
0
10
20
30
ID (A)
40
Fig 7.
Sub-threshold drain current as a function of gate-source voltage
Fig 8.
Forward transconductance as a function of drain current; typical values
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
7 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
ID (A)
35 30
03nb29
10 VGS (V) 9 8
03nb27
25 20 15 10 Tj = 175 C 5 Tj = 25 C
7 6 5 4 3 2 1
VDS = 14 V
VDS = 80 V
0
0
2
4
6
VGS (V)
8
0
0
10
20
QG (nC)
30
Fig 9.
Transfer characteristics: drain current as a function of gate-source voltage; typical values
5
03aa32
Fig 10. Gate-source voltage as a function of turn-on gate charge; typical values
120 RDSon (m) VGS (V)= 5.5 6 6.5 7 8 10
03nb32
VGS(th) (V) 4 max
100
3
typ 80
2
min 60
1
0 -60
40 0 60 120 Tj (C) 180
0
10
20
30
40
ID (A)
50
Fig 11. Gate-source threshold voltage as a function of junction temperature
Fig 12. Drain-source on-state resistance as a function of drain current; typical values
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
8 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
3
03aa29
IS 45 (A) 40 35
03nb26
a
2
30 25 20
1
15 10 5 Tj = 175 C Tj = 25 C
0 -60
0
0
60
120
Tj (C)
180
0.0
0.2
0.4
0.6
0.8
1.0 1.2 VSD (V)
Fig 13. Normalized drain-source on-state resistance factor as a function of junction temperature
2000 C (pF) 1800 1600 1400 1200 Coss 1000 800 Crss 600 400 200 0 10-2 10-1 1
Fig 14. Reverse diode current as a function of reverse diode voltage; typical values
03nb33
Ciss
10
VDS(V)
102
Fig 15. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
9 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
7. Package outline
Plastic single-ended surface-mounted package (D2PAK); 3 leads (one lead cropped)
SOT404
A E A1 mounting base
D1
D
HD
2
Lp
1
3
b c Q
e
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.80 14.80 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC JEITA
EUROPEAN PROJECTION
ISSUE DATE 05-02-11 06-03-16
Fig 16. Package outline SOT404 (D2PAK)
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
10 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
8. Revision history
Table 7. Revision history Release date 20090731 Data sheet status Product data sheet Change notice Supersedes BUK7575_7675-100A-01 Document ID BUK7675-100A_2 Modifications:
* * *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Type number BUK7675-100A separated from data sheet BUK7575_7675-100A-01. Product specification -
BUK7575_7675-100A-01 (9397 750 07623)
20001024
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
11 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
9. Legal information
9.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status [1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term 'short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
9.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. Export control -- This document as well as the item(s) described herein may be subject to export control regulations. Export might require a prior authorization from national authorities.
9.3
Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk.
9.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. TrenchMOS -- is a trademark of NXP B.V.
10. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
BUK7675-100A_2
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 -- 31 July 2009
12 of 13
NXP Semiconductors
BUK7675-100A
N-channel TrenchMOS standard level FET
11. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 9.1 9.2 9.3 9.4 10 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 General description . . . . . . . . . . . . . . . . . . . . . .1 Features and benefits . . . . . . . . . . . . . . . . . . . . .1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 Quick reference data . . . . . . . . . . . . . . . . . . . . .1 Pinning information . . . . . . . . . . . . . . . . . . . . . . .2 Ordering information . . . . . . . . . . . . . . . . . . . . . .2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .3 Thermal characteristics . . . . . . . . . . . . . . . . . . .5 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .6 Package outline . . . . . . . . . . . . . . . . . . . . . . . . .10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 11 Legal information. . . . . . . . . . . . . . . . . . . . . . . .12 Data sheet status . . . . . . . . . . . . . . . . . . . . . . .12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Contact information. . . . . . . . . . . . . . . . . . . . . .12
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 31 July 2009 Document identifier: BUK7675-100A_2


▲Up To Search▲   

 
Price & Availability of BUK7675-100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X