Part Number Hot Search : 
LM78L10F KVX31S1 ADP0604 8P2602 ISL3243E 5MPL2 7461099 1N5296
Product Description
Full Text Search
 

To Download BC384R480T065VM-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM ArrayTM BC384R480T065VM-00
Features * 384 Vdc - 48 Vdc 650 W VI BRICK BCM Array * Integrated heatsink simplifies
TM
thermal management
* Vertical mount package reduces footprint * High efficiency (>95%) reduces system
power consumption
Size: 3.54 x 0.56 x 1.13 in 89,9 x 14,2 x 28,7 mm
* High power density (>290 W/in3) * Contains built-in protection features:
undervoltage, overvoltage lockout, over current protection, short circuit protection, overtemperature protection
Vin = 360 - 400 V Vout = 45 - 50 V (NO LOAD) POUT = 650 W(NOM) K = 1/8
* ZVS/ZCS Resonant Sine Amplitude
Converter topology
Product Description
The VI BRICK BCM Array is a high efficiency (>95%) Sine Amplitude Converter (SAC) operating from a 360 to 400 Vdc primary bus to deliver an isolated 45-50 V nominal, unregulated secondary. The SAC offers a low AC impedance beyond the bandwidth of most downstream regulators, meaning that input capacitance normally located at the input of a regulator can be located at the input to the SAC. Since the K factor of the BC384R480T065VM-00 is 1/8, that capacitance value can be reduced by a factor of 64x, resulting in savings of board area, materials and total system cost.
TM
* Can be paralleled to create multi-kW arrays * Internal fuse and filter * No output filtering required
TYPICAL APPLICATIONS * High End Computing Systems * Automated Test Equipment * Telecom Base Stations * High Density Power Supplies * Communications Systems
Absolute Maximum Ratings
Parameter
+In to -In PC to -In +In/-In to +Out/-Out +In/-In to +Out/-Out +Out to -Out
Values
-1.0 to 440 -0.3 to +20 4242 500 -1.0 to +60
Unit
Vdc Vdc V V Vdc
Notes
Hi Pot Working
VI BRICK BCM Array
BC384R480T065VM-00
vicorpower.com
Rev. 1.1
Page 1 of 10
SPECIFICATIONS
1.0 ELECTRICAL CHARACTERISTICS Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the temperature range of -40C < TC < 100C (T-Grade); All other specifications are at TC = 25C unless otherwise noted
ATTRIBUTE Voltage range dV/dt Quiescent power No load power dissipation Inrush Current Peak DC Input Current K Factor SYMBOL VIN dVIN /dt PQ PNL IINR_P IIN_DC K POUT POUT_P VOUT IOUT ROUT ROUT ROUT COUT FSW FSW_RP VOUT_PP TON1 VIN = 384 VDC; See Figure 11 VIN = 360 - 400 VDC; See Figure 11 VIN = 384 VDC Average POUT < = 650 W, Tpeak < 5 ms No load Pout < = 650 W VIN = 384 V, POUT = 650 W VIN = 360 V to 400 V, POUT = 650 W VIN = 384 V, TJ = 100 C,POUT = 650 W 120 W < POUT < 650 W Max TC = 25 C TC = 100 C TC = -40 C CONDITIONS / NOTES MIN 360 PC connected to -IN VIN = 384 V VIN = 360 to 400 V VIN = 400 V COUT = 100 F, POUT = 650 W POUT = 650 W TYP 384 790 13 4 MAX 400 1 820 20 27 8 2 1/8 650 600 990 45 94.2 94.2 94 90 50 75 30 1.66 3.33 COUT = 0 F, POUT = 650 W, VIN = 384 V VIN = 384 V, CPC = 0 460 85 118 65 1.75 3.5 180 540 100 135 90 200 1.83 3.66 450 620 95.5 95 50 14.1 W W V A % % % m m m uF MHz MHz mV ms UNIT Vdc V/s mW W A A
()
VOUT VIN
Output Power (Average) Output Power (Peak) Output Voltage Output Current (Average) Efficiency (Ambient) Efficiency (Hot) Minimum Efficiency (Over Load Range) Output Resistance (Ambient) Output Resistance (Hot) Output Resistance (Cold) Load Capacitance Switching Frequency Ripple Frequency Output Voltage Ripple VIN to VOUT (Application of VIN) CNTRL CNTRL Voltage (Operating) CNTRL Voltage (Enable) CNTRL Voltage (Disable) CNTRL Source Current (Startup) CNTRL Source Current (Operating) CNTRL Internal Resistance CNTRL Capacitance (Internal) CNTRL Capacitance (External) External CNTRL Resistance CNTRL External Toggle Rate CNTRL to VOUT with CNTRL Released CNTRL to VOUT, Disable CNTRL
VPC VPC_EN VPC_DIS IPC_EN IPC_OP RPC_SNK CPC_INT CPC_EXT RPC FPC_TOG Ton2 TPC_DIS
4.7 2 100 4 25
5 2.5 200 7 75
Internal pull down resistor External capacitance delays PC enable time Connected to -VIN VIN = 384 V, Pre-applied CPC = 0, COUT = 0 VIN = 384 V, Pre-applied CPC = 0, COUT = 0
5.3 3 1.95 600 10 200 2000 2000 1 150 10
25 50 100 4
V V V uA mA k pF pF k Hz s s
VI BRICK BCM Array
BC384R480T065VM-00
vicorpower.com
Rev. 1.1
Page 2 of 10
SPECIFICATIONS
1.0 ELECTRICAL CHARACTERISTICS (CONT.) Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the temperature range of -40C < TC < 100C (T-Grade); All other specifications are at TC = 25C unless otherwise noted
ATTRIBUTE PROTECTION Negative going OVLO Positive going OVLO Negative going UVLO Positive going UVLO Output Overcurrent Trip Short Circuit Protection Trip Current Short Circuit Protection Response Time Thermal Shutdown Junction setpoint GENERAL SPECIFICATION Isolation Voltage (Hi-Pot) Working Voltage (IN - OUT) Isolation Capacitance Isolation Resistance MTBF Agency Approvals/Standards SYMBOL CONDITIONS / NOTES MIN TYP MAX UNIT
VIN_OVLOVIN_OVLO+ VIN_UVLOVIN_UVLO+ IOCP ISCP TSCP TJ_OTP
VIN = 384 V, 25C
400 420 270 290 18 28
420 430 285 310 22
430 440 304 330 28
V V V V A A
1.2 125 130 135
s C
VHIPOT VWORKING CIN_OUT RIN_OUT
4242 Unpowered unit MIL HDBK 217F, 25 C, GB cTUVus (Pending Approvals) CE Mark 500 5 660 2.1 500 800
V V pF M Mhrs
VI BRICK BCM Array
BC384R480T065VM-00
vicorpower.com
Rev. 1.1
Page 3 of 10
SPECIFICATIONS
GENERAL
Parameter Min Typ Max Unit Note
Mechanical Weight Dimensions Length Width Height Thermal Over temperature shutdown Operating temperature - heatsink Junction-to-heatsink thermal impedance (RJC) Heatsink to ambient thermal impedance (RHA)
See Mechanical Drawings 3.2/92 3.54/ 89,9 0.56/ 14,2 1.13/ 28,7 125 130 0.50 5.95 3.55/ 90,1 0.57/ 14,6 1.18/ 30,0 135 100 0.65 6.10 oz /g in /mm in /mm in /mm C C C/W C/W Junction temperature See thermal curve, Figure 14 Heatsink temperature measured in location shown in Figure 15 Refer to http://www.vicorpower.com/ technical_library/calculators/calc_t~1.xls
APPLICATION CHARACTERISTICS All specifications are at TC = 25 unless otherwise noted. See associated figures for general trend data.
ATTRIBUTE No Load Power Inrush Current Peak Efficiency (Ambient) Efficiency (Hot - 100C) Output Voltage Ripple Undervoltage Lockout Response Time Constant Output Overcurrent Response Time Constant Overvoltage Lockout Response Time Constant SYMBOL PNL INR_P VOUT_PP TUVLO TOCP TOVLO 18 < IOCP < 28 A CONDITIONS / NOTES VIN = 384 V, PC enabled; See Figure 1 COUT = 100 F, POUT = 650 W VIN = 384 V, POUT = 650 W VIN = 384 V, POUT = 650 W COUT = 0 uF, POUT = 650 W @ VIN = 384, VIN = 384 V TYP 13 4 95.5 95 180 150 5 120 UNIT W A % % mV s ms s
VI BRICK BCM Array
BC384R480T065VM-00
vicorpower.com
Rev. 1.1
Page 4 of 10
SPECIFICATIONS
No Load Power Dissipation vs Line
No Load Power Dissipation (W)
28 24 97 96.5
Full Load Efficiency vs Temperature
Efficiency (%)
360 365 370 375
-40
20 16 12 8 4 0 355 380 385
25
96 95.5 95 94.5 94 -60
390
100
395
400
405
-40
-20 VIN :
0
360
20
40
384
60
400
80
100
120
Input Voltage
TCASE:
Case Temperature (C)
Figure 1 - No load power dissipation vs. VIN; TCASE
Figure 2 - Full load efficiency vs. temperature; VIN
Efficiency & Power Dissipation -40C Case
95 90
Efficiency & Power Dissipation 25C Case
42
98
Power Dissipation (W)
38 34
Efficiency (%)
94
Efficiency (%)
85 80 75 70 65 60 0 2 4 6 8 10 12 14
92 90 88 86 84 82 80 0
360
PD
30 26 22 18 14
PD
30 26 22 18 16
2
4
384
6
8
400
10
360
12
14
384
10 16
400
Output Load (A)
VIN :
Output Load (A)
VIN :
360 384 400 360 384 400
Figure 3 - Efficiency and power dissipation at -40C (case); VIN
Figure 4 - Efficiency and power dissipation at 25C (case); VIN
Efficiency & Power Dissipation 100C Case
98 96 40
Rout vs Case Temperature
120
Power Dissipation (W)
Efficiency (%)
94 92 90 88 86 84 82 80 0 2
PD
36 32 28 24 20 16 12 4 6 8 10 12 14 16 8
110
Rout (mohm)
100 90 80 70 60 50 -60 -40 -20 I OUT: 0 20 40 60 80 100 120
Output Load (A)
VIN :
360 384 400 360 384 400
Temperature (C)
1.4 14.1
Figure 5 - Efficiency and power dissipation at 100C (case); VIN
Figure 6 - ROUT vs. temperature vs. IOUT
VI BRICK BCM Array
BC384R480T065VM-00
vicorpower.com
Rev. 1.1
Page 5 of 10
Power Dissipation (W)
96
34
SPECIFICATIONS
Output Voltage Ripple at 25C vs. Iout
180 160 140 120 100 80 60 40 20 0 0 1 2 3 4 5 6 7 8
Vripple (mV)
Iout (A)
Figure 7 - Typical Vripple vs. IOUT ; 384 Vin, no external capacitance
Figure 8 - CNTRL to VOUT startup waveform
Figure 9 - VIN to VOUT startup waveform
Figure 10 - CNTRL disable waveform, 384 VIN, 200 F COUT full load
Safe Operating Area
1200
Output Power (W)
1000 800 600 400 200 0 43.85 44.85 45.85 46.85 47.85 48.85 49.85 50.85
Output Voltage (V)
Steady State 5mS 650W Ave
Figure 11 - Safe Operating Area vs. VOUT
VI BRICK BCM Array
BC384R480T065VM-00
vicorpower.com
Rev. 1.1
Page 6 of 10
SPECIFICATIONS
MECHANICAL DRAWING
.558 .015 14.17 .38
1.130 28.70
+IN
+OUT2A
+OUT2A
+OUT2A
+OUT2A
+OUT2B
+OUT2B
+OUT2B
+OUT2B
-OUT1A
-OUT1A
-OUT1A
-OUT1A
-OUT1B
-OUT1B
-OUT1B
-OUT1B
-IN CNTRL
.14 3.56 (19) PL.
SEATING PLANE
.08 2.00 .16 4.00 (14) PL. .165 .015 4.18 .38 1.10 28.00 .315 8.00 1.10 28.00 .39 10.00 .24 6.00
.10 2.65 (19) PL.
.10 2.49 (19) PL.
.075 TYP 1.91
SEE DETAIL A
.19 4.93
.03 TYP .73
.62 15.73 3.54 89.94
UNLESS OTHERWISE SPECIFIED DIMENSIONS ARE INCH [MM]TOLERANCES ARE:
DETAIL A
SCALE: 10X
DECIMALS .01 [0.25] .XX= .005 [0.127] .XXX=
-+ -+
ANGLES 10
-+
Figure 12 - Outline Drawing
RECOMMENDED PCB PATTERN
Figure 13 - PCB Layout
VI BRICK BCM Array
BC384R480T065VM-00
vicorpower.com
Rev. 1.1
Page 7 of 10
THERMALS AND PIN CONTROL FUNCTIONS
800 700 600
Free Air 200 LFM
Output Power (W)
500 400 300 200 100 0 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95 100
400 LFM 600 LFM 800 LFM 1000 LFM Power Limit
Ambient Temperature (C)
Figure 14 - Typical thermal curve - verify all thermal management systems experimentally.
CNTRL - Enable / Disable
The Enable / Disable signal is a multifunction node that provides the following functions: Enable / Disable - If CNTRL is left floating, the module output is enabled. Once this port is pulled lower than 1.95 Vdc with respect to -In, the output is disabled. This action can be realized by employing a relay, opto-coupler, or open collector transistor. This signal should not be toggled at a rate higher than 1 Hz. CNTRL should also not be driven by or pulled up to an external voltage source. Primary Auxiliary Supply - CNTRL can source up to 10 mA at 5.0 Vdc. CNTRL should never be used to sink current. Alarm - The module contains circuitry that monitors output overload, input over voltage or under voltage, and internal junction temperatures. In response to an abnormal condition in any of the monitored parameters, CNTRL will toggle.
Figure 15 -- Temp measurement location
+In / -In - DC Voltage Input Ports
The BCM Array input voltage range should not be exceeded. An internal under / over voltage lockout-function prevents operation outside of the normal operating input range. The module turns on within an input voltage window bounded by the "Input undervoltage turn-on" and "Input over-voltage turn-off" levels, as specified. The module may be protected against accidental application of a reverse input voltage by the addition of a rectifier in series with the positive input, or a reverse rectifier in shunt with the positive input located on the load side of the input fuse.
+Out / -Out - DC Voltage Output Ports
Multiple pins are provided for the +Out and -Out connections. They must be connected in parallel with low interconnect resistance. The low output impedance of the module reduces or eliminates the need for limited life aluminum electrolytic or tantalum capacitors at the input of POL converters. Total load capacitance at the output of the device should not exceed the specified maximum. Owing to the wide bandwidth and low output impedance of the BCM Array, low frequency bypass capacitance and significant energy storage may be more densely and efficiently provided by adding capacitance at the input.
VI BRICK BCM Array
BC384R480T065VM-00
vicorpower.com
Rev. 1.1
Page 8 of 10
SPECIFICATIONS
CURRENT SHARING The SAC topology bases its performance on efficient transfer of energy through a transformer, without the need of closed loop control. For this reason, the transfer characteristic can be approximated by an ideal transformer with some resistive drop and positive temperature coefficient. This type of characteristic is close to the impedance characteristic of a DC power distribution system, both in behavior (AC dynamic) and absolute value (DC dynamic). When connected in an array (with same K factor), the BCM module will inherently share the load current with parallel units, according to the equivalent impedance divider that the system implements from the power source to the point of load. It is important to notice that, when successfully started, BCMs are capable of bidirectional operations (reverse power transfer is enabled if the BCM input falls within its operating range and the BCM is otherwise enabled). In parallel arrays, because of the resistive behavior, circulating currents are never experienced, because of energy conservation law. General recommendations to achieve matched array impedances are (see also AN016 for further details): * to dedicate common copper planes within the PCB to deliver and return the current to the modules * to make the PCB layout as symmetric as possible * to apply same input/output filters (if present) to each unit
Figure 16 - BCM Array
VI BRICK BCM Array
BC384R480T065VM-00
vicorpower.com
Rev. 1.1
Page 9 of 10
Warranty
Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in normal use and service. This warranty does not extend to products subjected to misuse, accident, or improper application or maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original purchaser only. EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty, the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products returned without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning the product to the factory. Vicor will pay all reshipment charges if the product was defective within the terms of this warranty. Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve reliability, function, or design. Vicor does not assume any liability arising out of the application or use of any product or circuit; neither does it convey any license under its patent rights nor the rights of others. Vicor general policy does not recommend the use of its components in life support applications wherein a failure or malfunction may directly threaten life or injury. Per Vicor Terms and Conditions of Sale, the user of Vicor components in life support applications assumes all risks of such use and indemnifies Vicor against all damages.
Vicor's comprehensive line of power solutions includes high density AC-DC and DC-DC modules and accessory components, fully configurable AC-DC and DC-DC power supplies, and complete custom power systems.
Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor's Terms and Conditions of Sale, which are available upon request.
Specifications are subject to change without notice.
Intellectual Property Notice
Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent applications) relating to the products described in this data sheet. Interested parties should contact Vicor's Intellectual Property Department. The products described on this data sheet are protected by the following U.S. Patents Numbers: 5,945,130; 6,403,009; 6,710,257; 6,911,848; 6,930,893; 6,934,166; 6,940,013; 6,969,909; 7,038,917; 7,166,898; 7,187,263; 7,361,844; D496,906; D505,114; D506,438; D509,472; and for use under 6,975,098 and 6,984,965
Vicor Corporation 25 Frontage Road Andover, MA, USA 01810 Tel: 800-735-6200 Fax: 978-475-6715 email Customer Service: custserv@vicorpower.com Technical Support: apps@vicorpower.com
VI BRICK BCM Array
BC384R480T065VM-00
vicorpower.com
Rev. 1.1
Page 10 of 10


▲Up To Search▲   

 
Price & Availability of BC384R480T065VM-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X