Part Number Hot Search : 
1631A STH80N05 T100N1T TND017 D4SB80 MIC74BQS 04330L AOZ8175
Product Description
Full Text Search
 

To Download BAV30109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV301~BAV303
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODES
VOLTAGE
120 to 250 Volts
POWER
300 mWatts
MICRO-MELF
Unit : inch (mm)
FEATURES
* Fast switching Speed. * Surface Mount Package Ideally Suited For Automatic Insertion. * Silicon Epitaxal Planar Construction. * In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
* Case: Micro Melf, Glass * Terminals: Solderable per MIL-STD-202E, Method 208 * Polarity: Cathode Band * Marking: Cathode Band Only * Weight: 0.01 grams * Packing information T/R - 2.5K per 7" plastic Reel
.043(1.1) .008(0.2)
.008(0.2)
.079(2.0) .071(1.8)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25C unless otherwise noted)
PA RA M E TE R R e ve r s e V o l t a g e P e a k R e ve r s e V o l t a g e R e c t i f i e d C ur r e nt ( A ve r a g e ) , H a l f Wa ve R e c t i f i c a t i o n w i t h R e s i s t i ve L o a d a nd f > = 5 0 H z P e a k F o r w a r d S ur g e C ur r e nt , t = 1 0 0 0 m s P o w e r D i s s i p a t i o n D e r a t e A b o ve a t 2 5 O C M a x i m u m F o r w a r d V o l t a g e , IF = 1 0 0 m A M a xi m um D C R e ve r s e C ur r e nt a t R a t e d D C B l o c k i ng Vo lt a g e TJ = 2 5 O C Ty p i c a l J u n c t i o n C a p a c i t a n c e ( N o t e 1 ) M a xi m um R e ve r s e R e c o ve r y ( N o t e 2 ) Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i o n J u n c t i o n S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L VR VRRM IO IF S M PD VF IR CJ trr RJ A TS T G
B AV 3 0 1 100 120
B AV 3 0 2 150 200 200 1 .0 300 1 .0 0 .1 3 .0 75 350 -6 5 to +1 7 5
B AV 3 0 3 200 250
.040(1.0) .048(1.2)DIA.
U N IT S V V mA A mW V A pF ns
O
C/W
O
C
NOTE: 1. CJ at VR=0, f=1MHZ 2. From IF=10mA to IR=-1mA, VR=6Volts, RL=100
STAD-JAN.08.2009
PAGE . 1
BAV301~BAV303
RATING AND CHARACTERISTIC CURVES
100
3.5 2.8 2.1 1.4 0.7 0.0 0
FORWARD CURRENT, mA
10
-25 C 25 C
O
O
1.0
75 O C T A =125 C
O
CAPACITANCE, pF
0.2 0 .4 .8 1.2 1.6
1
2
3
4
5
FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
F i g . 1 FORWARD CHARACTERISTICS
Fig.2 TYPICAL CAPACITANCE vs REVERSE VOLATGE
14 12 10 8 6 4 2 0
SURGE CURRENT, A
0
1
10
100
1000
PULSE WIDTH, ms
F i g . S U R GE C U R RE N T C HA R A C T ER I S T I C
STAD-JAN.08.2009
PAGE . 2
BAV301~BAV303
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 2.5K per 7" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JAN.08.2009
PAGE . 3


▲Up To Search▲   

 
Price & Availability of BAV30109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X