Part Number Hot Search : 
432BBNH MCP6231 127DU SRAS2045 2SC2486 LC66512 WS7107 CQYP40A
Product Description
Full Text Search
 

To Download B78421A1720A00308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISDN transformers
UK0 interface, 2B1Q EP 13, 14.47 mH, 1:1:1
Series/Type: B78421A1720A003 October 2008
7ffARspp
Date:
(c) EPCOS AG 2008. Reproduction, publication and dissemination of this publication, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Transformers for information technology (ISDN) UK0 interface, 2B1Q
Applications
Matching to Infineon ICs Q-Smint
B78421A1720A003 EP 13
Dimensional drawing
13.5 max.
Feature
RoHS-compatible
0.7 x 0.3 Pin 1 marking
12.4 max.
PEF 80912, 80913 PEF 81912, 81913 PEF 82912, 82913
17.2 max.
FIN0146-Y-E
Marking
Manufacturer, middle block
Layout recommendation
2.7
10 9 8 7 6 1.2
of ordering code, date code Delivery mode and packing unit
32-mm blister tape, 330-mm reel Packing unit upon request
Pinning
6 N1 Line 7 9 N2 10 1
FIN0155-X-E
20
12345
5 N3 IC
2.5 4 x 2.5 = 10
FIN0147-G
Dimensions in mm
Please read Cautions and warnings and Important notes at the end of this document.
2
10/08
Transformers for information technology (ISDN) UK0 interface, 2B1Q
Technical data and measuring conditions Main inductance L (6-10) Stray inductance Lstray (6-10) Interwinding capacitance Ci (7-1) Resistance RDC (Line); RDC (IC) Test voltage Vtest DC current IDC Transmission code Operating temperature range Weight 10 kHz, 100 mV, short 9-7 10 kHz, 100 mV, short 5-1, 9-7 100 kHz, 100 mV, short 9-7 RDC(Line): short 7-9; RDC(IC): - 50 Hz, 1 s; N 1, N 2 against N 3 With IDC bias L drops < 5% 2B1Q -40 C ... +85 C Approx. 6.4 g
B78421A1720A003 EP 13
Characteristics and ordering code (electrical specifications at 25 C) Ordering code Type/Core N1 : N2 : N3 L L stray (typ.) C i (typ.) RDC (Line) (typ.) RDC (IC) (typ.) Vtest IDC (typ.) B78421A1720A003 EP 13 1:1:1 14.47 8% 160 29 7.8 3.8 2000 60 mH H pF V AC mA
Please read Cautions and warnings and Important notes at the end of this document.
3
10/08
Cautions and warnings
Please note the recommendations in our Inductors data book (latest edition) and in the data
sheets. - Particular attention should be paid to the derating curves given there. - The soldering conditions should also be observed. Temperatures quoted in relation to wave soldering refer to the pin, not the housing.
If the components are to be washed varnished it is necessary to check whether the washing
varnish agent that is used has a negative effect on the wire insulation, any plastics that are used, or on glued joints. In particular, it is possible for washing varnish agent residues to have a negative effect in the long-term on wire insulation.
The following points must be observed if the components are potted in customer applications:
- Many potting materials shrink as they harden. They therefore exert a pressure on the plastic housing or core. This pressure can have a deleterious effect on electrical properties, and in extreme cases can damage the core or plastic housing mechanically. - It is necessary to check whether the potting material used attacks or destroys the wire insulation, plastics or glue. - The effect of the potting material can change the high-frequency behaviour of the components.
Ferrites are sensitive to direct impact. This can cause the core material to flake, or lead to
breakage of the core.
Even for customer-specific products, conclusive validation of the component in the circuit can
only be carried out by the customer.
Please read Cautions and warnings and Important notes at the end of this document.
4
10/08
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of an electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of an electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as hazardous). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available. The aforementioned does not apply in the case of individual agreements deviating from the foregoing for customer-specific products. 6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, BAOKE, Alu-X, CeraDiode, CSMP, CSSP, CTVS, DSSP, MiniBlue, MKK, MLSC, MotorCap, PCC, PhaseCap, PhaseCube, PhaseMod, SIFERRIT, SIFI, SIKOREL, SilverCap, SIMDAD, SIMID, SineFormer, SIOV, SIP5D, SIP5K, ThermoFuse, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks. 5 03/09


▲Up To Search▲   

 
Price & Availability of B78421A1720A00308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X