Part Number Hot Search : 
LTC6078 RE46C101 RB085 C2525A RE46C101 UB261 AN331 2812D
Product Description
Full Text Search
 

To Download AQY221N2S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RF SOP 1 Form A CxR10 (AQY2212S)
Miniature SOP4-pin with CxR10 40V load voltage
RF SOP 1 Form A CxR10
(AQY2212S)
FEATURES
4.3 .169 4.4 .173 2.1 .083 4.3 .169 4.4 .173 2.1 .083
TYPICAL APPLICATIONS
1. Measuring and testing equipment IC tester, Liquid crystal driver tester, Semiconductor performance tester, Bare board tester, In-circuit tester, Function tester, etc. 2. Telecommunication and broadcasting equipment 3. Medical equipment Ultrasonic wave diagnostic machine 4. Multi-point recorder Warping, Thermo couple, etc.
1. Both low on-resistance (R type) and low capacitance (C type) available at excellent characteristics of CxR10
AQY221R2S (R type) Low on resistance: R Low output capacitance: C 0.8 13pF AQY221N2S (C type) 9.5 1pF


mm inch
1
4
2
3
Compliance with RoHS Directive
2. High speed switching Turn on time: 0.03ms (typ.) Turn off time: 0.03ms (typ.) (AQY221N2S) 3. Small profile of miniature SOP4-pin 4. Low-level off state leakage current of typ. 0.01nA (AQY221N2S)
TYPES
Output rating* Type Load voltage 40V 40V Load current 250mA SOP4-pin Low capacitance (C type) 120mA AQY221N2S AQY221N2SX AQY221N2SZ Package Tube packing style AQY221R2S Part No. Tape and reel packing style Picked from the Picked from the 1/2-pin side 3/4-pin side AQY221R2SX AQY221R2SZ Packing quantity Tube 1 tube contains: 100 pcs. 1 batch contains: 2,000 pcs. Tape and reel
AC/DC dual use
Low on resistance (R type)
1,000 pcs.
* Indicate the peak AC and DC values. Note: For space reasons, the initial letters of the part number "AQY", the package (SOP) indicator "S" and the packing style indicator "X" or "Z" are not marked on the relay. (Ex. the label for product number AQY221R2SX is 221R2)
RATING
1. Absolute maximum ratings (Ambient temperature: 25C 77F)
Item LED forward current LED reverse voltage Peak forward current Power dissipation Load voltage (peak AC) Continuous load current Peak load current Power dissipation Symbol IF VR IFP Pin VL IL Ipeak Pout PT Viso Topr Tstg AQY221R2S (R type) 50mA 5V 1A 75mW 40V 0.25A 0.75A 300mW 350mW 500V AC 1,500V AC -40C to +85C -40F to +185F -40C to +100C -40F to +212F Non-condensing at low temperatures 0.12A 0.30A AQY221N2S (C type) Remarks
Input
f=100 Hz, Duty factor=0.1%
Output
Peak AC, DC 100 ms (1 shot), VL= DC
Total power dissipation I/O isolation voltage Temperature limits Operating Storage
All Rights Reserved (c) COPYRIGHT Panasonic Electric Works Co., Ltd.
RF SOP 1 Form A CxR10 (AQY2212S)
2. Electrical characteristics (Ambient temperature: 25C 77F)
Item LED operate current Input LED turn off current LED dropout voltage Typical Maximum Minimum Typical Typical Maximum Typical On resistance Maximum Output Output capacitance Maximum Off state leakage current Typical Maximum Typical Turn on time* Maximum Transfer characteristics Typical Turn off time* Maximum I/O capacitance Initial I/O isolation resistance Typical Maximum Minimum Ciso Riso Toff 0.2 ms 0.8 pF 1.5 pF 1,000M 0.06 ms Ton 0.5ms 0.03 ms ILeak Typical Cout 18 pF 0.03 nA 10 nA 0.1 ms 0.03 ms 1.5 pF 0.01 nA Ron 1.25 13 pF 12.5 1.0 pF Symbol IFon IFoff VF AQY221R2S (R type) 0.5 mA 3.0 mA 0.1 mA 0.2 mA 0.4 mA 0.85 mA 1.25 V (1.14 V at IF = 5 mA) 1.5 V 0.8 9.5 AQY221N2S (C type) 0.9 mA Condition IL = 250 mA (R type) IL = 80 mA (C type) IL = 250 mA (R type) IL = 80 mA (C type) IF = 50 mA IF = 5 mA IL = 250 mA (R type), IL = 80 mA (C type) Within 1 s on time IF = 0 mA VB = 0 V f = 1 MHz IF = 0 mA VL = Max. IF = 5 mA VL = 10V RL = 40 (R type), 125 (C type) IF = 5 mA VL = 10V RL = 40 (R type), 125 (C type) f = 1 MHz VB = 0 V 500 V DC
*Turn on/Turn off time
Input
90% 10%
Output
Ton
Toff
RECOMMENDED OPERATING CONDITIONS
Please obey the following conditions to ensure proper relay operation and resetting.
Item Input LED current Symbol IF Recommended value 5 Unit mA
For Dimensions For Schematic and Wiring Diagrams For Cautions for Use
These products are not designed for automotive use. If you are considering to use these products for automotive applications, please contact your local Panasonic Electric Works technical representative. For more information
All Rights Reserved (c) COPYRIGHT Panasonic Electric Works Co., Ltd.
RF SOP 1 Form A CxR10 (AQY2212S)
REFERENCE DATA
1. Load current vs. ambient temperature characteristics
Allowable ambient temperature: -40C to +85C -40F to +185F
350 300 Load current, mA 250 200 150 100 50 0 -40 AQY221R2S Load current, mA 280 AQY221R2S 240 200 160 120 80 5 40 AQY221R2S -20 0 20 40 60 8085 100 0 0 10 20 30 40 50 0 -40 -20 0 20 40 60 8085 Ambient temperature, C AQY221N2S On resistance, 20
2. Load current vs. Load voltage characteristics
Ambient temperature: 25C 77F
3. On resistance vs. ambient temperature characteristics
Measured portion: between terminals 3 and 4 LED current: 5 mA; Load voltage: Max. (DC); Load current: 250mA (DC) [R type], 80mA (DC) [C type]
25
15
AQY221N2S
AQY221N2S
10
Ambient temperature, C
Load voltage, V
4. Turn on time vs. ambient temperature characteristics
Measured portion: between terminals 3 and 4 LED current: 5 mA; Load voltage: 10V (DC); Continuous load current: 250mA (DC) [R type], 80mA (DC) [C type]
0.3 0.25 Turn on time, ms
5. Turn off time vs. ambient temperature characteristics
LED current: 5 mA; Load voltage: 10V (DC); Continuous load current: 250mA (DC) [R type], 80mA (DC) [C type]
0.1
6. LED operate current vs. ambient temperature characteristics
Load voltage: Max. (DC); Continuous load current: 250mA (DC) [R type], 80mA (DC) [C type]
2 LED operate current, mA AQY221N2S 1.5
AQY221R2S 0.2 0.15 0.1 AQY221N2S 0.05 0
Turn off time, ms
0.08
0.06
1
AQY221R2S
0.04 AQY221R2S 0.02 AQY221N2S
0.5
-40
-20
80 85 0 20 40 60 Ambient temperature, C
0
-40
-20
0 20 40 60 80 85 Ambient temperature, C
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
7. LED turn off current vs. ambient temperature characteristics
Load voltage: Max. (DC); Continuous load current: 250mA (DC) [R type], 80mA (DC) [C type];
2 LED turn off current, mA
8. LED dropout voltage vs. ambient temperature characteristics
LED current: 5 to 50 mA
1.5 LED dropout voltage, V
9. Current vs. voltage characteristics of output at MOS portion
Measured portion: between terminals 3 and 4 Ambient temperature: 25C 77F
300 Current, mA AQY221R2S 200 AQY221N2S 100
AQY221N2S 1.5
1.4 1.3 1.2 1.1 1.0 50mA 30mA 20mA 10mA 5mA
1
-3.0 -2.5-2.0-1.5-1.0-0.5 0.5 1,0 1.5 2.0 2.5 3.0 Voltage, V -100 -200 -300
AQY221R2S
0.5
0
-40
-20
0 20 40 60 8085 Ambient temperature, C
0
-40 -20
0 20 40 60 80 85 100 Ambient temperature, C
All Rights Reserved (c) COPYRIGHT Panasonic Electric Works Co., Ltd.
RF SOP 1 Form A CxR10 (AQY2212S)
10. Off state leakage current vs. load voltage characteristics
Measured portion: between terminals 3 and 4 Ambient temperature: 25C 77F
11. Turn on time vs. LED forward current characteristics
Measured portion: between terminals 3 and 4 Load voltage: 10V (DC); Continuous load current: 250mA (DC) [R type], 80mA (DC) [C type]; Ambient temperature: 25C 77F
0.3 0.25
12. Turn off time vs. LED forward current characteristics
Measured portion: between terminals 3 and 4 Load voltage: 10V (DC); Continuous load current: 250mA (DC) [R type], 80mA (DC) [C type]; Ambient temperature: 25C 77F
0.1
10 -3 Off state leakage current, A Turn on time, ms
10 -6
0.2 AQY221R2S 0.15 0.1 0.05 0 AQY221N2S
Turn off time, ms
0.08
0.06
10 -9 AQY221R2S 10-12 0 10 AQY221N2S
0.04 AQY221R2S 0.02 AQY221N2S 0
20 30 40 Load voltage, V
50
0
10
20 30 40 50 LED forward current, mA
60
0
10
20 30 40 50 LED forward current, mA
60
13. Output capacitance vs. applied voltage characteristics
Measured portion: between terminals 3 and 4 Frequency: 1 MHz, 30m Vrms; Ambient temperature: 25C 77F
30 Output capacitance, pF 25 20 15 10
14. Isolation vs. frequency characteristics (50 impedance)
Measured portion: between terminals 3 and 4 Ambient temperature: 25C 77F
100
15. Insertion loss vs. frequency characteristics (50 impedance)
Measured portion: between terminals 3 and 4 Ambient temperature: 25C 77F
2
Insertion loss, dB
80 Isolation, dB
1.5
60
1 AQY221N2S 0.5
40
AQY221N2S
5 0
AQY221R2S AQY221N2S 0 10 20 30 40 Applied voltage, V 50
20
AQY221R2S AQY221R2S 0
04 10
105
106 107 Frequency, Hz
108
104
105
106 Frequency, Hz
107
16-(1). On resistance distribution (R type)
Measured portion: between terminals 3 and 4 Continuous load current: 250mA (DC) Ambient temperature: 25C 77F
60 50 Quantity, n
16-(2). On resistance distribution (C type)
Measured portion: between terminals 3 and 4 Continuous load current: 80mA (DC) Ambient temperature: 25C 77F
60 50 Quantity, n 40 30 20 10 0 8.6
17-(1). Turn on time distribution (R type)
Load voltage: 10V (DC) Continuous load current: 250mA (DC) Ambient temperature: 25C 77F
60 50 Quantity, n 40 30 20 10 0 0.09 0.1 0.11 0.12 0.13 0.14 0.15 0.16 0.17 0.18 0.19 Turn on time, ms
40 30 20 10 0 0.76 0.77 0.78 0.79 0.8 0.81 0.82 0.83 0.84 0.85 0.84 On resistance,
9
9.4
9.8
10.2
10.6
On resistance,
All Rights Reserved (c) COPYRIGHT Panasonic Electric Works Co., Ltd.
RF SOP 1 Form A CxR10 (AQY2212S)
17-(2). Turn on time distribution (C type)
Load voltage: 10V (DC) Continuous load current: 80mA (DC) Ambient temperature: 25C 77F
60 50 Quantity, n Quantity, n 40 30 20 10 0 0.01
18-(1). Turn off time distribution (R type)
Load voltage: 10V (DC) Continuous load current: 250mA (DC) Ambient temperature: 25C 77F
60 50 40 30 20 10 0 0.022 0.023 0.024 0.025 0.026 0.027 0.028 0.029 0.03 0.031 0.032 Turn off time, ms
18-(2). Turn off time distribution (C type)
Load voltage: 10V (DC) Continuous load current: 80mA (DC) Ambient temperature: 25C 77F
60 50 Quantity, n 40 30 20 10 0 0.018
0.02
0.03
0.04
0.05
0.06
0.022
0.026
0.03
0.034
0.038
Turn on time, ms
Turn off time, ms
19-(1). LED operate current distribution (R type)
Load voltage: 10V (DC) Continuous load current: 250mA (DC) Ambient temperature: 25C 77F
60 50 Quantity, n 40 30 20 10 0 0.7
19-(2). LED operate current distribution (C type)
Load voltage: 10V (DC) Continuous load current: 80mA (DC) Ambient temperature: 25C 77F
60 50 Quantity, n 40 30 20 10 0 0.4
0.8
0.9
1
1.1
1.2
0.6
0.8
1
1.2
1.4
LED operate current, mA
LED operate current, mA
All Rights Reserved (c) COPYRIGHT Panasonic Electric Works Co., Ltd.


▲Up To Search▲   

 
Price & Availability of AQY221N2S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X