Part Number Hot Search : 
HCS05H HER2002G X9313U 7C140 NB4L5207 1N5371 M505011V 1511235X
Product Description
Full Text Search
 

To Download APT15DQ120B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1200V 15A APT15DQ120B APT15DQ120S APT15DQ120BG* APT15DQ120SG*
*G Denotes RoHS Compliant, Pb Free Terminal Finish.
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
(B)
TO
PRODUCT APPLICATIONS
* Anti-Parallel Diode -Switchmode Power Supply -Inverters * Free Wheeling Diode -Motor Controllers -Converters -Inverters * Snubber Diode * PFC
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics
PRODUCT BENEFITS
* Low Losses * Low Noise Switching
1 2
-2 4
7
D3PAK
* Cooler Operation * Popular TO-247 Package or Surface Mount D3PAK Package * Higher Reliability Systems * Low Forward Voltage * Low Leakage Current * Avalanche Energy Rated * Increased System Power Density
1
2
(S)
1
2
1 - Cathode 2 - Anode Back of Case - Cathode
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM EAVL TJ,TSTG TL Characteristic / Test Conditions Maximum D.C. Reverse Voltage Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
All Ratings: TC = 25C unless otherwise specified.
APT15DQ120B(G)_S(G) UNIT
1200
Volts
Maximum Average Forward Current (TC = 127C, Duty Cycle = 0.5) RMS Forward Current (Square wave, 50% duty) Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Avalanche Energy (1A, 40mH) Operating and StorageTemperature Range Lead Temperature for 10 Sec.
15 29 110 20 -55 to 175 300
mJ C Amps
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 15A VF Forward Voltage IF = 30A IF = 15A, TJ = 125C IRM CT Maximum Reverse Leakage Current Junction Capacitance, VR = 200V VR = 1200V VR = 1200V, TJ = 125C MIN TYP MAX UNIT
2.8 3.4 2.45
3.3
Volts
100 500 17
Microsemi Website - http://www.microsemi.com
053-4223 Rev C
pF
7-2006
A
DYNAMIC CHARACTERISTICS
Symbol trr trr Qrr IRRM trr Qrr IRRM trr Qrr IRRM Characteristic Reverse Recovery Time Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current Reverse Recovery Time Reverse Recovery Charge Maximum Reverse Recovery Current IF = 15A, diF/dt = -1000A/s VR = 800V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 800V, TC = 125C IF = 15A, diF/dt = -200A/s VR = 800V, TC = 25C Test Conditions IF = 1A, diF/dt = -100A/s, VR = 30V, TJ = 25C MIN -
APT15DQ120B(G)_S(G)
TYP MAX UNIT ns nC
21 240 260 3 290 960 6 130 1340 19 -
-
Amps ns nC Amps ns nC Amps
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RJC WT Characteristic / Test Conditions Junction-to-Case Thermal Resistance Package Weight MIN TYP MAX UNIT C/W oz g
1.18 0.22 5.9 10 1.1
lb*in N*m
Torque
Maximum Mounting Torque
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
1.20 , THERMAL IMPEDANCE (C/W) D = 0.9 1.00 0.80 0.60 0.40 0.20 0 0.7
0.5
Note:
PDM
0.3 SINGLE PULSE
t1 t2
JC
0.1 0.05 10
-5
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t
Z
10-3 10-2 10-1 1.0 RECTANGULAR PULSE DURATION (seconds) FIGURE 1a. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
10-4
TJ (C)
7-2006
0.676 Dissipated Power (Watts) 0.00147 0.0440
TC (C)
0.504 ZEXT are the external thermal impedances: Case to sink, sink to ambient, etc. Set to zero when modeling only the case to junction.
053-4223 Rev C
FIGURE 1b, TRANSIENT THERMAL IMPEDANCE MODEL
ZEXT
TYPICAL PERFORMANCE CURVES
60 50 40 30 20 10 0 trr, REVERSE RECOVERY TIME (ns) TJ = 175C TJ = 125C TJ = 25C TJ = -55C
400 350 300 250 200 150 100 50 30A
APT15DQ120B(G)_S(G)
T = 125C J V = 800V
R
IF, FORWARD CURRENT (A)
15A
7.5A
1 2 3 4 5 VF, ANODE-TO-CATHODE VOLTAGE (V) Figure 2. Forward Current vs. Forward Voltage 2500 Qrr, REVERSE RECOVERY CHARGE (nC) 30A
T = 125C J V = 800V
R
0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE(A/s) Figure 3. Reverse Recovery Time vs. Current Rate of Change IRRM, REVERSE RECOVERY CURRENT (A) 25
T = 125C J V = 800V
R
0
30A
2000
20
1500 15A
15
1000 7.5A
10
15A
500
5
7.5A
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 4. Reverse Recovery Charge vs. Current Rate of Change 1.2 Kf, DYNAMIC PARAMETERS (Normalized to 1000A/s) 1.0 0.8 0.6
0
0 200 400 600 800 1000 1200 -diF /dt, CURRENT RATE OF CHANGE (A/s) Figure 5. Reverse Recovery Current vs. Current Rate of Change 35 30 25 IF(AV) (A) 20 15 10 5
Duty cycle = 0.5 T = 175C
J
0
trr trr IRRM
Qrr
Qrr
0.4 0.2 0.0
25 50 75 100 125 150 TJ, JUNCTION TEMPERATURE (C) Figure 6. Dynamic Parameters vs. Junction Temperature 80 CJ, JUNCTION CAPACITANCE (pF) 70 60 50 40
0
75 100 125 150 175 Case Temperature (C) Figure 7. Maximum Average Forward Current vs. CaseTemperature
0
25
50
20 10 10 100 200 VR, REVERSE VOLTAGE (V) Figure 8. Junction Capacitance vs. Reverse Voltage 0 1
053-4223 Rev C
7-2006
30
Vr +18V 0V D.U.T. 30H diF /dt Adjust
APT10078BLL
APT15DQ120B(G)_S(G)
trr/Qrr Waveform
PEARSON 2878 CURRENT TRANSFORMER
Figure 9. Diode Test Circuit
1 2 3 4
IF - Forward Conduction Current diF /dt - Rate of Diode Current Change Through Zero Crossing. IRRM - Maximum Reverse Recovery Current. Zero
1
4
5 3 2
trr - Reverse Recovery Time, measured from zero crossing where diode current goes from positive to negative, to the point at which the straight line through IRRM and 0.25 IRRM passes through zero. Qrr - Area Under the Curve Defined by IRRM and trr.
0.25 IRRM
5
Figure 10, Diode Reverse Recovery Waveform and Definitions
TO-247 Package Outline
e1 SAC: Tin, Silver, Copper
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
D PAK Package Outline
e3 100% Sn
4.90 (.193) 5.10 (.201) 1.45 (.057) 1.60 (.063) 15.85 (.624) 16.05(.632) 13.30 (.524) 13.60(.535)
3
Cathode (Heat Sink)
1.00 (.039) 1.15(.045)
Cathode
20.80 (.819) 21.46 (.845) 3.50 (.138) 3.81 (.150)
18.70 (.736) 19.10 (.752) 0.40 (.016) 0.65 (.026)
12.40 (.488) 12.70 (.500)
7-2006
4.50 (.177) Max. 0.40 (.016) 0.79 (.031) 1.65 (.065) 2.13 (.084) 1.01 (.040) 1.40 (.055)
19.81 (.780) 20.32 (.800)
0.020 (.001) 0.250 (.010) 2.70 (.106) 2.90 (.114)
1.15 (.045) 1.45 (.057)
1.20 (.047) 1.90 (.075) 1.40 (.055) 2.10 (.083) 5.45 (.215) BSC (2 Plcs.)
2.40 (.094) 2.70 (.106) (Base of Lead)
053-4223 Rev C
Anode
2.21 (.087) 2.59 (.102)
Heat Sink (Cathode) and Leads are Plated
Cathode
10.90 (.430) BSC
Dimensions in Millimeters and (Inches)
Anode Cathode Dimensions in Millimeters (Inches)
Microsemi's products are covered by one or more of U.S.patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. US and Foreign patents pending. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of APT15DQ120B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X