Part Number Hot Search : 
2SC4113 DB437 DB437 CP150 DB437 4822A TA7758 766101
Product Description
Full Text Search
 

To Download 79925-0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0799250002 Active
tdp_triad_differential_pair TDP(R) (Triad(R) Differential Pair) PCIe x1 Cable Assembly, 18 Circuit, 3.00m (9.842' ) Length, 4-40 Jackscrew
Documents: Drawing (PDF)
RoHS Certificate of Compliance (PDF) Series Cable Assemblies 79925 PCI Express*-to-PCI Express*, TDP(R)-to-TDP(R) tdp_triad_differential_pair PCI Express*, TDP(R) image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Connector to Connector Overview Product Name
Physical
Cable Length Circuits (Loaded) Color - Resin Gender Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Single Ended Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire/Cable Type 3.0m (9.84' ) 18 Black Male-Male Yes Phosphor Bronze Gold Tin High Temperature Thermoplastic Bag 0.050 In 1.27 mm 75 1.875 100 2.5 No Through Hole N/A 28 Round
Search Parts in this Series 79925Series
Electrical
Current - Maximum per Contact Shielded Voltage - Maximum 1.5A Yes 40V
Material Info Reference - Drawing Numbers
Sales Drawing SD-79925-002
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 79925-0002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X