Part Number Hot Search : 
SRUDH SC192 C165N GL494 Q6704 PE68624 BU4914F HXX06
Product Description
Full Text Search
 

To Download 74712-5003 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0747125003 Active
ganged_rf 6.25mm (.246") Pitch Ganged RF Header, Vertical, 6 Circuits
Documents: Drawing (PDF) Packaging Specification (PDF)
Product Specification PS-74854-001 (PDF) RoHS Certificate of Compliance (PDF) Series Backplane Connectors 74712 Backplane Port Numbered 2 Loaded PCB Header ganged_rf Ganged RF N/A image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Component Type Overview Product Name Style
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to PCB Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style 2 6 2 Black, Natural 500 No No Yes Copper High Temperature Thermoplastic, Polyester N/A N/A 2 Vertical 0.088 In 2.24 mm Yes None 0.177 In 4.50 mm Tray 0.246 In 6.25 mm 0.246 In 6.25 mm Yes No Yes -40C to +85C Through Hole - Compliant Pin
Search Parts in this Series 74712Series Mates With 74642 Ganged RF Receptacle
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shield Type 1A 3.0 Gbps 8 N/A
Shielded Voltage - Maximum
No 50V AC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-74712-101 PS-74854-001 SD-74712-002
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 74712-5003

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X