Part Number Hot Search : 
74HC160N PB114024 TN2124 KTC2875 IT8705AF CS9LASI 30106 11DQ03
Product Description
Full Text Search
 

To Download 74076-0002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description: Documents: Drawing (PDF)
0740760002 Active
vhdm__hsd VHDM-HSDTM Free-Standing Guide Pin
RoHS Certificate of Compliance (PDF)
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 74076 Backplane Tooling Manual Dimension C = 6/8 row Guide vhdm__hsd VHDM(R), VHDM-HSDTM N/A image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance?
Series
Physical
Circuits (Loaded) Circuits (maximum) Durability (mating cycles max) Keying to Mating Part Number of Columns Number of Pairs Number of Rows Orientation PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Stackable Surface Mount Compatible (SMC) Temperature Range - Operating 0 0 200 None N/A Open Pin Field 0 N/A None 0.157 In, 0.354 In 4.00 mm, 9.00 mm Bag 0.000 In 0.00 mm No No N/A
Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Search Parts in this Series 74076Series
Electrical
Current - Maximum per Contact Data Rate Shielded Voltage - Maximum N/A N/A No N/A
Material Info Reference - Drawing Numbers
Sales Drawing SD-74076-002, SD-74076-005 VHDM, VHDM-HSD and Very High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 74076-0002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X