Part Number Hot Search : 
P6KE15 0AA01 BAV23 KE39A 2A104J CPMC1300 UDA1320 X55C39
Product Description
Full Text Search
 

To Download 70247-1454 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0702471454 Active
cgrid__sl_products 2.54mm (.100") Pitch C-Grid(R) Header, Dual Row, Low Profile, Right Angle, Shrouded, 14 Circuits, 0.13m (5") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating
Documents: 3D Model Drawing (PDF) Product Specification PS-70246 (PDF)
Product Specification PS-70246-100 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only
Agency Certification
CSA UL LR19980 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Overview Product Name PCB Headers 70247 Wire-to-Board cgrid__sl_products C-Grid(R)
Physical
Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Flammability Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Shrouded Stackable Temperature Range - Operating No 14 14 Black 50 No 94V-0 No No None None Gold Tin Polyester 2 Right Angle 0.120 In 3.05 mm No None 0.062 In 1.60 mm Tray 0.100 In 2.54 mm 5.2 0.13 75.2 1.88 Center Slot Fully No -55C to +120C
Search Parts in this Series 70247Series Mates With 70450 SLTM Crimp Housing, 70058 SLTM Crimp Terminal
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact Voltage - Maximum 2.5A 250V DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Wave Capable (TH only) 1 265
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-87835-001 PS-70246, PS-70246-100 SDA-70247-**00-04
This document was generated on 05/24/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 70247-1454

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X