Part Number Hot Search : 
SVD8N60F SRP5001S CS8430 MF646 BA221 1008CR18 300A1 1N2815
Product Description
Full Text Search
 

To Download 42474-2421 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0015060241 Active
minifit_bmi 4.20mm (.165") Pitch Mini-Fit BMITM Receptacle Housing, Dual Row with Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-0, 24 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-5556-002 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only LR19980 R72081037 E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
CSA TUV UL
General
Product Family Series Comments Crimp Housings 42474 Current = 13A max. per circuit when header is mated to a receptacle loaded with 45750 series terminals crimped to 16 AWG wire. . See Molex product specification PS-45750-001 for additional current derating information. minifit_bmi Mini-Fit BMITM
Overview Product Name
Physical
Breakaway Circuits (maximum) Color - Resin Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating No 24 Natural (White) 94V-0, 94V-2 Female No None Nylon 2 Bag Yes 0.165 In 4.20 mm Yes No -40C to +105C
Search Parts in this Series 42474Series Mates With 42475 Mini-Fit BMITM Plug Housing. 43879 MiniFit CPITM Header. Mini-Fit BMITM Header 42404 , 42440. Mini-Fit SMCTM Surface Mount Compatible Header 43810 , 44068 Use With 5556 Mini-FitTM Crimp Terminal
Electrical
Current - Maximum per Contact 13A
Material Info
Old Part Number 42474-2421
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing Test Summary PK-42474-001 PS-5556-002 SD-42474-**** TS-5556-002
This document was generated on 05/27/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 42474-2421

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X