Part Number Hot Search : 
HETC4374 16NF10 C395964A 3HP04CH 16NF10 DSF10TL BZV55 RURP1520
Product Description
Full Text Search
 

To Download 3SMC90A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3SMC5.0A THRU 3SMC170A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS w w w. c e n t r a l s e m i . c o m
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 3SMC5.0A Series types are Surface Mount Uni-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Bi-directional devices, please refer to the 3SMC5.0CA Series data sheet.
SMC CASE
* This series is UL listed, UL file number E130224
MARKING CODE: SEE ELECTRICAL CHARACTERISTICS TABLE
MAXIMUM RATINGS: (TA=25C unless otherwise noted) Peak Power Dissipation (Note 1) Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature
SYMBOL PDM IFSM TJ, Tstg
3000 200 -65 to +150
UNITS W A C
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted)
REVERSE STAND-OFF VOLTAGE VRWM (V) 3SMC5.0A 3SMC6.0A 3SMC6.5A 3SMC7.0A 3SMC7.5A 3SMC8.0A 3SMC8.5A 3SMC9.0A 3SMC10A 3SMC11A 3SMC12A 3SMC13A 3SMC14A 3SMC15A 3SMC16A 3SMC17A 3SMC18A 3SMC20A 3SMC22A 3SMC24A 3SMC26A 3SMC28A 3SMC30A 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 BREAKDOWN VOLTAGE VBR @ MIN (V) 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 IT MAX (V) 7.25 7.67 8.30 8.95 9.58 10.23 10.82 11.5 12.8 14.0 15.3 16.5 17.9 19.2 20.5 21.7 23.3 25.5 28.0 30.7 33.2 35.8 38.3 IT (mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 1000 1000 500 200 100 50 25 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM CLAMPING VOLTAGE @ IPP VC (V) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 PEAK PULSE CURRENT (Note 1) IPP (A) 326.0 291.3 267.9 250.0 232.6 220.6 208.4 194.8 176.4 184.8 150.6 139.4 129.4 123.0 115.4 106.6 102.8 92.6 84.4 77.2 71.2 66.0 62.0 CHDE CHDG CHDK CHDM CHDP CHDR CHDT CHDV CHDX CHDZ CHEE CHEG CHEK CHEM CHEP CHER CHET CHEV CHEX CHEZ CHFE CHFG CHFK
TYPE
MARKING CODE
Notes: (1) Non-repetitive 10x1,000s pulse
R8 (20-November 2009)
3SMC5.0A THRU 3SMC170A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS ELECTRICAL CHARACTERISTICS - Continued:
REVERSE STAND-OFF VOLTAGE VRWM (V) 3SMC33A 3SMC36A 3SMC40A 3SMC43A 3SMC45A 3SMC48A 3SMC51A 3SMC54A 3SMC58A 3SMC60A 3SMC64A 3SMC70A 3SMC75A 3SMC78A 3SMC85A 3SMC90A 3SMC100A 3SMC110A 3SMC120A 3SMC130A 3SMC150A 3SMC160A 3SMC170A 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 BREAKDOWN VOLTAGE VBR @ MIN (V) 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100.0 111.0 122.0 133.0 144.0 167.0 178.0 189.0 IT MAX (V) 42.2 46.0 51.1 54.9 57.5 61.3 65.2 69.0 74.1 76.7 81.8 89.5 95.8 99.7 108.2 115.5 128.0 140.5 153.0 165.5 192.5 205.0 217.5 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM CLAMPING VOLTAGE @ IPP VC (V) 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275 PEAK PULSE CURRENT (Note 1) IPP (A) 56.2 51.6 46.4 43.2 41.2 38.8 36.4 34.4 32.0 31.0 29.2 26.6 24.8 22.8 20.8 20.6 18.6 16.8 15.6 14.4 12.4 11.6 11.0 CHFM CHFP CHFR CHFT CHFV CHFX CHFZ CHGE CHGG CHGK CHGM CHGP CHGR CHGT CHGV CHGX CHGZ CHHE CHHG CHHK CHHM CHHP CHHR
TYPE
TEST CURRENT
MARKING CODE
SMC CASE - MECHANICAL OUTLINE
R8 (20-November 2009)
w w w. c e n t r a l s e m i . c o m
3SMC5.0A THRU 3SMC170A SURFACE MOUNT UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS
TYPICAL ELECTRICAL CHARACTERISTICS
R8 (20-November 2009)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of 3SMC90A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X