Part Number Hot Search : 
H11AX 2SC34 IN74HC 32M10 32M10 KBL08G P0300SD WM896011
Product Description
Full Text Search
 

To Download 35068-9842 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Description:
0350689842 Active
MP-LockTM Quick Disconnect, Female, for 16-20 AWG (1.31-0.52mm), Metal Strip, Tab 4.75 by 0.50mm (.187 by .020"), Pre-Tin Plated, Insertion Force 0.8-1.4kgf (7.8-13.7N)
Documents: Drawing (PDF) Product Specification PS-68416-001 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Crimp Quality Equipment Product Name Type Quick Disconnects 35068 Yes MP-LockTM Quick Disconnect
image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Barrel Type Gender Glow-Wire Compliant Insulation Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Orientation Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Tab Thickness Tab Width Temperature Range - Operating Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Open Female No None Yes Brass Tin Tin Straight Reel 32.00 0.800 32.00 0.80 Yes 0.51mm (.020") 4.75mm (.187") -40C to +105C Crimp or Compression 3.40mm (.134") max. 16, 18, 20 0.50 - 1.30
Search Parts in this Series 35068Series Use With 35189 , 35817 , 35961 Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Mini-MacTM 0638014300 Applicator
Electrical
Voltage - Maximum 300V
Material Info Reference - Drawing Numbers
Product Specification Sales Drawing PS-68416-001 SD-35068-980
This document was generated on 04/15/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 35068-9842

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X