Part Number Hot Search : 
IRLR3802 SS159LUA AEP025SI TFS762 13N10 00MHZ SMCJ28 FDH20T
Product Description
Full Text Search
 

To Download 2N5401CSM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N5401CSM
Dimensions in mm (inches).
0.51 0.10 (0.02 0.004) 0.31 rad. (0.012)
2.54 0.13 (0.10 0.005)
3
2
1
1.91 0.10 (0.075 0.004) 3.05 0.13 (0.12 0.005) A=
0.76 0.15 (0.03 0.006)
Bipolar PNP Device in a Hermetically sealed LCC1 Ceramic Surface Mount Package for High Reliability Applications
0.31 rad. (0.012)
A 1.40 (0.055) max.
Bipolar PNP Device. VCEO = 150V IC = 0.6A
1.02 0.10 (0.04 0.004)
PINOUTS
1 - Base 2 - Emitter 3 - Collector
All Semelab hermetically sealed products can be processed in accordance with the requirements of BS, CECC and JAN, JANTX, JANTXV and JANS specifications
Parameter VCEO* IC(CONT) hFE ft PD
Test Conditions
Min.
Typ.
Max. 150 0.6
Units V A -
@ 10./60 (VCE / IC)
40 100M 0.31
Hz W
* Maximum Working Voltage This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Generated 2-Aug-02


▲Up To Search▲   

 
Price & Availability of 2N5401CSM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X