Part Number Hot Search : 
C783CD MBA0204 IRF260 ADXRS622 04M050 020180 SP485E AD5233
Product Description
Full Text Search
 

To Download 1SMC90CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1SMC5.0CA THRU 1SMC170CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR 1SMC5.0CA Series types are Surface Mount Bi-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Uni-directional devices, please refer to the 1SMC5.0A Series data sheet. MARKING CODE: SEE ELECTRICAL CHARACTERISTICS TABLE
SYMBOL PDM IFSM TJ, Tstg UNITS W A C
SMC CASE
* This series is UL listed, UL file number E130224
MAXIMUM RATINGS: (TA=25C unless otherwise noted) Peak Power Dissipation (Note 1) Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature
1500 200 -65 to +150
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted)
REVERSE STAND-OFF VOLTAGE VRWM (V) 1SMC5.0CA 1SMC6.0CA 1SMC6.5CA 1SMC7.0CA 1SMC7.5CA 1SMC8.0CA 1SMC8.5CA 1SMC9.0CA 1SMC10CA 1SMC11CA 1SMC12CA 1SMC13CA 1SMC14CA 1SMC15CA 1SMC16CA 1SMC17CA 1SMC18CA 1SMC20CA 1SMC22CA 1SMC24CA 1SMC26CA 1SMC28CA 1SMC30CA 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 BREAKDOWN VOLTAGE VBR @ MIN (V) 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20 22.2 24.4 26.7 28.9 31.1 33.3 IT MAX (V) 7.25 7.67 8.30 8.95 9.58 10.23 10.82 11.5 12.8 14 15.3 16.5 17.9 19.2 20.5 21.7 23.3 25.5 28 30.7 33.2 35.8 38.3 IT (mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 1000 1000 500 200 100 50 20 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM CLAMPING VOLTAGE @ IPP VC (V) 9.2 10.3 11.2 12 12.9 13.6 14.4 15.4 17 18.2 19.9 21.5 23.2 24.4 26 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 PEAK PULSE CURRENT (Note 1) IPP (A) 163 145.6 133.9 125 116.3 110.3 104.2 97.4 88.2 82.4 75.3 69.7 64.7 61.5 57.7 53.3 51.4 46.3 42.2 38.6 35.6 33 31 CBDE CBDG CBDK CBDM CBDP CBDR CBDT CBDV CBDX CBDZ CBEE CBEG CBEK CBEM CBEP CBER CBET CBEV CBEX CBEZ CBFE CBFG CBFK
TYPE
MARKING CODE
Notes: (1) Non-repetitive 10x1,000s pulse.
R5 (20-November 2009)
1SMC5.0CA THRU 1SMC170CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS ELECTRICAL CHARACTERISTICS - Continued:
REVERSE STAND-OFF VOLTAGE VRWM (V) 1SMC33CA 1SMC36CA 1SMC40CA 1SMC43CA 1SMC45CA 1SMC48CA 1SMC51CA 1SMC54CA 1SMC58CA 1SMC60CA 1SMC64CA 1SMC70CA 1SMC75CA 1SMC78CA 1SMC85CA 1SMC90CA 1SMC100CA 1SMC110CA 1SMC120CA 1SMC130CA 1SMC150CA 1SMC160CA 1SMC170CA 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170 BREAKDOWN VOLTAGE VBR @ MIN (V) 36.7 40 44.4 47.8 50 53.3 56.7 60 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189 IT MAX (V) 42.2 46 51.1 54.9 57.5 61.3 65.2 69 74.1 76.7 81.8 89.5 95.8 99.7 108.2 115.5 128 140.5 153 165.5 192.5 205 217.5 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 MAXIMUM CLAMPING VOLTAGE @ IPP VC (V) 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275 PEAK PULSE CURRENT (Note 1) IPP (A) 28.1 25.8 23.2 21.6 20.6 19.4 18.2 17.2 16 15.5 14.6 13.3 12.4 11.4 10.4 10.3 9.3 8.4 7.9 7.2 6.2 5.8 5.5 CBFM CBFP CBFR CBFT CBFV CBFX CBFZ CBGE CBGG CBGK CBGM CBGP CBGR CBGT CBGV CBGX CBGZ CBHE CBHG CBHK CBHM CBHP CBHR
TYPE
MARKING CODE
SMC CASE - MECHANICAL OUTLINE
R5 (20-November 2009)
w w w. c e n t r a l s e m i . c o m
1SMC5.0CA THRU 1SMC170CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
TYPICAL ELECTRICAL CHARACTERISTICS
R5 (20-November 2009)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of 1SMC90CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X