Part Number Hot Search : 
1N5258 SL1710 120CRP EA40QC10 68HC908A WM8944B STN4346 5KP24A
Product Description
Full Text Search
 

To Download 16PT8520X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 16PT8520X
Bothhandusa.com
10/100 BASE-T TRANSFORMER
Feature ! ! ! ! ! !
Turns Ratio (5%) TX 1CT:1CT RX 1CT:1CT
Designed for 10/100 MB/s transmission over UTP-5 cable. Tested & qualified for use with national semiconductor's DP83840 Ethernet 10/100 PHY chip. Cable interface for isolation and low common mode emissions. 16-PIN DIP package for economic cost. Operating temperature range:0 to +70. Storage temperature range: -25 to +105.
OCL (uH Min) @100KHz/0.1V with 8mA DC Bias 350
Electrical Specifications @ 25C
Part Number 16PT8520X CW/W (pF Max) 50 L.L (uH Max) 0.6 DCR ( Max) 0.9 HI-POT (Vrms) 1500
Continue
Part Number 16PT8520X Insertion Loss (dB Max) 0.3-100 MHz -0.8 30MHz -16 Return Loss (dB Min) 40MHz -15 50MHz -13 60-80MHz -11 Cross talk (dB Min) 0.3-100MHz -35 DCMR (dB Min) 0.3-100MHz -30
Schematic
Mechanical
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
B1(03/10)


▲Up To Search▲   

 
Price & Availability of 16PT8520X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X