Part Number Hot Search : 
XMXXX IRFZ10 BAV70W KGF1175 16541CT NJM26 UT54A B5923B
Product Description
Full Text Search
 

To Download 15SMC68CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1.5SMC6.8CA THRU 1.5SMC220CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 220 VOLTS w w w. c e n t r a l s e m i . c o m
DESCRIPTION: The CENTRAL SEMICONDUCTOR 1.5SMC6.8CA Series types are Surface Mount Bi-Directional Glass Passivated Junction Transient Voltage Suppressors designed to protect voltage sensitive components from high voltage transients. THIS DEVICE IS MANUFACTURED WITH A GLASS PASSIVATED CHIP FOR OPTIMUM RELIABILITY. Note: For Uni-directional devices, please refer to the 1.5SMC6.8A Series data sheet. MARKING CODE: SEE ELECTRICAL CHARACTERISTICS TABLE
SYMBOL PDM IFSM TJ, Tstg UNITS W A C
SMC CASE
* This series is UL listed, UL file number E130224
MAXIMUM RATINGS: (TA=25C unless otherwise noted) Peak Power Dissipation (Note 1) Peak Forward Surge Current (JEDEC Method) Operating and Storage Junction Temperature
1500 200 -65 to +150
ELECTRICAL CHARACTERISTICS: (TA=25C unless otherwise noted)
BREAKDOWN VOLTAGE TYPE MIN (V) 1.5SMC6.8CA 1.5SMC7.5CA 1.5SMC8.2CA 1.5SMC9.1CA 1.5SMC10CA 1.5SMC11CA 1.5SMC12CA 1.5SMC13CA 1.5SMC15CA 1.5SMC16CA 1.5SMC18CA 1.5SMC20CA 1.5SMC22CA 1.5SMC24CA 1.5SMC27CA 1.5SMC30CA 1.5SMC33CA 1.5SMC36CA 1.5SMC39CA 6.45 7.13 7.79 8.65 9.5 10.5 11.4 12.4 14.3 15.2 17.1 19.0 20.9 22.8 25.7 28.5 31.4 34.2 37.1 VBR @ IT NOM (V) 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 MAX (V) 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0 23.1 25.2 28.4 31.5 34.7 37.8 41 IT (mA) 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT WORKING PEAK REVERSE VOLTAGE VRWM (V) 5.8 6.4 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 2000 1000 400 100 20 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MAXIMUM REVERSE SURGE CURRENT (Note 1) IRSM (A) 143 132 124 112 103 96 90 82 71 67 59.5 54 49 45 40 36 33 30 28 MAXIMUM REVERSE VOLTAGE @ IRSM VRSM (V) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 MAXIMUM TEMPERATURE COEFFICIENT MARKING OF VBR CODE VZ (% / C) 0.057 0.061 0.065 0.068 0.073 0.075 0.078 0.081 0.084 0.086 0.088 0.090 0.092 0.094 0.096 0.097 0.098 0.099 0.100 C6V8C C7V5C C8V2C C9V1C C10C C11C C12C C13C C15C C16C C18C C20C C22C C24C C27C C30C C33C C36C C39C
Notes: (1) Non-repetitive 10x1,000s pulse.
R6 (20-November 2009)
1.5SMC6.8CA THRU 1.5SMC220CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 220 VOLTS
ELECTRICAL CHARACTERISTICS - Continued:
BREAKDOWN VOLTAGE TYPE MIN (V) 1.5SMC43CA 1.5SMC47CA 1.5SMC51CA 1.5SMC56CA 1.5SMC62CA 1.5SMC68CA 1.5SMC75CA 1.5SMC82CA 1.5SMC91CA 1.5SMC100CA 1.5SMC110CA 1.5SMC120CA 1.5SMC130CA 1.5SMC150CA 1.5SMC160CA 1.5SMC170CA 1.5SMC180CA 1.5SMC200CA 1.5SMC220CA 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 104.5 114 123.5 142.5 152 161.5 171 190 209 VBR @ IT NOM (V) 43 47 51 56 62 68 75 82 91 100 110 120 130 150 160 170 180 200 220 MAX (V) 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105 115.5 126 136.5 157.5 168 178.5 189 210 231 IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 TEST CURRENT WORKING PEAK REVERSE VOLTAGE VRWM (V) 36.8 40.2 43.6 47.8 53.0 58.1 64.1 70.1 77.8 85.5 94.0 102 111 128 136 145 154 171 185 MAXIMUM REVERSE LEAKAGE CURRENT @ VRWM IR (A) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 MAXIMUM REVERSE SURGE CURRENT (Note 1) IRSM (A) 25.3 23.2 21.4 19.5 17.7 16.3 14.6 13.3 12 11 9.9 9.1 8.4 7.2 6.8 6.4 6.1 5.5 4.6 MAXIMUM REVERSE VOLTAGE @ IRSM VRSM (V) 59.3 64.8 70.1 77 85 92 103 113 125 137 152 165 179 207 219 234 246 274 328 MAXIMUM TEMPERATURE COEFFICIENT MARKING OF VBR CODE VZ (% / C) 0.101 0.101 0.102 0.103 0.104 0.104 0.105 0.105 0.106 0.106 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 C43C C47C C51C C56C C62C C68C C75C C82C C91C C100C C110C C120C C130C C150C C160C C170C C180C C200C C220C
SMC CASE - MECHANICAL OUTLINE
R6 (20-November 2009)
w w w. c e n t r a l s e m i . c o m
1.5SMC6.8CA THRU 1.5SMC220CA SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION SILICON TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 6.8 THRU 220 VOLTS
TYPICAL ELECTRICAL CHARACTERISTICS
R6 (20-November 2009)
w w w. c e n t r a l s e m i . c o m


▲Up To Search▲   

 
Price & Availability of 15SMC68CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X