Part Number Hot Search : 
D2396 UQFN52 74270030 BG18M C1214 FF0700P BP51L05 ML6695CQ
Product Description
Full Text Search
 

To Download 0751992501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0751992501 Active
vhdm__hsd 2.00mm (.079") Pitch 8-Row VHDM(R) Lite Backplane Header, Guide Pin Signal Module, Shield End Version, 200 Circuits, Pin Length 4.75mm (.187")
Documents: Drawing (PDF) Product Specification PS-74031-999 (PDF)
RoHS Certificate of Compliance (PDF) Series
General
Product Family Series Application Application Tooling Documents Comments Component Type Overview Product Name Style Backplane Connectors 75199 Backplane Tooling Manual No Keying Position PCB Header vhdm__hsd VHDM Lite(R) N/A
image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Guide to Mating Part Keying to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Columns Number of Pairs Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to PCB Stackable Surface Mount Compatible (SMC) 200 200 Black 200 No Yes None High Performance Alloy (HPA), Stainless Steel Gold Tin-Lead High Temperature Thermoplastic 25 Open Pin Field 8 Vertical 0.098 In 2.50 mm No Yes 0.071 In 1.80 mm Tube 0.079 In 2.00 mm 0.079 In 2.00 mm 30 0.75 30 0.75 No No Yes
Search Parts in this Series 75199Series Mates With 75191 VHDM(R) Lite-Series Board-to-Board Daughtercard Use With Daughtercard Modules Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM(R) Signal Pin 0622015700 Inserter Repair Tool
Temperature Range - Operating Termination Interface: Style
105C Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact Data Rate Real Signals (per 25mm) Shielded Voltage - Maximum 3A 622.0 Mbps 100 No 120V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification PK-74061-003 Product Specification PS-74031-999 Sales Drawing SD-75199-001 VHDM and Very High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0751992501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X