Part Number Hot Search : 
LC9946 98TK200 LCX08MTC ZY24GP SLD104AV SM8133BB CCK200 M710B1
Product Description
Full Text Search
 

To Download 0675031020 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0675031020 Active
usb_otg_onthego 0.80mm (.031") Pitch, USB On-The-Go (OTG) Mini-B Receptacle, Surface Mount, Right Angle, Solder Tabs with Back Cover and PCB Locator Plastic Pegs, Lead Free
Documents: 3D Model Drawing (PDF)
Product Specification PS-67803-001 (PDF) RoHS Certificate of Compliance (PDF) image - Reference only
Series
General
Product Family Series Application Comments Component Type MolexKits Overview Product Name Type I/O Connectors 67503 Wire-to-Board With Back Cover Receptacle Yes usb_otg_onthego USB OTG (On-The-Go) Mini-B EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Physical
Boot Color Circuits (Loaded) Circuits (maximum) Color - Resin Gender Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PCB Locator PCB Retention Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Polarized to Mating Part Polarized to PCB Ports Temperature Range - Operating Termination Interface: Style Waterproof / Dustproof Wire Size AWG N/A 5 5 Black Receptacle Yes Copper Alloy Gold Tin High Temperature Thermoplastic 1 Right Angle Yes Yes Embossed Tape on Reel No 0.031 In 0.80 mm 0.031 In 0.80 mm 30 0.75 40 1 Yes Yes 1 0C to +50C Surface Mount No N/A
Search Parts in this Series 67503Series Mates With 47014 USB Mini-B Plug Kit
Electrical
Current - Maximum per Contact 1A
Shield Type Shielded Voltage - Maximum
Full Shield Yes 30V AC (RMS)/DC
Solder Process Data
Duration at Max. Process Temperature (seconds) Lead-free Process Capability Max. Cycles at Max. Process Temperature Process Temperature max. C 10 Reflow Capable (SMT only) 1 250
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-67503-001 PS-67803-001 SD-67503-010
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0675031020

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X