|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 40 Volts CURRENT 1.0 Ampere FEATURES * * * * * * * SSL20 THRU SSL40 Low power loss, high efficiency Low leakage Low forward voltage High current capability High speed switching High surge capabitity High reliability .114 (2.9) .106 (2.7) .035 (0.90) .028 (0.70) .077 (1.95) .069 (1.75) SOD-123F MECHANICAL DATA * Epoxy: Device has UL flammability classification 94V-O * Mounting position: Any * Weight: 0.016 gram .008 (0.20) .053 (1.35) .047 (1.20) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. .030 (0.75) .022 (0.55) .150 (3.8) .142 (3.6) Dimensions in inches and (millimeters) MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" (9.5mm) lead length at T A=75 0C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Junction Capacitance (Note1) Typical Thermal Resistance (Note 3) Operating Temperature Range Storage Temperature Range ELECTRICAL CHARACTERISTICS (@TA=25 OC unless otherwise noted) CHARACTERISTICS Maximum Instantaneous Forward Voltage at 1.0A DC Maximum Average Reverse Current at Rated DC Blocking Voltage @T A = 25 o C @T A = 100o C SYMBOL VF IR SSL20 SSL30 .36 1.0 10 SSL40 UNITS Volts mAmps mAmps 2006-12 SYMBOL VRRM VRMS VDC IO I FSM CJ RqJA RqJL TJ T STG SSL20 20 14 20 SSL30 30 21 40 1.0 25 110 110 30 150 -55 to + 150 0 SSL40 40 28 40 UNITS Volts Volts Volts Amps Amps pF C/W 0 0 C C NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 2. "Fully ROHS compliant", "100% Sn plating (Pb-free)". 3. Thermal resistance: Mounted on PCB. RATING AND CHARACTERISTICS CURVES ( SSL20 THRU SSL40 ) INSTANTANEOUS FORWARD CURRENT, (A) 1.0 AVERAGE FORWARD CURRENT, (A) 2 1 0.75 0.5 Single Half Wave 60HZ Resistive or Inductive Load 0.375" (9.5mm) Lead Length 0.1 0.25 0 0 25 50 75 100 125 O 150 175 0.01 TJ = 25 OC Pulse Width = 300mS 1% Duty Cycle 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 AMBIENT TEMPERATURE, ( C) INSTANTANEOUS FORWARD VOLTAGE, (V) INSTANTANEOUS REVERSE CURRENT, (mA) 100 10 1.0 FIG.1 TYPICAL FORWARD CURRENT DERATING CURVE TA = 125 OC 400 CT, TOTAL CAPACITANCE, (pF) 200 100 80 60 40 20 10 FIG.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS TJ = 25 OC TA = 75 C O 0.1 TA = 25 OC 0.01 0.001 0 20 40 60 80 100 120 140 0.1 0.4 1.0 4 10 40 80 PERCENT RATED PEAK REVERSE VOLTAGE, (%) REVERSE VOLTAGE, (V) FIG.3 TYPICAL REVERSE CHARACTERISTICS PEAK FORWARD SURGE CURRENT, (A) FIG.4 TYPICAL JUNCTION CAPACITANCE 25 20 15 10 5 0 8.3mS Single Half Sine-Wave JEDEC Method 1 2 4 6 8 10 20 40 80 100 NUMBER OF CYCLES AT 60Hz FIG.5 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT Mounting Pad Layout 0.030 MIN. (0.75 MIN.) 0.035MIN. (0.90 MIN.) 0.165 (4.19) REF Dimensions in inches and (millimeters) DISCLAIMER NOTICE Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures. |
Price & Availability of SSL20 |