Part Number Hot Search : 
LBN09019 5602M TP1105 UM3311W PC250 18F67 AT89C5 2SC44
Product Description
Full Text Search
 

To Download SMD260F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tyco / Electronics
Raychem Circuit Protection 308 Constitution Drive Menlo Park, CA 94025-1164 Phone: 800-227-4856 Fax: 800-227-4866
PolySwitch(R) PTC Devices
Overcurrent Protection Device
PRODUCT: SMD260F
DOCUMENT: SCD 25661 PCN: E80517 REV LETTER: B REV DATE: MARCH 28, 2005 PAGE NO.: 1 OF 1
Specification Status: Released
Maximum Electrical Rating
Operating Voltage: 6V Interrupt Current: 40A Marking:
C
B G H D E F
A
Notes: 1. All metal surfaces are tin plated. 2. Devices cannot be wave soldered. 3. Drawing not to scale. TABLE I. DIMENSIONS:
A MIN MAX mm: 6.73 7.98 in*: (0.265) (0.314) B MIN --C D E F G H MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN MAX MIN 3.00 4.8 5.44 0.56 0.71 0.56 0.71 2.16 2.41 0.66 1.37 0.43 (0.118) (0.19) (0.214) (0.022) (0.028) (0.022) (0.028) (0.085) (0.095) (0.026) (0.054) (0.017)
TABLE II. PERFORMANCE RATINGS:
CURRENT RATINGS** TIME TO TRIP* AMPS AT 60C HOLD 1.7 SECONDS AT 20C, 8 A MAX 20.0 RESISTANCE VALUES OHMS AT 20C MIN MAX* 0.025 0.075 TRIPPED-STATE POWER DISSIPATION** WATTS AT 20C, 6V MAX 1.7
AMPS AT 0C HOLD 2.9
AMPS AT 20C HOLD 2.6
* Maximum Resistance is measured 1 hour after reflow at 260C, 20 seconds ** Values specified were determined using PCB's with0.120"X2.0 ounce copper traces Agency Recognition: Reference Documents: Precedence: Effectivity: CAUTION: UL, CSA, TUV PS300, E.N. SMD 1.0x This specification takes precedence over documents referenced herein. Reference documents shall be the issue in effect on the date of invitation for bid. Operation beyond the rated voltage or current may result in rupture, electrical arcing or flame.
Materials Information
ROHS Compliant ELV Compliant Pb-Free
(c) 2005 Tyco Electronics Corporation. All rights reserved.


▲Up To Search▲   

 
Price & Availability of SMD260F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X