Part Number Hot Search : 
GA100 LVCH16 2SB12 BD46255G GZF62C A5061 9NC60 79890
Product Description
Full Text Search
 

To Download SM2100A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM220A THRU SM2100A
Elektronische Bauelemente VOLTAGE 20V ~ 100V
2.0 AMP Surface Mount Schottky Barrier Rectifiers
RoHS Compliant Product A suffix of "-C" specifies halogen free & RoHS compliant
SMA
FEATURES
. Ideal for surface mount applications . Easy pick and place . Built-in strain relief . Low forward voltage drop
MECHANICAL DATA
Dimensions in
Dimensions in Inches 0.049 0.157 0.098 0.078 0.002 0.188 0.030 0.006 0.065 0.181 0.114 0.096 0.008 0.208 0.060 0.012
. Case: Molded plastic . Epoxy: UL 94V-0 rate flame retardant . Metallurgically bonded construction . Polarity: Color band denotes cathode end . Mounting position: Any . Weight: 0.060 grams
A B D
C
A B C D E F G H
Millimeters 1.25 3.99 2.50 1.98 0.051 4.78 0.76 0.152 1.65 4.60 2.90 2.44 0.203 5.28 1.52 0.305
H
E G F
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
O
SM220A TYPE NUMBER Maximum Recurrent Peak Reverse Voltage 20 Working Peak Reverse Voltage 20 Maximum DC Blocking Voltage 20 Maximum Average Forward Rectified Current, See Fig. 1 Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 2.0A 0.45 Maximum DC Reverse Current Ta=25 At Rated DC Blocking Voltage Ta=100 Typical Junction Capacitance (Note 1) Typical Thermal Resistance R JA (Note 2) Operating Temperature Range TJ Storage Temperature Range TSTG NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient.
SM240A
SM260A
SM2100A
40 40 40 2.0 50 0.52 0.2 10 170 75 - 50 ~ + 150 - 60 ~ + 175
60 60 60
100 100 100
UNITS V V V A A
0.65
0.83
V mA pF /W
http://www.SeCoSGmbH.com/
01-Jun-2006 Rev. B
Any changing of specification will not be informed individual
Page 1 of 2
SM220A THRU SM2100A
Elektronische Bauelemente VOLTAGE 20V ~ 100V
2.0 AMP Surface Mount Schottky Barrier Rectifiers
RATING AND CHARACTERISTIC CURVES (SM220A THRU SM2100A)
FIG.1 TYPICAL FORWORD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT (A)
FIG.2 TYPICAL FORWARD CHARACTERISTICS
2.4 2.0
50
INS TANTANE OUS F OR WAR D C UR R E NT,(A)
1.6
SM SM
SM
0.8 0.4
22
SM 26
0A
3.0 1.0
0A
~S M
1.2
10
24
0A
26
22 0A M ~S 24 0A
0A M ~S 21 00 A
SM
21
00
A
0
20
40
60
80
100
120
140
160
180
200
AMB IE NT T E MP E R AT UR E ( C ) F IG .3-MAXIMUM NON-R E P E T IT IV E F OR WAR D S UR G E C UR R E NT
P E AK F OR WAAR D S UR G E C UR R E NT,(A)
60
T j=25 C P uls e Width 300us 1% Duty C ycle
0.1
48
.01
.1
.3
.5
.7
.9
1.1
1.3
1.5
36
Tj=25 C 8.3ms Single Half Sine Wave JEDEC method
F OR WAR D V OLTAG E ,(V )
24
12
FIG.5 - TYPICAL REVERSE
0 1 5 10 50 100
CHARACTERISTICS 100
NUMBER OF CYCLES AT 60Hz
F IG .4-T Y P IC AL J UNC T ION C AP AC ITANC E
350 300 250 200 150 100 50 0
J UNC T ION C APAC ITANC E ,(pF )
REVERSE LEAKAGE CURRENT, (mA)
10
1.0
Tj=75 C
.1
T j=25 C
O
.01
.05
.1
.5
1
5
10
50
100
.01 0
20
40
60
80
100 120 140
R E V E R S E V OLT AG E ,(V )
PERCENTAGE RATED PEAK REVERSE VOL TAGE
http://www.SeCoSGmbH.com/
01-Jun-2006 Rev. B
Any changing of specification will not be informed individual
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of SM2100A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X