Part Number Hot Search : 
120000 CSM4R PUMH13 5K6165 UPD17235 LM301A 5KP18A 3302EM
Product Description
Full Text Search
 

To Download SK110B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SK12B THRU SK110B
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS Reverse Voltage - 20 to 100 V Forward Current - 1 A
Features * The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 * For surface mounted applications * Metal silicon junction, majority carrier conduction * Low power loss, high efficiency * Built in strain relief, ideal for automated placement * High forward surge current capability * High temperature soldering guaranteed: 250 OC/10 seconds at terminals Mechanical Data * Case: JEDEC DO-214AA molded plastic body * Terminals: leads solderable per MIL-STD-750, Method 2026 * Polarity: Color band denotes cathode end * Mounting Position: Any Maximum Ratings and Electrical Characteristics Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half-wave, 60 Hz, resistive or inductive load, for capacitive load current derate by 20%.
Parameter Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TL Peak Forward Surge Current 8.3 ms Single Half Sine-Wave Superimposed on Rated Load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1 A Maximum DC Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance 1) Typical Thermal Resistance
2)
Symbols SK12B SK13B SK14B SK15B SK16B SK18B SK110B Units VRRM VRMS VDC IF(AV) IFSM VF IR CJ RJA TJ TSTG -65 to +125 0.45 0.55 20 14 20 30 21 30 40 28 40 50 35 50 1 40 0.7 0.5 6 110 88 -65 to +150 -65 to +150 5 90
O
60 42 60
80 56 80
100 70 100
V V V A A
0.85
V mA pF C/W
O
TA = 25 OC TA = 100 OC
Operating Junction Temperature Range Storage temperature range
1) 2)
C C
O
Measured at 1 MHz and applied reverse voltage of 4 V D.C. P.C.B. mounted with 0.2 X 0.2 (5 X 5 mm) copper pad areas.
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
R
Dated : 17/04/2006 C
SK12B THRU SK110B
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
R
Dated : 17/04/2006 C


▲Up To Search▲   

 
Price & Availability of SK110B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X