Part Number Hot Search : 
MB90457S 1332B0 D74LVC5 C4300 Z87010 USB0415 F1682S 744205
Product Description
Full Text Search
 

To Download SFF10N60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SFF10N60
Silicon N-Channel MOSFET
Features
10A,600V ,RDS(on)(Max0.75)@VGS=10V Ultra-low Gate Charge(34nC) Fast Switching Capability 100%Avalanche Tested Improved dv/dt capability
General Description
This Power MOSFET is produced using Winsemi's advanced planar stripe,DMOS technology. This latest technology has been especially designed to minimize on -state resistance,have a high rugged avalanche characteristics. This devices is specially well suited for high efficiency switch model power supplies , power factor correction ,UPS and a electronic lamp ballast base on half bridge.
Absolute Maximum Ratings
Symbol
VDSS ID Continuous Drain Current (@Tc=100) IDM VGS EAS EAR dv/dt PD Derating Factor above25 TJ,Tstg TL Junction and Storage Temperature Channel Temperature 0.4 -55~150 300 W/ Drain Current Pulsed Gate to Source Voltage Single Pulsed Avalanche Energy Repetitive Avalanche Energy Peak Diode Recovery dv/dt Total Power Dissipation (@Tc=25) (Note2) (Note1) (Note3) (Note1) 6.0* 40* 30 713 18 4.5 50 A A V mJ mJ V/ns W Drain Source Voltage Continuous Drain Current (@Tc=25)
Parameter
Value
600 10*
Units
V A
*Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol
RQJC RQJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient
Value Min
-
Typ
-
Max
2.5 62.5
Units
/W /W
Rev.A Aug.2010
Copyright@WinSemi Semiconductor Co., Ltd., All right reserved.
SFF10N60
Electrical Characteristics(Tc=25)
Characteristics
Gate leakage current Gate-source breakdown voltage Drain cut -off current Drain-source breakdown voltage Gate threshold voltage Drain-source ON resistance Forward Trans conductance Input capacitance Reverse transfer capacitance Output capacitance Rise time Turn-on time Switching time Fall time Turn-off time Total gate charge(gate-source Qg plus gate-drain Gate-source charge Gate-drain("miller")Charge Qgs Qgd VGS=10V, nC ID=10A (Note4,5) 6.9 12 tf toff VDD=480V, 34 45 RG=25 (Note4,5) 214 85 300 165
Symbol
IGSS V(BR)GSS IDSS V(BR)DSS VGS(th) RDS(ON) gfs Ciss Crss Coss tr ton
Test Condition
VGS=30V,VDS=0V IG=10A,VDS=0V VDS=600V,VGS=0V ID=250A,VGS=0V VDS=10V,ID=250A VGS=10V,ID=4.75A VDS=50V,ID=4.75A VDS=25V, VGS=0V, f=1MHz VDD=300V, ID=10A,
Min
30 500 3 -
Type
0.66 8.2 1610 156 20 68 109
Max
100 1 3.5 0.75 2065 210 26 91 150
Unit
nA V A V V S
pF
ns
Source-Drain Ratings and Characteristics(Ta=25)
Characteristics
Continuous drain reverse current Pulse drain reverse current Forward voltage(diode) Reverse recovery time Reverse recovery charge
Symbol
IDR IDRP VDSF trr Qrr
Test condition
IDR=10A,VGS=0V IDR=10A,VGS=0V, dIDR /dt=100 A / s
Min
-
Type
1.05 442 2.16
Max
10 38 1.4 633 3.24
Unit
A A V ns C
Note 1. Repeativity rating: pulse width limited by junction temperature 2. L=14.5mH, IAS=10A, VDD=50V, RG=25, Starting TJ=25 3. ISD10A, di/dt300A/us, VDD2/7
Steady, all for your advance
SFF10N60
Fig.1 On -State Characteristics
Fig.2 Transfer characteristics
Fig.3 Capacitance Variation vs Drain Voltage
Fig.4 On-Resistance Variation Energy vs Drain Current and Gate Voltage
Fig.5 On-Resistance Variation vs Junction temperature
Fig.6 Gate Charge characteristics
3/7
Steady, all for your advance
SFF10N60
Fig.7 Maximum Safe Operation Area
Fig.8 diode Forward voltage Variation vs Source Current and Temperature
Fig.9 Transient Thermal response Curve
4/7
Steady, all for your advance
SFF10N60
Fig.10 Gate Test Circuit & Waveform
Fig.11 Resistive Switching Test Circuit & Waveform
Fig.12 Unclamped Inductive switching Test Circuit& Waveform
5/7
Steady, all for your advance
SFF10N60
Fig.13 Peak Diode Recovery dv/dt Test Circuit & Waveform
6/7
Steady, all for your advance
SFF10N60
TO-220F Package Dimension
Unit :mm
7/7
Steady, all for your advance


▲Up To Search▲   

 
Price & Availability of SFF10N60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X