Part Number Hot Search : 
9933B NCP4208 MA447 74HC7540 MBR2502 XN6537 2RJKR 74LS65
Product Description
Full Text Search
 

To Download SD-501745-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
5017450401 Active
slimstack_mm016_pitch 0.40mm (.016") Pitch SlimStackTM Board-to-Board Plug, Surface Mount, Dual Row, Vertical, Lead-free, 40 Circuits
Documents: 3D Model Drawing (PDF)
Product Specification PS-51338-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only PCB Headers 501745 Board-to-Board Solder Tab Plating: Tin slimstack_mm016_pitch SlimStackTM EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Application Comments Overview Product Name
Physical
Breakaway Circuits (Loaded) Color - Resin Durability (mating cycles max) Glow-Wire Compliant Keying to Mating Part Lock to Mating Part Mated Height (in) Mated Height (mm) Material - Metal Material - Plating Mating Material - Plating Termination Number of Rows Orientation PCB Locator PCB Retention Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Polarized to Mating Part Polarized to PCB Stackable Temperature Range - Operating Termination Interface: Style No 40 Black 30 No None Yes 0.079 In, 0.091 In 2.00 mm, 2.30 mm Brass, Phosphor Bronze Gold Gold 2 Vertical No Yes Embossed Tape on Reel 0.016 In 0.40 mm No No No -25C to +85C Surface Mount
Search Parts in this Series 501745Series Mates With 51338 PCB Receptacle. 500913 PCB Receptacle
Electrical
Current - Maximum per Contact Voltage - Maximum 0.3A 50V AC (RMS)/DC
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-501745-001 PS-51338-003, RPS-51338-029 SD-501745-001, SD-501745-002
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of SD-501745-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X