Part Number Hot Search : 
KS0083 R3060 00110 UTC81 LR3114 BFU530X SDA294K YE152
Product Description
Full Text Search
 

To Download SBL16100PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL GALAXY ELECTRICAL
SCHOTTKY BARRIER RECTIFIER
FEATURES
Metal-Semiconductor junction with guard ring Epitaxial construction Low forward voltage drop,low switching losses High surge capability For use in low voltage,high frequency inverters free xxxx wheeling,and polarity protection applications The plastic material carries U/L recognition 94V-0
19.85 20.15 5.50
5
SBL1630PT - - - SBL16100PT
VOLTAGE RANGE: 30 --- 100 V CURRENT: 16 A
TO-3P(TO-247AD)
5a
15.45 15.75
4.85 5.15
Case:JEDEC TO-3P(TO-247AD),molded plastic Terminals: Leads solderable per MIL- STD-750,Method 2026 Polarity: As marked Weight: 0.223 ounce, 6.3 grams Mounting position: Any
3.00
2.00 2.00 2.40
3.70 4.30
34.60
MECHANICAL DATA
18.50
2.20 2.60
60
1.00 1.40 A1
3.00 3.40
14.20 14.80
10.90 K A2 A1 K A2
2.00 3.00
0.40 0.80
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SBL SBL SBL SBL SBL SBL SBL SBL 1630PT 1635PT 1640PT 1645PT 1650PT 1660PT 1680PT 16100PT
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current TC=95 Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load TJ=125 Maximum instantaneous forw ard voltage @ 8.0A Maximum reverse current @TC=25
UNITS
V V V A
VRRM VRMS VDC IF(AV)
30 21 30
35 25 35
40 28 40
45 32 45 16
50 35 50
60 42 60
80 56 80
100 70 100
IFSM VF IR RJC TJ TSTG
0.55
250
A
0.75 0.5 50 2.0 -55--- + 150 -55--- + 150
0.85
V mA /W
at rated DC blocking voltage @TC=100 Typical thermal resistance (Note1)
Operating junction temperature range Storage temperature range
Note: 1. Thermal resistance junction to case.
www.galaxycn.com
Document Number 0267049
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- PEAK FORWARD SURGE CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES PEAK FORWARD SURGE CURRENT,
SBL1630PT- - -SBL16100PT
FIG.2 -- FORWARD DERATING CURVE
250
18
16
200
AMPERES
8.3ms Single Half Sine Wave TJ=125
12
150
8
100
4
50
0 25 50 75 100 125 150
0 1
10
100
NUMBER OF CYCLES AT 60HZ
CASE TEMPERATURE,
FIG.3 -- TYPICAL FORWARD CHARACTERISTIC
FIG.4 -- TYPICAL REVERSE CHARACTERISTIC
INSTANTANEOUS FORWARD CURRENT,
INSTANTANEOUS REVERSE CURRENT, MILL AMPERES
10 Tc=100 1
200 100
SB1630PT-SBL1645PT
SBL1680PT-SBL16100PT
AMPERES
10
SBL1650PT-SBL1660PT
TC=25 .1
T J= 2 5 P u ls e w id t h = 3 0 0 1 % D u t y C y c le
s
1
.2
.4
.6
.8
1.0
1 .2
1 .4
1 .6
1 .8
2.0
2.2
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE,% INSTANTANEOUS FORWARD VOLTAGE, VOLTS
www.galaxycn.com
Document Number 0267049
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of SBL16100PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X