![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SB10100LFCT DUAL HIGH-VOLTAGE SCHOTTKY RECTIFIER VOLTAGE FEATURES * Low forward voltage drop, low power losses * High efficiency operation * In compliance with EU RoHS 2002/95/EC directives 100 Volts CURRENT 10 Ampers MECHANICAL DATA Case : ITO-220AB, Plastic Terminals : Solderable per MIL-STD-750, Method 2026 Weight: 0.055 ounces, 1.5615 grams .027(.67) .022(.57) MAXIMUM RATINGS(TA=25oC unless otherwise noted) PARAMETER Maximum repetitive peak reverse voltage Maximum average forward rectified current (Fig.1) Peak forward surge current 8.3ms single half sine-wave superimposed on rated load per diode Typ i c a l the r ma l r e s i s ta nc e Isolation voltage from terminal to heatsink t=1mm Operating junction and storage temperature range per device per diode per diode per diode SYMBOL VRRM I F(AV) I FSM RJC VAC TJ,TSTG VALUE 100 10 5 125 5 1500 -55 to + 150 O UNIT V A A C/W V o C ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted) PARAMETER Breakdown voltage SYMBOL VBR TEST CONDITIONS I R=1mA I F=1A I F=5A I F=1A I F=5A VR=70V Reverse current per diode (2) IR VR=100V TA=25oC TA=125oC TA=25oC TA=125oC MIN. 103 TYP. 120 0.45 0.79 0.40 0.59 8 16 MAX. 0.5 0.46 100 30 UNIT V V V A A mA Instantaneous forward voltage per diode (1) VF Note.1.Pulse test : 300s pulse width, 1% duty cycle 2.Pulse test used to minimize Self-Heating Effect PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE REV.0.4-AUG.6.2009 PAGE . 1 SB10100LFCT Average Forward Current (A) Junction Capacitance (pF) 12 Resistive or Inductive Load 10 8 6 4 2 0 0 25 50 75 100 125 150 175 o 10000 T J =25 oC f=1.0MHz Vsig=50mVp-p 1000 100 10 0.1 1 10 100 Case Temperature ( C) Reverse Voltage (V) Figure 1. Forward Current Derating Curve Figure 2. Typical Junction Capacitance 100 100 Instantaneous Forward Current (A) T A =125 C Instantaneous Reverse Current (mA) 10 o 10 1 0.1 T A =25 oC 0.01 0.001 10 20 T A =100 oC T A =100 C o 1 T A =75 C 0.1 o T A =25 C 0.01 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 o 30 40 50 60 70 80 90 100 Instantaneous Forward Voltage (V) Percent of Rated Peak Reverse Voltage (%) Figure 3. Typical Instantaneous Forward Characteristics Per Diode Figure 4. Typical Reverse Characteristics Per Diode REV.0.4-AUG.6.2009 PAGE . 2 |
Price & Availability of SB10100LFCT
![]() |