Part Number Hot Search : 
DTC143 LH28F 17S30LVI W78LE516 263373 HDBL155G SB102 3055L
Product Description
Full Text Search
 

To Download RS-150-33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
150W Single Output Switching Power Supply
Features :
Universal AC input / Full range
RS-150
series
Protections:Short circuit/Over load/Over voltage Cooling by free air convection LED indicator for power on 100% full load burn-in test High realibility
SPECIFICATION
MODEL DC VOLTAGE RATED CURRENT CURRENT RANGE RATED POWER OUTPUT VOLTAGE ADJ. RANGE LINE REGULATION LOAD REGULATION VOLTAGE RANGE FREQUENCY RANGE INPUT EFFICIENCY(Typ.) AC CURRENT INRUSH CURRENT(max.) LEAKAGE CURRENT OVER LOAD PROTECTION OVER VOLTAGE WORKING TEMP. WORKING HUMIDITY ENVIRONMENT STORAGE TEMP., HUMIDITY TEMP. COEFFICIENT VIBRATION SAFETY STANDARDS
WITHSTAND VOLTAGE SAFETY & ISOLATION RESISTANCE EMC
(Note 6)
RS-150-3.3 3.3V 30A 0 ~ 30A 99W
RS-150-5 5V 26A 0 ~ 26A 130W 80mVp-p 4.75 ~ 5.5V 2.0%
0.5%
1.0%
RS-150-12 12V 12.5A 0 ~ 12.5A 150W 120mVp-p 11.4 ~ 13.2V 1.0%
0.5%
0.5%
RS-150-15 15V 10A 0 ~ 10A 150W 120mVp-p 14.25 ~ 16.5V 1.0%
0.5%
0.5%
RS-150-24 24V 6.5A 0 ~ 6.5A 156W 120mVp-p 22.8 ~ 26.4V 1.0%
0.5%
0.5%
RS-150-48 48V 3.3A 0 ~ 3.3A 158.4W 200mVp-p 45.6 ~ 52.8V 1.0%
0.5%
0.5%
RIPPLE & NOISE (max.) Note.2 80mVp-p 3.2V ~ 3.5V VOLTAGE TOLERANCE Note.3 3.0%
Note.4 Note.5
0.5%
2.0%
SETUP, RISE, HOLD TIME
800ms, 20ms, 20ms/230VAC 47 ~ 63Hz 75% 78%
1200ms, 30ms, 10ms/115VAC at full load 248 ~ 373VDC(300VAC peak 5sec. No damage) 84% 86% 87%
88 ~ 132VAC / 176 ~ 264VAC selected by switch 83%
3A/115VAC 2A/230VAC COLD START 50A/230VAC <2mA / 240VAC 110 ~ 150% rated output power Protection type : Hiccup mode, recovers automatically after fault condition is removed 3.8 ~ 4.45V 5.75 ~ 6.75V 13.8 ~ 16.2V 17.25 ~ 20.25V
Protection type : Hiccup mode, recovers automatically after fault condition is removed -20 ~ +70 (Refer to output load derating curve)
27.6 ~ 32.4V
55.2 ~ 64.8V
20 ~ 90% RH non-condensing -20 ~ +85 , 10 ~ 95% RH 0.03%/ (0 ~ 50 ) 10 ~ 500Hz, 5G 10min./1cycle, period for 60min. each along X, Y, Z axes
UL60950-1, TUV EN60950-1 Approved I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC EMI CONDUCTION & RADIATION Compliance to EN55022 (CISPR22) Class B HARMONIC CURRENT Compliance to EN61000-3-2,-3 Compliance to EN61000-4-2,3,4,5,6,8,11; ENV50204, EN61000-6-2 (EN50082-2) heavy industry level, criteria A EMS IMMUNITY
MTBF OTHERS
NOTE
DIMENSION PACKING
244KHrs min. MIL-HDBK-217F (25 199*98*38mm (L*W*H) 0.7Kg; 20pcs/14Kg/0.72CUFT
)
1. All parameters NOT specially mentioned are measured at 230VAC input, rated load and 25 of ambient temperature. 2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor. 3. Tolerance : includes set up tolerance, line regulation and load regulation. 4. Line regulation is measured from low line to high line at rated load. 5. Load regulation is measured from 0% to 100% rated load. 6. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC directives. 7. Length of set up time is measured at cold first start. Turning ON/OFF the power supply very quickly may lead to increase of the set up time.
File Name:RS-150-SPEC 2004-03-25
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
150W Single Output Switching Power Supply
RS-150
series
Mechanical Specification
Case No. 902 Unit:mm
197 7
3.5 85.5
12
1 2
9.5
3
80 98 38
4 5
8.2
6 7
3
9
3.5
4-
M
4.5
57.5
120
199
6.5
190
9.5
9
18
3-M
3
22
157
Terminal Pin. No Assignment
Pin No. 1 2 3 Assignment AC/L AC/N FG Pin No. 4,5 6,7 Assignment DC OUTPUT -V DC OUTPUT +V
Output Derating
Static Characteristics
Ta=25
100
100 90
80
80 70
60
LOAD (%)
LOAD (%)
40
60 50 40
20
-20 -20
0 0
10
20
30
40
50
60
70 (VERTICAL) (HORIZONTAL)
88 176
95 190
100 200
115 230
18
120 240
3.5
9
132 264
File Name:RS-150-SPEC 2004-03-25
AMBIENT TEMPERATURE ( )
3.5
INPUT VOLTAGE (VAC) 60Hz


▲Up To Search▲   

 
Price & Availability of RS-150-33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X