Part Number Hot Search : 
W523A100 426205 KA293 ST10F269 S125HN UG06C M62367 IRFBC
Product Description
Full Text Search
 

To Download RN732ATTED1002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RN73
resistors
ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor
EU
features * * * * Nickel chromium thin film resistor element Anti-leaching nickel barrier terminations Meets or exceeds EIA 576, MIL-R-55342F Marking: Four-digit, distinctive color identifiers (Only E-24 values are marked on 1J) * Products with lead-free terminations meet EU RoHS requirements
dimensions and construction
c L c
Type
(Inch Size Code)
L .039 (1.0
+.004 -.002 +0.1 ) -0.05
Dimensions inches (mm) W c d .02.002 .008.004 (0.50.05) (0.20.1)
+.002 -.004 (0.25 +0.05) -0.1
t .014.002 (0.350.05)
W
Solder Plating Ni Plating
RN73 1E (0402) RN73 1J (0603) RN73 2A (0805) RN73 2B (1206) RN73 2E (1210)
.01
t d Protective Coating Resistive Inner Electrode Film
.063.008 .031.004 .012.004 .012.004 .018.004 (0.30.1) (0.450.1) (1.60.2) (0.80.1) (0.30.1) .079.008 .049.008 .016.008 (2.00.2) (1.250.2) (0.40.2) .063.008 .126.008 (1.60.2) (3.20.2) .098.008 (2.50.2) .02.012 (0.50.3) .012 (0.3 .016 (0.4
+.008 -.004 +0.2 ) -0.1 +.008 -.004 +0.2 ) -0.1
.02.004 (0.50.1) .024.004 (0.60.1)
Ceramic Substrate
Derating Curve
100 80 % Rated Power 60 40 20 0 -60 -40 -55
-20
0
80 70 Ambient Temperature (C)
20
40
60
100 120 140 125
ordering information
New Part # RN73 Type 2B Size 1E 1J 2A 2B 2E T Termination Material T: Sn L: SnPb TE Packaging
TP: 0402, 0603, 0805: 7" 2mm pitch punch paper TD: 0603, 0805, 1206, 1210: 7" 2mm pitch punched paper TDD: 0603, 0805, 1206, 1210: 10" paper tape TE: 0805, 1206, 1210: 7" punched plastic TED: 0805, 1206, 1210: 10" punched plastic For further information on packaging, please refer to Appendix A
1002 Nominal Resistance 3 significant figures + 1 multiplier "R" indicates decimal on value <100
B Tolerance A: 0.05% B: 0.1% C: 0.25% D: 0.5% F: 1.0%
25 T.C.R. (ppm/C) 05 10 25 50 100
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use.
12/01/08
20
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
RN73
ultra precision 0.05%, 0.1%, 1% tolerance thin film chip resistor applications and ratings
Part Designation RN731E Power T.C.R. Rating (ppm/C) Max. @ 70C 1/16W (.063W) 25 50 5 10 25 50 100 5 10 25 50 100 5 10 25 50 100 10 25 50 100 Resistance Range E-24, E-96 (A0.05%) (B0.1%) (C0.25%) (D0.5%) (F1.0%) 10 - 100k 10 - 100K -- 100 - 47K 10 - 360k 10 - 360k 10 - 360k -- 100 - 100k 10 - 1M 10 - 1M 10 - 1M -- 100 - 300K 10 - 1M 10 - 1M 10 - 1M 100 - 510K 10 - 1M 10 - 1M 10 - 1M Absolute Maximum Working Voltage 25V Absolute Operating Maximum Temp. Overload Range Voltage 50V
resistors
RN731J
1/16W (.063W)
-- 100 - 100k 100 - 100k 10 - 100k 100 - 100k 100 - 100k 10 - 100K -- -- -- 1K - 47K 100 - 47k 1K - 47K 100 - 47K 100 - 47K 100 - 47K 1K - 47K 15 - 360k 15 - 360k 10 - 360k -- 15 - 360k 15 - 360k 10 - 360k -- 100 - 100K 100 - 100K 51 - 100k -- -- 100 - 300k 100 - 300k 51 - 300k -- -- -- 10 - 360k -- -- 100 - 100k 100 - 100k 15 - 1M 10 - 1M 10 - 1M 15 - 1M -- 10 - 1M -- -- 100 - 300K 100 - 300K 15 - 1M 10 - 1M 15 - 1M 10 - 1M -- 10 - 1M 100 - 510K 100 - 510K 100 - 510K 100 - 510K 51 - 510k 15 - 1M 15 - 1M 10 - 1M 15 - 1M 15 - 1M -- 10 - 1M 10 - 1M -- -- -- -- 100 - 100k 100 - 100k 15 - 1M 15 - 1M -- 100 - 300k 100 - 300K 15 - 1M 15 - 1M --
50V
100V
RN732A
1/10W (.10W)
100V
200V
-55C to +125C
RN732B
1/8W (.125W)
150V
300V
RN732E
1/4W (.25W)
200V
400V
E-192 Resistance Range available, contact factory for details
environmental applications Performance Characteristics
Parameter Resistance T.C.R. Overload (Short time) Resistance to Solder Heat Rapid Change of Temperature Moisture Resistance Endurance at 70C High Temperature Exposure Requirement R Limit Typical Within specified -- tolerance Within specified -- T.C.R. 0.1% 0.1% 0.25% 0.5% 0.25% -- 0.01% 0.04% 0.03% 0.06% 0.02% 0.01% Test Method 25C +25C/+125C: T.C.R. = 5 (X10-6/K) +25C/-55C and +25C/+125C: another Rated Voltage x 2.5 or Max. overload volume, whichever is less for 5 seconds 260C 5C, 10 seconds 1 second -55C (30 minutes), +125C (30 minutes), 5 cycles RN73: 40C 2C, 90%-95% RH, 1000 hours 70C 2C, 1000 hours, 1.5 hr ON, 0.5 hr OFF cycle +125C, 100 hours
For Surface Temperature Rise Graph see Terms & Definitions. Additional environmental applications can also be found at www.koaspeer.com
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before you order and/or use. 12/22/08
KOA Speer Electronics, Inc. * 199 Bolivar Drive * Bradford, PA 16701 * USA * 814-362-5536 * Fax: 814-362-8883 * www.koaspeer.com
21


▲Up To Search▲   

 
Price & Availability of RN732ATTED1002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X