Part Number Hot Search : 
C0201 TS100 EUP2794 LT1580CQ RL152GPT 8002A MLED930 10D390
Product Description
Full Text Search
 

To Download PJESDA5V6-4LCG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJESDA5V6-4LCG SERIES
LOW CAPACITANCE QUAD ARREY FOR ESD PROTECTION
FEATURES
* ESD Protection : IEC61000-4-2 * Four Separate Unidirectional Configurations for Protection * Low Leakage Current < 1A @ 3Volts * Power Dissipation : 380mW * Low Capacitance * In compliance with EU RoHS 2002/95/EC directives
SOT-553
MECHANICAL DATA
* Case: SOT-553, Molded Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Polarity: See Diagram Below * Approx. Weight: 0.002 gram * Mounting Position: Any
MAXIMUM RATINGS (TA=25oC unless otherwise noted)
Parameter Peak Power Dissipation (8x20 s@TA=25oC) (Note 1) Steady State Power-1 Diode (Note 2) Thermal Resistance, Junction-to-Ambient Above 25oC Derate Maximum Junction Temperature Operating Junction and Storage Temperature Range Lead Solder Temperature (10 seconds duration) Symbol PPK PD RJA TJMAX TJ,TSTG TL Value 20 380 327 3.05 150 -55 to +150 260 Units W mW
O C/W mW/OC
O
C C C
O
O
ELECTRAICAL CHARACTERISTICS(TA=25oC)
B r e a k d o wn Vo lta g e V BR @1 mA (V o lts ) M i n. PJESDA5V6-4LCG PJESDA6V2-4LCG PJESDA6V8-4LCG 5.32 5.89 6.37 No m. 5.60 6.20 6.71 M a x. 5.88 6.51 7.04 Leakage Current IRM@V RM V RWM 3.0 4.3 5 IRWM(m A ) 0.5 0.5 0.5 Typ Capacitance@0V Typ Capacitance@3V Marking Bias (pF)(Note 3) Bias (pF)(Note 3) Ty p 13 12 12 Max 17 16 15 Ty p 7.0 7.0 6.7 Max 11.5 10.0 9.5
Part Number
VCMAX@IPP VC(V) 13 13 13 I PP(A) 1.6 1.6 1.6
C ode
SH SJ SL
6
NOTES : 1.Non-repetitive current per Figure 1. 2.Only 1 diode under power. For all 4 diodes under power,PD will be 25%. Mounted on FR-4 board with min pad. 3.Capacitance of one diode at f=1MHz, VR=0V, TA=25 oC
4
1
STAD-JAN.15.2008
2
3
PAGE . 1
PJESDA5V6-4LCG SERIES
STAD-JAN.15.2008
PAGE . 2
PJESDA5V6-4LCG SERIES
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 4K per 7" plastic Reel T/R - 10K per 13" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2008
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-JAN.15.2008
PAGE . 3


▲Up To Search▲   

 
Price & Availability of PJESDA5V6-4LCG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X