Part Number Hot Search : 
S5L9286 1N6613 RD18MW 78156 KS0118C KBPC206 MAJ150A S5493
Product Description
Full Text Search
 

To Download PJESDA5V6-4G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PJESDA5V6-4G SERIES
QUAD ARRAY FOR ESD PROTECTION
FEATURES
* Low Leakage < 1A@VRWM * Breakdown Voltage : 5.6Volt-6.7Volt@1mA * ESD Protection Meeting IEC61000-4-2-Level 4 * In compliance with EU RoHS 2002/95/EC directives
SOT-553
MECHANICAL DATA
Case : SOT-553, Plastic Terminals : Solderable per MIL-STD-750, Method 2026 Approx. Weight : 0.003 gram
6
4
1
2
3
MAXIMUM RATINGS (TA=25oC unless otherwise noted)
Parameter P e a k P o we r D i s s i p a t i o n (8 x2 0 s @ TA = 2 5 o C ) (No te 1 ) S t e a d y S ta t e P o we r -1 D i o d e (No te 2 ) The r ma l Re s i s t a nc e J unc t i o n t o A m b i e nt A b o ve 2 5 o C ,D e ra t e L e a d S o ld e r Te mp e ra t ure (1 0 s e c o nd s d ura t i o n) O p e ra t i ng J unc t i o n a nd S t o ra g e Te mp e r a tur e Ra ng e Symbol P PK PD R J A TL TJ, TS TG Limits 40 300 370 2.7 260 -55 to +150 Unit W mW
o C/W mW/oC o
C C
o
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Condtions may affect device reliability.
ELECTRICAL CHARACTERISTICS (TA=25oC)
B re a k do wn Volta g e V B R@ 1 mA (Vo lts ) Part Number Mi n V PJESDA5V6-4G PJESDA6V2-4G PJESDA6V8-4G 5.32 5.89 6.37 No m V 5.6 6.2 6.7 Ma x V 5.88 6.51 7.04
L ea k a ge C urre nt IRM@V RM V RWM V 3.0 4.3 5.0 I
RWM
V C Ma x@I VC V 10 11 12
PP
I
PP
Max Capacitance @0V Bias 1MHz pF 45 40 35
Marking
A 1 1 1
A 5.0 4.5 4.0
SB SC SD
1.Non-repetitive current per Figure 1. 2.Only 1 diode under power. For all 4 diodes under power, PD will be 25%. Mounted on FR-4 board with min pad
REV.0.1-JUN.12.2009
PAGE . 1
PJESDA5V6-4G SERIES
0
1 2
2
3
4
5
PJESDA6V8-4G PJESDA6V2-4G
PJESDA5V6-4G
REV.0.1-JUN.12.2009
PAGE . 2
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 4K per 7" plastic Reel T/R - 10K per 13" plastic Reel
LEGAL STATEMENT Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
REV.0.1-JUN.12.2009
PAGE . 3


▲Up To Search▲   

 
Price & Availability of PJESDA5V6-4G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X