Part Number Hot Search : 
T1122 UES702 HVL43 GBPC25 206VDC MG300 SM6K2 BZX85
Product Description
Full Text Search
 

To Download P6KE75 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE6.8 thru P6KE550CA
Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
Features
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 Glass passivated junction 600W peak pulse power capabililty with a 10/1000us waveform, repetition rate (duty cycle): 0.01% Excellent clamping capability Low incremental surge resistance Very fast response time High temp. soldering guaranteed: 265oC/10 seconds, 0.375" (9.5mm) lead length, 5lbs. (2.3 kg) tension
Mechanical Data
Case: JEDEC DO-204AC(DO-15) molded plastic body over passivated junction Terminals: Solder plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: For unidirectional types the color band denotes the cathode, which is positive with respect to the anode under normal TVS operation Mounting Position: Any Weight: 0.015oz., 0.4g
Devices for Bidirectional Applications For bi-directional devices, use suffix C or CA for types P6KE6.8 through types P6KE440 (e.g. P6KE6.8C, P6KE440CA). Electrical characteristics apply in both directions.
Maximum Ratings and Characteristics
(TA=25oC unless otherwise noted)
Parameter Peak power dissipation with a 10/1000us waveform (Fig. 1) Peak pulse current with a 10/1000us waveform Steady state power dissipation at TL=75oC, lead lengths 0.375" (9.5mm) (2) Peak forward surge current, 8.3ms single half sine-wave Maximum instantaneous forward voltage at 50A for unidirectional only (4) Typical thermal resistance junction-to-lead Typical thermal resistance junction-to-ambient Operating junction and storage temperature range
(3) (1)
Symbol P PPM IPPM PM(AV) IFSM VF RJL RJA TJ, TSTG
o
Value Minimum 600
(1)
Unit W A W A Volts
o
See Next Table 5.0 100 3.5/5.0 20 75 -55 to +150
C/W C/W
o
o
C
Notes:
1. Non-repetitive current pulse, per Fig.3 and derated above TA=25 C per Fig. 2 2. Mounted on copper pad area of 1.6 x 1.6" (40 x 40mm) per Fig. 5 3. Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum 4. VF=3.5 V for devices of V(BR)<220V, and VF=5.0 Volt max. for devices of V(BR)>220V
582
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified.)
Breakdow n voltage V(BR) (Volts) (1) Device type P6KE6.8 P6KE6.8A P6KE7.5 P6KE7.5A P6KE8.2 P6KE8.2A P6KE9.1 P6KE9.1A P 6K E 10 P 6K E 10A P6KE11 P6KE11A P 6K E 12 P 6K E 12A P 6K E 13 P 6K E 13A P 6K E 15 P 6K E 15A P 6K E 16 P 6K E 16A P 6K E 18 P 6K E 18A P 6K E 20 P 6K E 20A P 6K E 22 P 6K E 22A P 6K E 24 P 6K E 24A P 6K E 27 P 6K E 27A P 6K E 30 P 6K E 30A P 6K E 33 P 6K E 33A P 6K E 36 P 6K E 36A P 6K E 39 P 6K E 39A P 6K E 43 P 6K E 43A P 6K E 47 P 6K E 47A P 6K E 51 P 6K E 51A P 6K E 56 P 6K E 56A Min. 6.12 6.45 6.75 7.13 7.38 7.79 8.19 8.65 9.00 9.50 9.90 10.5 10.8 11.4 11.7 12.4 13.5 14.3 14.4 15.2 16.2 17.1 18.0 19.0 19.8 20.9 21.6 22.8 24.3 25.7 27.0 28.5 29.7 31.4 32.4 34.2 35.1 37.1 38.7 40.9 42.3 44.7 45.9 48.5 50.4 53.2 Max. 7.48 7.14 8.25 7.88 9.02 8.61 10.0 9.55 11.0 10.5 12.1 11.6 13.2 12.6 14.3 13.7 16.5 15.8 17.6 16.8 19.8 18.9 22.0 21.0 24.2 23.1 26.4 25.2 29.7 28.4 33.0 31.5 36.3 34.7 39.6 37.8 42.9 41.0 47.3 45.2 51.7 49.4 56.1 53.6 61.6 58.8
Test current at IT (mA) 10 10 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM (Volts) 5.50 5.80 6.05 6.40 6.63 7.02 7.37 7.78 8.10 8.55 8.92 9.40 9.72 10.2 10.5 11.1 12.1 12.8 12.9 13.6 14.5 15.3 16.2 17.1 17.8 18.8 19.4 20.5 21.8 23.1 24.3 25.6 26.8 28.2 29.1 30.8 31.6 33.3 34.8 36.8 38.1 40.2 41.3 43.6 45.4 47.8
Maximum reverse leakage at VWM ID(3) (uA) 1000 1000 500 500 200 200 50 50 10 10 5.0 5.0 5.0 5.0 5.0 5.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Maximum peak pulse current IPPM(2) (A) 55.6 57.1 51.3 53.1 48.0 49.6 43.5 44.8 40.0 41.4 37.0 38.5 34.7 35.9 31.6 33.0 27.3 28.3 25.5 26.7 22.6 23.8 20.6 21.7 18.8 19.6 17.3 18.1 15.3 16.0 13.8 14.5 12.6 13.1 11.5 12.0 10.6 11.1 9.7 10.1 8.8 9.3 8.2 8.6 7.5 7.8
Maximum clamping voltage at IPPM VC (Volts) 10.8 10.5 11.7 11.3 12.5 12.1 13.8 13.4 15.0 14.5 16.2 15.6 17.3 16.7 19.0 18.2 22.0 21.2 23.5 22.5 26.5 25.2 29.1 27.7 31.9 30.6 34.7 33.2 39.1 37.5 43.5 41.4 47.7 45.7 52.0 49.9 56.4 53.9 61.9 59.3 67.8 64.8 73.5 70.1 80.5 77.0
Maximum temperature coefficient of V(BR) (% / oC) 0.057 0.057 0.061 0.061 0.065 0.065 0.068 0.068 0.073 0.073 0.075 0.075 0.076 0.078 0.081 0.081 0.084 0.084 0.086 0.086 0.088 0.088 0.090 0.090 0.092 0.092 0.094 0.094 0.096 0.096 0.097 0.097 0.098 0.098 0.099 0.099 0.100 0.100 0.101 0.101 0.101 0.101 0.102 0.102 0.103 0.103
583
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified.)
Breakdow n voltage V(BR) (Volts) (1) Device type P 6K E 62 P 6K E 62A P 6K E 68 P 6K E 68A P 6K E 75 P 6K E 75A P 6K E 82 P 6K E 82A P 6K E 91 P 6K E 91A P 6K E 100 P 6K E 100A P6KE110 P6KE110A P 6K E 120 P 6K E 120A P 6K E 130 P 6K E 130A P 6K E 150 P 6K E 150A P 6K E 160 P 6K E 160A P 6K E 170 P 6K E 170A P 6K E 180 P 6K E 180A P 6K E 200 P 6K E 200A P 6K E 220 P 6K E 220A P 6K E 250 P 6K E 250A P 6K E 300 P 6K E 300A P 6K E 350 P 6K E 350A P 6K E 400 P 6K E 400A P 6K E 440 P 6K E 440A P 6K E 480A P 6K E 510A P 6K E 530A P 6K E 540A P 6K E 550A Min. 55.8 58.9 61.2 64.6 67.5 71.3 73.8 77.9 81.9 86.5 90.0 95.0 99.0 105 108 114 117 124 135 143 144 152 153 162 162 171 180 190 198 209 225 237 270 285 315 333 360 380 396 418 456 485 503.5 513 522.5 Max. 68.2 65.1 74.8 71.4 82.5 78.8 90.2 86.1 100 95.5 110 105 121 116 132 126 143 137 165 158 176 168 187 179 198 189 220 210 242 231 275 263 330 315 385 368 440 420 484 462 504 535 556.5 567 577.5 Maximum reverse leakage at VWM ID(3) (uA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Maximum peak pulse current IPPM(2) (A) 6.7 7.1 6.1 6.5 5.6 5.8 5.1 5.3 4.6 4.8 4.2 4.4 3.8 3.9 3.5 3.6 3.2 3.4 2.8 2.9 2.6 2.7 2.5 2.6 2.3 2.4 2.1 2.2 1.7 1.8 1.7 1.7 1.4 1.4 1.2 1.2 1.0 1.1 0.95 1.0 0.9 0.9 0.8 0.8 0.8 Maximum clamping voltage at IPPM VC (Volts) 89.0 85.0 98.0 92.0 108 103 118 113 131 125 144 137 158 152 173 165 187 179 215 207 230 219 244 234 258 246 287 274 344 328 360 344 430 414 504 482 574 548 631 602 658 698 725 740 760 Maximum temperature coefficient of V(BR) (% / oC) 0.104 0.104 0.104 0.104 0.105 0.105 0.105 0.105 0.106 0.106 0.106 0.106 0.107 0.107 0.107 0.107 0.107 0.107 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.108 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110 0.110
Test current at IT (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Stand-off voltage VWM (Volts) 50.2 53.0 55.1 58.1 60.7 64.1 66.4 70.1 73.7 77.8 81.0 85.5 89.2 94.0 97.2 102 105 111 121 128 130 136 138 145 146 154 162 171 175 185 202 214 243 256 284 300 324 342 356 376 408 434 450 459 467
Notes:
1. V(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent 2. Surge current waveform per Fig. 3 and derate per Fig. 2 3. For bidirectional types with VWM of 10 volts and less, the ID limit is doubled 4. All terms and symbols are consistent with ANSI/IEEE C62.35 5. For parts without A, the VBR is +10% Description: This P6KE TVS series is a low cost commercial product for use in applications where large voltage transients can permanently damage voltage-sensitive components. The P6KE series device types are designed in a small package size where power and space is a consideration. They are characterized by their high surge capability, extremely fast response time, and low impedance, (Ron). Because of the unpredictable nature of transients, and the variation of the impedance with respect to these transients, impedance, per se, is not specified as a parametric value. However, a minimum voltage at low current conditions (BV) and a maximum clamping voltage (Vc) at a maximum peak pulse current is specified. In some instances, the thermal effect (see Vc Clamping Voltage) may be responsible for 50% to 70%. of the observed voltage differential when subjected to high current pulses for several duty cycles, thus making a maximum impedance specification insignificant. In case of a severe current overload or abnormal transient beyond the maximum ratings, the Transient Voltage Suppressor will initially fail 'short' thus tripping the system's circuit breaker or fuse while protecting the entire circuit. Curves depicting clamping voltage vs. various current pulses are available from the factory. Extended power curves vs. pulse time are also available.
584
RATINGS AND CHARACTERISTIC CURVES
(TA = 25oC unless otherwise noted)
585


▲Up To Search▲   

 
Price & Availability of P6KE75

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X