Part Number Hot Search : 
FSA2267 2SC1473A R180F 2N7426 HV623 WSD461F AX3117 STTH3
Product Description
Full Text Search
 

To Download P600A09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P600A~P600M
HIGH CURRENT PLASTIC SILICON RECTIFIERS VOLTAGE
FEATURES
1.0(25.4)MIN.
50 to1000 Volts
CURRENT
6.0 Amperes
P-600
Unit: inch(mm)
* Plastic package has Underwriters Laboratories Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * High current capability. * Exceeds environmental standards of MIL-S-19500/228 * Low leakage. * In compliance with EU RoHS 2002/95/EC directives
.052(1.3) .048(1.2)
.360(9.1)
MECHANICALDATA
* Case: Molded plastic, P-600 * Terminals: Axial leads, solderable to MIL-STD-750,Method 2026 * Polarity: Color Band denotes cathode * Mounting Position: Any * Weight: 0.0719 ounce, 2.04 gram
.340(8.6)
.360(9.1)
1.0(25.4)MIN.
.340(8.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt . 3 7 5 " ( 9 . 5 m m ) l e a d l e ng t h P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) ( N o t e 1 ) M a xi m um F o r w a r d V o l t a g e a t 6 . 0 A M a xi m um D C R e ve r s e C ur r e nt TJ = 2 5 O C a t R a t e d D C B l o c k i ng Vo l t a g e TJ = 1 0 0 O C Ty p i c a l J u n c t i o n c a p a c i t a n c e ( N o t e 2 ) Ty p i c a l T h e r m a l R e s i s t a n c e ( N o t e 3 ) O p e r a t i n g a n d S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L P 6 0 0 A P 6 0 0 B P 6 0 0 D P 6 0 0 G P 6 0 0 J P 6 0 0 K P 6 0 0 M U N I T S VRRM VRMS VD C IF ( A V ) IF S M VF IR CJ RJ A RJ L TJ , TS T G 50 35 50 100 70 100 200 140 200 400 280 400 6 .0 400 1 .0 10 1000 150 20 4 .0 -5 5 to +1 5 0
O
600 420 600
800 560 800
1000 700 1000
V V V A A V A pF C/W
O
C
NOTES: 1.Peak forward surge current, per 8.3ms single half- sine-wave superimposed on rated load (JEDEC method) 2. Measured at 1 MHz and applied reverse voltage of 4.0 volts. 3.Thermal resistance from junction to ambient and from junction to lead at 0.375"(9.5mm) P.C.B. mounted with 1.0 x 1.0 ( 30 x 30mm ) copper pads.
STAD-FEB.05.2009 1
PAGE . 1
P600A~P600M
RATING AND CHARACTERISTIC CURVES
AVERAGEFORWARDRECITIFIED CURRENTAMPERES
PEAK FORWARD SURGE CURRENT, AMPERES
10 8 6 4 2 0 0 20 40 60 80 100 120
O
480
300
240
180
120
60
140
160
0
1
10
100
AMBIENT TEMPERAURE, C Fig.1- FORWARD CURRENT DERATING CURVE
NO. OF CYCLE AT 60HZ
Fig.2- MAXIMUM FORWARD SURGE CURRENT
, INST ANTANEOUS REVERSECURRENT uA
1000
100
100
TJ = 125 C
o
INSTANTANEOUS FORWARD CURRENT AMPERES
10
10
TJ = 100 OC
1.0
1.0
TJ = 2 C 5
O
0.1
0.1
20
40
60
80
100
120
140
0 .01
0.6
0.8
1.0
1.2
1.4
1.6
1.8
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTIC
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTIC
STAD-FEB.05.2009 1
PAGE . 2


▲Up To Search▲   

 
Price & Availability of P600A09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X