Part Number Hot Search : 
SI9142CW DS3142 00512 M100A A1327A L6605 ANTX1 MMSZ4717
Product Description
Full Text Search
 

To Download MMBD4148W-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD4148W / BAS16W
SURFACE MOUNT FAST SWITCHING DIODE
Please click here to visit our online spice models database.
Features
* * * * * * Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 3, 4 and 5) Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
* * * * * * * * * SOT-323 Case: SOT-323 Case Material: Molded Plastic, "Green" Molding Compound, Note 5. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020D Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagram Marking Information: See Page 2 Ordering Information: See Page 2 Weight: 0.006 grams (approximate)
TOP VIEW
TOP VIEW Internal Schematic
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VRM VRRM VRWM VR VR(RMS) IFM IO @ t = 1.0s @ t = 1.0s IFSM Value 100 75 53 300 150 2.0 1.0 Unit V V V mA mA A
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Non-Repetitive Peak Forward Surge Current
Thermal Characteristics
Characteristic Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol PD RJA TJ, TSTG Value 200 625 -65 to +150 Unit mW C/W C
Electrical Characteristics
Characteristic Reverse Breakdown Voltage (Note 2) Forward Voltage
@TA = 25C unless otherwise specified Symbol V(BR)R VF Min 75 Max 0.715 0.855 1.0 1.25 1.0 50 30 25 2.0 4.0 Unit V V A A A nA pF ns Test Condition IR = 1.0A IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, TJ = 150C VR = 25V, TJ = 150C VR = 20V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100
Reverse Current (Note 2) Total Capacitance Reverse Recovery Time
Notes: 1. 2. 3. 4. 5.
IR CT trr

Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. Short duration pulse test used to minimize self-heating effect. No purposefully added lead. Halogen and Antimony Free. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php. Product manufactured with Green Molding Compound and does not contain Halogens or Sb2O3 Fire Retardants.
MMBD4148W / BAS16W
Document number: DS30094 Rev. 12 - 2
1 of 3 www.diodes.com
June 2008
(c) Diodes Incorporated
MMBD4148W / BAS16W
IF, INSTANTANEOUS FORWARD CURRENT (A)
250
Note 1
1
PD , POWER DISSIPATION (mW)
200
0.1
150
100
0.01
50
0
0
100 TA, AMBIENT TEMPERATURE (C) Fig. 1 Power Derating Curve
200
0.001
0
0.5 1.0 1.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IR, INSTANTANEOUS REVERSE CURRENT (nA)
10,000
T A = 150C
2.0 1.8 CT, TOTAL CAPACITANCE (pF) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2
f = 1.0MHz
1,000
100
10
1
0.1
0
20 40 60 80 100 VR, INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics
0.0
0
10 30 40 20 VR, DC REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage
Ordering Information
Device MMBD4148W-7-F BAS16W-7-F
Notes:
(Notes 5 & 6) Packaging SOT-323 SOT-323 Shipping 3000/Tape & Reel 3000/Tape & Reel
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
xxx = Product Type Marking Code (KA2, KT1) YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
XXX
Date Code Key Year Code Month Code
2000 L Jan 1
2001 M Feb 2
2002 N Mar 3
2003 P Apr 4
2004 R May 5
YM
2005 S Jun 6
2006 T
2007 U Jul 7
2008 V Aug 8
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
MMBD4148W / BAS16W
Document number: DS30094 Rev. 12 - 2
2 of 3 www.diodes.com
June 2008
(c) Diodes Incorporated
MMBD4148W / BAS16W Package Outline Dimensions
A
TOP VIEW
BC
G H K M
J
D
F
L
SOT-323 Dim Min Max A 0.25 0.40 B 1.15 1.35 C 2.00 2.20 D 0.65 Nominal F 0.30 0.40 G 1.20 1.40 H 1.80 2.20 J 0.0 0.10 K 0.90 1.00 L 0.25 0.40 M 0.10 0.18 0 8 All Dimensions in mm
Suggested Pad Layout
Y Z G C
X
E
Dimensions Value (in mm) Z 2.8 G 1.0 X 0.7 Y 0.9 C 1.9 E 0.65
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
MMBD4148W / BAS16W
Document number: DS30094 Rev. 12 - 2
3 of 3 www.diodes.com
June 2008
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMBD4148W-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X