Part Number Hot Search : 
114YU B6564608 M16G45 000001 C2238 ESS3207 B1033 DLW05
Product Description
Full Text Search
 

To Download M55342 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E/H (T-Level) (Military M/D55342)
Vishay Thin Film
QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
FEATURES
* T-level (space) qualified * Passes outgassing requirements * TCR to 25 ppm/C * Tolerances to 0.1 % * 100 % power conditioning Thin Film MIL-PRF-55342 established reliability "T" level chip resistors feature a thin film resistor element and with all sputtered wraparound terminations that provide excellent adhesion and dimensional uniformanity. They are ideal in applications requiring stringent performance requirements. Established reliability is assured through 100 % screening and extensive environmental testing for every lot that includes complete 100 % group A, power conditioning and group B lot testing performed for T-level product assurance. requirements of ASTM-E595
TYPICAL PERFORMANCE
ABSOLUTE TCR TOL. 25 0.1
STANDARD ELECTRICAL SPECIFICATIONS
TEST Material Resistance Range TCR: Absolute Tolerance: Absolute Stability: Absolute Voltage Coefficient Working Voltage Operating Temperature Range Storage Temperature Range Noise Thermal EMF Shelf Life Stability: Absolute SPECIFICATIONS Passivated nichrome 100 to 1.5 M 25 ppm/C (E), 50 ppm/C (H) 0.1 % R 0.02 % < 0.1 ppm/V 40 V to 125 V - 55 C to + 125 C - 55 C to + 150 C < - 25 dB < 0.1 V/C R 0.01 % CONDITIONS - 55 C to + 125 C + 25 C 2000 h at + 70 C 1 year at + 25 C
COMPONENT RATINGS
CASE SIZE MAX. WORKING VOLTAGE (V) 40 75 125 50 100 75 POWER RATING (mW) 125 200 150 150 250 500 RESISTANCE RANGE () BY CHARACTERISTICS TOLERANCE E (0.1 %) 49.9 to 301K 49.9 to 649K 49.9 to 1.69M 49.9 to 475K 49.9 to 1.5M 49.9 to 1M E (1 %, 2 %, 5 %) 49.9 to 301K 49.9 to 649K 49.9 to 1.69M 49.9 to 475K 49.9 to 1.5M 49.9 to 1M H, K, M (0.1 %) 20 to 301K 10 to 649K 10 to 1.69M 10 to 475K 10 to 1.5M 49.9 to 1M H, K, M (1 %, 2 %, 5 %) 20 to 301K 10 to 649K 10 to 1.69M 10 to 475K 10 to 1.5M 49.9 to 1M
M55342/02 M55342/03 M55342/04 M55342/06 D55342/07 M55342/10
www.vishay.com 1
For technical questions, contact: thinfilm@vishay.com
Document Number: 60060 Revision: 28-Jul-10
E/H (T-Level) (Military M/D55342)
QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
DIMENSIONS in inches
D
Vishay Thin Film
T E L
W
CASE SIZE M55342/02 M55342/03 M55342/04 M55342/06 D55342/07 M55342/10
TERM. B B B B B B
L 0.055 0.006 0.105 0.007 0.155 0.007 0.080 0.006 0.126 0.008 0.105 0.007
W 0.050 0.003 0.050 0.003 0.050 0.003 0.050 0.003 0.063 0.005 0.100 0.005
T 0.012 to 0.033 0.015 to 0.033 0.015 to 0.033 0.015 to 0.033 0.015 to 0.033 0.015 to 0.033
D 0.010 0.005 0.015 0.005 0.015 0.005 0.016 0.008
E 0.015 0.005 0.015 0.005 0.015 0.005 0.015 0.005
0.020 + 0.005/- 0.010 0.020 + 0.005/- 0.010 0.015 0.005 0.015 0.005
ENVIRONMENTAL TESTS
ENVIRONMENTAL TEST Thermal Shock Low Temperature Operation Short Time Overload High Temperature Exposure Resistance to Bonding Moisture Resistance TCR Life (2000 h at + 70 C) Life (10 000 h at + 70 C) MIL-PRF-55342 LIMITS (R ) 0.10 % 0.10 % 0.10 % 0.10 % 0.20 % 0.20 % 25 ppm/C 0.05 % 2.00 % VISHAY PERFORMANCE (R ) 0.02 % 0.03 % 0.05 % 0.01 % 0.01 % 0.04 % < 15 ppm/C 0.02 % 0.04 %
MECHANICAL SPECIFICATIONS
Resistive Element Substrate Material Chip Terminations Fused Solder Passivated nichrome Alumina Solder over nickel SN 63
Document Number: 60060 Revision: 28-Jul-10
For technical questions, contact: thinfilm@vishay.com
www.vishay.com 2
E/H (T-Level) (Military M/D55342)
Vishay Thin Film
QPL MIL-PRF-55342 Qualified Thin Film Resistor, Surface Mount Chip
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: M55342E06B1C00TTS
M
5
5
3
4
2
E
0
6
B
1
C
0
0
T
T
S
V
MODEL M55342 or D55342 (/07 size only)
TCR CHARACTERISTIC E = 25 ppm/C > 100 H = 50 ppm/C K = 100 ppm/C (1) M = 300 ppm/C (1)
CASE SIZE
TERMINATION
OHMIC VALUE
PRODUCT LEVEL DESIGNATOR T= Space level
PACKAGING BS = BULK 1 min., 1 mult WAFFLE PACK WS = WAFFLE 25 min., 1 mult WI = 25 min., 1 mult (item single lot date code) WP = 25 min., 1 mult (package unit single lot date code) TAPE AND REEL T0 = 100 min., 100 mult T1 = 1000 min., 1000 mult T3 = 300 min., 300 mult T5 = 500 min., 500 mult TF = Full reel TS = 100 min., 1 mult TI = 100 min., 1 mult (item single lot date code) TP = 100 min., 1 mult (package unit single lot date code)
VENDOR V= Vishay Thin Film (1)
02 = 0505 B = Solderable Three digits and a letter. Letter identifies tolerance, acts as 03 = 1005 multiplier and decimal locator. 04 = 1505 06 = 0705 MULTIPLIER 07 = 1206 Tolerance 1 1 k 1 M 10 = 1010 0.1 % A B C 1% 2% 5% 10 % D G J M E H K N F T L P
Notes (1) For K and M TCR 1 % tolerance add a V at end of part number to specify Vishay Thin Film vs. Dale Thick Film. E.g.: M55342K06B1F00TWSV * Consult factory for additional case size qualification pending
www.vishay.com 3
For technical questions, contact: thinfilm@vishay.com
Document Number: 60060 Revision: 28-Jul-10
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of M55342

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X