Part Number Hot Search : 
CY62148 TVS3527S NMR120C CPC1R5C 4232AUA BR3510 SI532 M62003P
Product Description
Full Text Search
 

To Download JO22-30V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Oscillator * JO22 * 3.0 V
SMD Oscillator with Stop Function * 2.5 x 2.0 mm
actual size low current consumption low phase noise type for WLAN available** reflow soldering temperature: 260 C max. ultra flat ceramic / metal package
2002/95/EC
RoHS compliant Pb free: pins / pads
RoHS
General Data
type frequency range frequency stability over all* JO22 3.0 V 0.75 ~ 50.0 MHz 25ppm ~ 100ppm see table 1 current consumption supply voltage VDC temperature operating storage output rise & fall time load max current max. low level max. high level min. output enable time max. output disable time max. start-up time max. standby function standby current max. phase jitter 12 kHz ~ 20.0 MHz symmetry at 0.5 x VDC see table 2 3.0 V 5% -20 C ~ +70 C / -40 C ~ +85 C -55 C ~ +100 C see table 3 15pF 4mA 0.1 x VDC 0.9 x VDC 10ms 50s 10ms stop 5A < 1.0ps RMS** 45% ~ 55% max.
Table 1: Frequency Stability Code
stability code A 100 ppm -20 C ~ +70 C -40 C ~ +85 C O O available B 50 ppm O O excludes aging G 30 ppm O O C 25 ppm
* standard
* includes stability at 25 C, operating temp. range, supply voltage change, shock and vibration, aging 1st year.
Table 2: Current Consumption max.
3.3 V: current at 15pF load: 0.75 ~ 19.9 MHz 20.00 ~ 39.9 MHz 40.00 ~ 50.0 MHz 5.5 mA 6.5 mA 7.5 mA
Table 3: Rise & Fall Time max.
5 ns: 0.75 ~ 50.0 MHz note: - specific data on request - rise time: 0.1 VDC ~ 0.9 VDC - fall time: 0.9 VDC ~ 0.1 VDC
** detailed data and available frequencies for option - LP upon request
Dimensions
2.50.1 0.800.1 #4 #3 2.00.1 #3 0.950.05 #4 0.650.05 0.900.1 pin connection # 1: e/d # 2: ground # 3: output # 4: VDC
in mm
1.450.1
0.680.05
#1
#2
0.4
#2
#1 0.780.05
1.850.1
top view
side view
bottom view
pad layout
Order Information
O
Oscillator
frequency
type
frequency stability code see table 1
supply voltage code 3.0 = 3.0 V
output load code 1 = 15 pF
0.800.1
option
0.75 ~ 50.0 MHz
JO22
blank = -20 C ~ +70 C T1 = -40 C ~ +85 C LP = low phase noise**
Example: O 20.0-JO22-B-3.0-1
(LF = RoHS compliant / Pb free pins or pads)
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice 190808
Oscillator * JO22 * 3.0 V * Stop Function
Taping Specification
1.75 4.0 o 1.55 8.4 120
2.70.05
8.0
o 13 o 80 o 178
2.0
4.0
2.25 0.05
Feeding
1.150.05
in mm
o 130.5
in mm
500 pcs per reel
Enable / Disable Function
pin #1 (e/d control) open high "1" (VIH 0.8 VDC) low "0" (VIL 0.2 VDC) stop function: * oscillator stops * output high impedance pin #3 (output) active active high impedance
Marking
frequency type / date code date code: A ~ M: Jan.- Dec. 7: 2007 8: 2008 9: 2009 Jan. A July G Febr. B Aug. H Mar. C Sept. J Apr. D Oct. K May E Nov. L June F Dec. M
Reflow Soldering Profile
temperature (C)
260 200 150 100 50 60 ~180 s 60 s max. 10 s max. 260 C max. 220 5 C 180 5 C
Packing Note
- - standard packing units are 1000 pieces per reel non-multiple packing units are only supplied taped / bulk
time (s) note: parts are also suitable for soldering systems with lead (Pb) content
Jauch Quartz GmbH * e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com
All specifications are subject to change without notice


▲Up To Search▲   

 
Price & Availability of JO22-30V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X