Part Number Hot Search : 
MSK604 PCA9550D 2SA720 74279 FAN8200D DLG3416 Q2006RH4 2SB14
Product Description
Full Text Search
 

To Download IPW60R165CP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPW60R165CP
CoolMOS(R) Power Transistor
Features * Lowest figure-of-merit R ONxQg * Ultra low gate charge * Extreme dv/dt rated * High peak current capability * Qualified according to JEDEC1) for target applications * Pb-free lead plating; RoHS compliant
Product Summary V DS @ Tj,max R DS(on),max Q g,typ 650 V
0.165 39 nC
PG-TO247-3
CoolMOS CP is specially designed for: * Hard switching topologies, for Server and Telecom
Type IPW60R165CP
Package PG-TO247-3
Ordering Code SP000095483
Marking 6R165P
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID T C=25 C T C=100 C Pulsed drain current2) Avalanche energy, single pulse Avalanche energy, repetitive t AR2),3) Avalanche current, repetitive t AR2),3) MOSFET dv /dt ruggedness Gate source voltage I D,pulse E AS E AR I AR dv /dt V GS V DS=0...480 V static AC (f >1 Hz) Power dissipation Operating and storage temperature Mounting torque Rev. 2.2 P tot T j, T stg M3 and M3.5 screws page 1 T C=25 C T C=25 C I D=7.9 A, V DD=50 V I D=7.9 A, V DD=50 V Value 21 13 61 522 0.79 7.9 50 20 30 192 -55 ... 150 60 W C Ncm 2008-02-18 A V/ns V mJ Unit A
Please note the new package dimensions arccording to PCN 2009-134-A
IPW60R165CP
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous diode forward current Diode pulse current 2) Reverse diode dv /dt 4) Symbol Conditions IS I S,pulse dv /dt T C=25 C Value 12 61 15 V/ns Unit A
Parameter
Symbol Conditions min.
Values typ. max.
Unit
Thermal characteristics Thermal resistance, junction - case Thermal resistance, junction ambient Soldering temperature, wavesoldering only allowed at leads R thJC R thJA leaded 1.6 mm (0.063 in.) from case for 10 s 0.65 62 K/W
T sold
-
-
260
C
Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage V (BR)DSS V GS=0 V, I D=250 A V GS(th) V DS=V GS, I D=0,79 mA V DS=600 V, V GS=0 V, T j=25 C V DS=600 V, V GS=0 V, T j=150 C Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=12 A, T j=25 C V GS=10 V, I D=12 A, T j=150 C Gate resistance RG f =1 MHz, open drain 600 2.5 3 3.5 V
Zero gate voltage drain current
I DSS
-
-
1
A
-
10 0.15
100 0.165 nA
-
0.40 1.9
Rev. 2.2
page 2
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A
IPW60R165CP
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Effective output capacitance, energy related5) Effective output capacitance, time related6) Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode Diode forward voltage Reverse recovery time Reverse recovery charge Peak reverse recovery current
1)
Values typ. max.
Unit
C iss C oss C o(er)
V GS=0 V, V DS=100 V, f =1 MHz
-
2000 100 83
-
pF
V GS=0 V, V DS=0 V to 480 V C o(tr) t d(on) tr t d(off) tf V DD=400 V, V GS=10V, I D=12 A, R G=3.3 220 12 5 50 5 ns
Q gs Q gd Qg V plateau V DD=400 V, I D=12 A, V GS=0 to 10 V
-
9 13.0 39 5.0
52 -
nC
V
V SD t rr Q rr I rrm
V GS=0 V, I F=12 A, T j=25 C
-
0.9 390 7.5 38
1.2 -
V ns C A
V R=400 V, I F=I S, di F/dt =100 A/s
-
J-STD20 and JESD22 Pulse width t p limited by T j,max Repetitive avalanche causes additional power losses that can be calculated as P AV=E AR*f. ISDID, di/dt200A/s, VDClink=400V, Vpeak2)
3)
4)
5)
6)
Rev. 2.2
page 3
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A
IPW60R165CP
1 Power dissipation P tot=f(T C) 2 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
200 102
limited by on-state resistance 10 s 1 s
150 101
100 s
1 ms
P tot [W]
I D [A]
100
DC 10 ms
100 50
0 0 40 80 120 160
10-1 100 101 102 103
T C [C]
V DS [V]
3 Max. transient thermal impedance Z thJC=f(t P) parameter: D=t p/T
100
4 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
80
10V 12 V 20 V
0.5
60
8V
Z thJC [K/W]
0.2
10-1
I D [A]
0.1 0.05 0.02 0.01 single pulse
40
6V
5.5 V
20
5V
4.5 V
10-2 10-5 10-4 10-3 10-2 10-1 100
0 0 5 10 15 20
t p [s]
V DS [V]
Rev. 2.2
page 4
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A
IPW60R165CP
5 Typ. output characteristics I D=f(V DS); T j=150 C parameter: V GS
40
6 Typ. drain-source on-state resistance R DS(on)=f(I D); T j=150 C parameter: V GS
1.2
6.5 V 8V
20 V 12 V
1
5.5 V
30
10 V
6V
5.5 V
0.8
5V
10 V 6V 7V
20
5V
R DS(on) []
20
I D [A]
0.6
0.4 10
4.5 V
0.2
0 0 5 10 15
0 0 10 20 30 40 50
V DS [V]
I D [A]
7 Drain-source on-state resistance R DS(on)=f(T j); I D=12 A; V GS=10 V
8 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
0.5
100
0.4
80
C 25
R DS(on) []
0.3
60
98%
I D [A]
typ
0.2
40
C 150
0.1
20
0 -60 -20 20 60 100 140 180
0 0 2 4 6 8 10
T j [C]
V GS [V]
Rev. 2.2
page 5
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A
IPW60R165CP
9 Typ. gate charge V GS=f(Q gate); I D=12 A pulsed parameter: V DD
10 9 8
120 V 25 C 400 V
10 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
102
25 C, 98%
150 C, 98% 150 C
7 6
101
V GS [V]
5 4 3 2 1 0 0 10 20 30 40
I F [A]
100 10-1 0 0.5 1 1.5 2
Q gate [nC]
V SD [V]
11 Avalanche energy E AS=f(T j); I D=7.9 A; V DD=50 V
12 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=0.25 mA
600
700
500 660 400
300
V BR(DSS) [V]
E AS [mJ]
620
200 580 100
0 20 60 100 140 180
540 -60 -20 20 60 100 140 180
T j [C]
T j [C]
Rev. 2.2
page 6
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A
IPW60R165CP
13 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz 14 Typ. Coss stored energy E oss= f(V DS)
105
14
12 104
Ciss
10
103
E oss [J]
200 300 400 500
C [pF]
8
102
Coss
6
4 10
1
Crss
2
100 0 100
0 0 100 200 300 400 500 600
V DS [V]
V DS [V]
Rev. 2.2
page 7
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A
IPW60R165CP
Definition of diode switching characteristics
Rev. 2.2
page 8
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A
IPW60R165CP
PG-TO247-3: Outline
Rev. 2.2
page 9
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A
IPW60R165CP
Published by Infineon Technologies AG 81726 Munich, Germany (c) 2007 Infineon Technologies AG All Rights Reserved. Legal Disclaimer The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices, please contact the nearest Infineon Technologies Office
(www.infineon.com).
Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact the nearest Infineon Technologies Office. Infineon Technologies components may be used in life-support devices or systems only with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 2.2
page 10
2008-02-18
Please note the new package dimensions arccording to PCN 2009-134-A
Data sheet erratum PCN 2009-134-A
New package outlines TO-247
1
New package outlines TO-247
Assembly capacity extension for CoolMOSTM technology products assembled in lead-free package PG-TO247-3 at subcontractor ASE (Weihai) Inc., China (Changes are marked in blue.)
Figure 1
Outlines TO-247, dimensions in mm/inches Rev. 2.0, 2010-02-01
Final Data Sheet Erratum


▲Up To Search▲   

 
Price & Availability of IPW60R165CP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X