Part Number Hot Search : 
53203 UCY74 FZT694B T88SC PE42421 LQT50X3 BZX55C43 C3216X5R
Product Description
Full Text Search
 

To Download IPF135N03LG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type
IPD135N03L G IPS135N03L G
IPF135N03L G IPU135N03L G
OptiMOS(R)3 Power-Transistor
Features * Fast switching MOSFET for SMPS * Optimized technology for DC/DC converters * Qualified according to JEDEC for target applications * N-channel, logic level * Excellent gate charge x R DS(on) product (FOM) * Very low on-resistance R DS(on) * Avalanche rated * Pb-free plating; RoHS compliant Type IPD135N03L G IPF135N03L G
1)
Product Summary V DS R DS(on),max ID 30 13.5 30 V m A
IPS135N03L G
IPU135N03L G
Package Marking
PG-TO252-3-11 135N03L
PG-TO252-3-23 135N03L
PG-TO251-3-11 135N03L
PG-TO251-3-21 135N03L
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current Symbol Conditions ID V GS=10 V, T C=25 C V GS=10 V, T C=100 C V GS=4.5 V, T C=25 C V GS=4.5 V, T C=100 C Pulsed drain current2) Avalanche current, single pulse 3) Avalanche energy, single pulse Reverse diode dv /dt Gate source voltage
1)
Value 30 26 30 21 210 30 20 6 20
Unit A
I D,pulse I AS E AS dv /dt V GS
T C=25 C T C=25 C I D=10 A, R GS=25 I D=30 A, V DS=24 V, di /dt =200 A/s, T j,max=175 C
mJ kV/s V
J-STD20 and JESD22
Rev. 1.0
page 1
2006-10-23
IPD135N03L G IPS135N03L G
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 Symbol Conditions P tot T j, T stg T C=25 C Value 31
IPF135N03L G IPU135N03L G
Unit W C
-55 ... 175 55/175/56
Parameter
Symbol Conditions min.
Values typ. max.
Unit
Thermal characteristics Thermal resistance, junction - case SMD version, device on PCB R thJC R thJA minimal footprint 6 cm cooling area 4) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=250 A V DS=30 V, V GS=0 V, T j=25 C V DS=30 V, V GS=0 V, T j=125 C Gate-source leakage current Drain-source on-state resistance
5)
-
-
4.9 75 50
K/W
30 1 -
0.1
2.2 1
V
A
-
10 10 16.4 11.3 1.2 43
100 100 20.5 13.5 S nA m
I GSS R DS(on)
V GS=20 V, V DS=0 V V GS=4.5 V, I D=20 A V GS=10 V, I D=30 A
Gate resistance Transconductance
2) 3) 4)
RG g fs |V DS|>2|I D|R DS(on)max, I D=30 A
22
See figure 3 for more detailed information See figure 13 for more detailed information
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air. Measured from drain tab to source pin
5)
Rev. 1.0
page 2
2006-10-23
IPD135N03L G IPS135N03L G
Parameter Symbol Conditions min. Dynamic characteristics Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics 6) Gate to source charge Gate charge at threshold Gate to drain charge Switching charge Gate charge total Gate plateau voltage Gate charge total Q gs Q g(th) Q gd Q sw Qg V plateau Qg V DD=15 V, I D=30 A, V GS=0 to 10 V V DS=0.1 V, V GS=0 to 4.5 V V DD=15 V, V GS=0 V V DD=15 V, I D=30 A, V GS=0 to 4.5 V 2.7 1.2 1.2 2.6 4.8 3.5 10 C iss C oss Crss t d(on) tr t d(off) tf V DD=15 V, V GS=10 V, I D=30 A, R G=1.6 V GS=0 V, V DS=15 V, f =1 MHz 770 350 16 3 3 12 2 Values typ.
IPF135N03L G IPU135N03L G
Unit max.
1000 470 -
pF
ns
-
nC
V
Gate charge total, sync. FET Output charge Reverse Diode Diode continuous forward current Diode pulse current Diode forward voltage
Q g(sync) Q oss
-
4.2 9
-
nC
IS I S,pulse V SD
T C=25 C V GS=0 V, I F=30 A, T j=25 C V R=15 V, I F=I S, di F/dt =400 A/s
-
0.98
25 210 1.2
A
V
Reverse recovery charge
Q rr
-
-
10
nC
6)
See figure 16 for gate charge parameter definition
Rev. 1.0
page 3
2006-10-23
IPD135N03L G IPS135N03L G
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
IPF135N03L G IPU135N03L G
35
35
30
30
25
25
P tot [W]
20
20
15
I D [A]
15 10 10 5 5 0 0 50 100 150 200 0 0 50 100 150 200
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
103
limited by on-state resistance
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
10
100 ns 0.5
102
1 s 10 s 0.2 0.1 100 s
1
Z thJC [K/W]
I D [A]
101
DC
0.05 0.02 0.01
1 ms
0.1 10
0
single pulse
10-1 10-1 100 101 102
0.01
0
0
0
0
0
0
1
10-6
10-5
10-4
10-3
10-2
10-1
100
V DS [V]
t p [s]
Rev. 1.0
page 4
2006-10-23
IPD135N03L G IPS135N03L G
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
120
IPF135N03L G IPU135N03L G
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
30
100
5V 10 V
25
3.5 V
4V
80
20
4.5 V
R DS(on) [m]
4.5 V
5V
I D [A]
60
15
10 V
40
4V
10
11.5 V
20
3.5 V 3.2 V 2.8 V 3V
5
0 0 1 2 3
0 0 20 40 60 80 100
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
100
8 Typ. forward transconductance g fs=f(I D); T j=25 C
80
80 60
60
g fs [S]
40 20
175 C 25 C
I D [A]
40
20
0 0 1 2 3 4 5
0 0 20 40 60 80 100
V GS [V]
I D [A]
Rev. 1.0
page 5
2006-10-23
IPD135N03L G IPS135N03L G
9 Drain-source on-state resistance R DS(on)=f(T j); I D=30 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS; I D=250 A
IPF135N03L G IPU135N03L G
25
2.5
20
2
R DS(on) [m]
15
98 %
typ
10
V GS(th) [V]
100 140 180
1.5
1
5
0.5
0 -60 -20 20 60
0 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
1000
103
Ciss
100
175 C, 98%
Coss
C [pF]
10
2
I F [A]
25 C
175 C 25 C, 98% Crss
10
101
100 0 10 20 30
1 0.0 0.5 1.0 1.5 2.0
V DS [V]
V SD [V]
Rev. 1.0
page 6
2006-10-23
IPD135N03L G IPS135N03L G
13 Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
IPF135N03L G IPU135N03L G
14 Typ. gate charge V GS=f(Q gate); I D=30 A pulsed parameter: V DD
12
15 V
10
6V
24 V
8
10
150 C
100 C
25 C
V GS [V]
103
I AV [A]
6
4
2
1 10-1 100 101 102
0 0 4 8 12
t AV [s]
Q gate [nC]
15 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=1 mA
16 Gate charge waveforms
34
V GS
32
Qg
30
V BR(DSS) [V]
28
26
V g s(th)
24
22
Q g(th) Q gs
-60 -20 20 60 100 140 180
Q sw Q gd
Q g ate
20
T j [C]
Rev. 1.0
page 7
2006-10-23
IPD135N03L G IPS135N03L G
Package Outline PG-TO252-3-11
IPF135N03L G IPU135N03L G
Footprint:
Packaging:
Rev. 1.0
page 8
2006-10-23
IPD135N03L G IPS135N03L G
Package Outline PG-TO252-3-23
IPF135N03L G IPU135N03L G
Footprint:
Packaging:
Rev. 1.0
page 9
2006-10-23
IPD135N03L G IPS135N03L G
Package Outline PG-TO251-3-11: Outline PG-TO251-3-11
IPF135N03L G IPU135N03L G
PG-TO251-3-21: Outline
Rev. 1.0
page 10
2006-10-23
IPD135N03L G IPS135N03L G
Package Outline PG-TO251-3-11: Outline PG-TO251-3-21
IPF135N03L G IPU135N03L G
PG-TO251-3-21: Outline
Rev. 1.0
page 11
2006-10-23
IPD135N03L G IPS135N03L G
IPF135N03L G IPU135N03L G
Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2006. All Rights Reserved. Attention please! The information given in this data sheet shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com ). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 12
2006-10-23


▲Up To Search▲   

 
Price & Availability of IPF135N03LG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X