Part Number Hot Search : 
MDR2100 KE220 2SK2078 K1602TEW JP503 PI3C6800 GBPC15 NJM2172
Product Description
Full Text Search
 

To Download HER205G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
HER201G THRU HER208G
2.0 Amp Glass Passivated High Efficient Rectifiers 50 to 1000 Volts
DO-15
Features
* * * * High Surge Current Capability High Reliability Low Forward Voltage Drop High Current Capability
* * *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C For capacitive load, derate current by 20% Device Maximum Maximum Catalog Marking Recurrent RMS Number Peak Reverse Voltage Voltage HER201G --50V 35V HER202G --100V 70V HER203G --200V 140V HER204G --300V 210V HER205G --400V 280V HER206G --600V 420V HER207G --800V 560V HER208G --1000V 700V Maximum DC Blocking Voltage 50V 100V 200V 300V 400V 600V 800V 1000V
D
A Cathode Mark B D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 2A TA = 55C Current Peak Forward Surge IFSM 60A 8.3ms, half sine Current Maximum Instantaneous Forward Voltage 1.0V IFM = 2.0A; HER201G-204G VF 1.3V HER205G TA = 25C HER206G - 208G 1.7V Reverse Current At IR 5A TA = 25C Rated DC Blocking 150A TA = 125C Voltage (Maximum DC) Maximum Reverse Recovery Time 50ns IF=0.5A, IR=1.0A, HER201G-205G Trr 75ns Irr=0.25A HER206G-208G Typical Junction Capacitance 50pF Measured at HER201G-205G CJ 30pF 1.0MHz, VR=4.0V HER206G-208G *Pulse Test: Pulse Width 300sec, Duty Cycle 1%
C
DIMENSIONS INCHES MIN .230 .104 .028 1.000 MM MIN 5.8 2.6 0.71 25.40
DIM A B C D
MAX .300 .140 .034 ---
MAX 7.6 3.6 0.86 ---
NOTE
www.cnelectr.com
HER201G THRU HER208G
RATINGS AND CHARACTERISTIC CURVES
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A DUT (-) PULSE GENERATOR (NOTE 2) OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
FIG.2- MAXIMUM AVERAGE FORWARD CURRENT DERATING
AVERAGE FORWARD CURRENT. (A)
3.0 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375" (9.5mm) Lead Length
(+) 50Vdc (approx) (-)
2.0
1W NON INDUCTIVE
1.0
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
0 25 50 75 100 125 150 175
o
AMBIENT TEMPERATURE. ( C)
FIG.3- TYPICAL REVERSE CHARACTERISTICS
1000
FIG.4- TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS REVERSE CURRENT. ( A)
100
Tj=100 0C
INSTANTANEOUS FORWARD CURRENT. (A)
1.0
10
0.1
Tj=25 0C
204G
0.01 0.001 .2
1.0
0.1
20
40
60
80
100
120
.4
HER2 06G~ HER2 08G
.6 .8
HER20 1G~HE R
HE R2 05G
1.0
1.2
1.4
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FORWARD VOLTAGE. (V)
80
FIG.5- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG.6- TYPICAL JUNCTION CAPACITANCE
175
PEAK FORWARD SURGE CURRENT. (A)
50 40 30 20 10 0 1 2 5 10
JUNCTION CAPACITANCE.(pF)
60
150 125 100 75 50 25 0
HE R2 01 G~ HE R2 06 G~ 05 G HE R2 08 G
8.3ms Single Half Sine Wave JEDEC Method
HE
R2
20
50
100
.1
.5
1
2
5
10
20
50
100 200
500 800
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE. (V)
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of HER205G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X