Part Number Hot Search : 
82C255 01051 NTE5554 DE10S3L OL5155 D1020 C1003 7C102
Product Description
Full Text Search
 

To Download GC14035R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869 Fax: +39-010-659 1870 Web: www.gpsemi.it E-mail: info@gpsemi.it
GC140...R
BAR CLAMP FOR HOCKEY PUK DEVICES
Clamping total thikness of assembly from 15mm to 105mm Pre-loaded to the specific clamping force (35 / 45 kN) Maximum device diameter: 124mm Surface passivation to provide extra protection Hexagon head bolt partially threaded M10x1.5, UNI5931, 8.8 steel Various lengths of bolts and insulators Round shaped clamping head for optimal clamping force application Four styles available User friendly clamping force indicator UL94 certified insulation material
Parameter
Unit g
Types GC140S...R GC140B...R GC140...35R GC140...40R GC140...45R
Testing conditions
Notes Min 1980 2380
Values Typ Max 2050 2450 35 40 45 10%
Weight
Clamping Force* Clamping Force tolerance Insulation Voltage
kN
VRMS
1 min Noryl E121562
3000
Insulating Material
UL File Max. working temperature Creepage distance: Clearance distance: Storage temperature C mm mm C mm
-30 49.4 40.0 -40 UL94 V-1 Flame class rating UL94 V-0 Flame class rating CSA Flammability 1.5 8.00 1.00
110
110
Flammability
*
mm mm
Other clamping forces available: contact factory
** Noryl is a registered trade mark of General Electric
Document GC140...R
BAR CLAMP FOR HOCKEY PUK DEVICES
GC140...R
ORDERING INFORMATION TABLE
Clamps can be ordered using the following part numbering system
GC140
B
(1)
N
(2)
A
(3)
B
(4)
40
(5)
R
(1) Construction type: (2) Insulator position: (3) Insulator code: (4) Bolt code: (5) Clamping force (in kN):
B = with double bar S = with single bar N = upper side R = lower side A (100mm long) 35 40 45
K
see table below
K
Type GC140BN...R: suggested insulator/bolt types Allowed clearance S
S' Min[mm]** S Min [mm] 41 51 61 71 81 91 SMax [mm] 56 66 76 86 96 106 (3) A A A A A A Insulator choice Ins. Length [mm] 100 100 100 100 100 100 (4) A B C D E F Bolt choice
K: Total thickness of the assembly to be clamped Max height T [mm] 195 205 215 225 235 245
Bolt Length [mm] 180 190 200 210 220 230
Type GC140BR...R: suggested insulator/bolt types Allowed clearance S Insulator choice
S' Min[mm]** S Min [mm] 41 51 61 71 81 91 SMax [mm] 56 66 76 86 96 106 (3) A A A A A A Ins. Lenght [mm] 100 100 100 100 100 100 (4) A B C D E F
Bolt choice Bolt Length [mm] 180 190 200 210 220 230
Max height T [mm] 195 205 215 225 235 245
Type GC140SN...R: suggested insulator/bolt types Allowed clearance S Insulator choice
S' Min[mm]** S Min [mm] 66 76 86 96 106 116 SMax [mm] 81 91 101 111 121 131 (3) A A A A A A Ins. Lenght [mm] 100 100 100 100 100 100 (4) A B C D E F
Bolt choice Bolt Length [mm] 180 190 200 210 220 230
Max height T [mm] 195 205 215 225 235 245
Type GC140SR...R: suggested insulator/bolt types Allowed clearance S Insulator choice
S' Min[mm]** S Min [mm] 66 76 86 96 106 116 Document GC140...R SMax [mm] 81 91 101 111 121 131 (3) A A A A A A Ins. Lenght [mm] 100 100 100 100 100 100 (4) A B C D E F
Bolt choice Bolt Length [mm] 180 190 200 210 220 230
Max height T [mm] 195 205 215 225 235 245
BAR CLAMP FOR HOCKEY PUK DEVICES
GC140...R
BAR CLAMP OUTLINES
125
140 170
25
GC140BN...R
GC140BR...R
170
98
125
15
125
S
O25
15,3
140
GC140SN...R
Document GC140...R
GC140SR...R
Dimensions in mm - Tolerances according to ISO 2768 MK
25
30
S
O15
4
84.5
25
30
25
S
125
100
84.5


▲Up To Search▲   

 
Price & Availability of GC14035R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X