Part Number Hot Search : 
LH5225 A102M 82C50 ZMY100 107X0010 IRPT2051 IRL630S 237E08DE
Product Description
Full Text Search
 

To Download CMDA31RGB15D13L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
CMDA31RGB15D13L Power LED on Star PCB 1 Watt - Full Color Emitter (Red, Green, Blue)
- Features * Super high flux output and high luminance * Designed for high current operation * Low thermal resistance * SMT solder compatible * Lead (Pb) Free Product - RoHS Compliant
- Applications * General Illumination - Outdoor & Indoor Architectural Lighting - Decorative Lighting - Portable Lighting / Flash Light (Torch) Lamps - Reading Lamps and Task Lighting - Traffic Signaling - Description This LED package is designed for high current operation and high flux output applications. The package design features better thermal management characteristics than other LED solutions. Because of these advantages, this product has many
applications such as internal & external lighting, automobile lighting, large size LCD backlight, etc. - 1- -1 -
1. Outline Dimensions
Slug (+)
R
G
B
Green
Red
Notes: 1. All dimensions are in millimeters. 2. Scale: none 3. This drawing is reference only for engineering
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
-2-
1. Metal Outline Dimensions
CMDA31RGB15D13L Star PCB
Note: 1. All dimensions are in millimeters 2. Scale : none 3. This drawing is reference only engineering.
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
-3-
White
2. Electro-Optical Characteristics (at TA=25C)
Value Parameter Luminous Flux [1] Correlated Color Temperature [3] Forward Voltage [4] Forward Current Symbol Min
V
[2]
Unit Typ 60 6000 R: 2.5 , B/G: 3.4 R: 237, G:370, B:120 Max lm K V mA -
CCT
VF IF
3. Absolute Maximum Ratings (at TA=25C)
Parameter Forward Current Power Dissipation Junction Temperature Operating Temperature Storage Temperature ESD Sensitivity [5] Symbol IF PD Tj Topr Tstg Value 1.2 3.5 125 -30 ~ +85 -40 ~ +120 20,000V HBM Unit A W C C C -
*Notes: [1] CML-IT maintains a tolerance of 10% on flux and power measurements. [2] V is the total luminous flux output as measured with an integrated sphere. [3] Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. CCT 5% tester tolerance [4] A tolerance of 0.06V on forward voltage measurements [5] Break voltage of Metal PCB is 6.5kVAC [6] The emitter does include a Zener chip to protect the product from ESD.
--------------------------Caution-------------------------Please do not drive at rated current more than 5 sec. without proper heat sink Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
-3 - 4 --
Red
2. Electro-Optical Characteristics (at IF=350mA, TA=25C)
Value Parameter Luminous Flux [1] Dominant Wavelength [3] Forward Voltage [4] View Angle Thermal Resistance [5] Symbol Min
V [1]
Unit Typ 30 625 2.5 128 12 Max 632 3.0 lm nm V deg. C /W 22 618 2.0
D
VF
2 1/2
R J-B
3. Absolute Maximum Ratings (at TA=25C)
Parameter Forward Current Power Dissipation Junction Temperature Operating Temperature Storage Temperature ESD Sensitivity [6] Symbol IF PD Tj Topr Tstg -4-
Value 0.4 1.2 100 -30 ~ +85 -40 ~ +120 20,000V HBM
Unit A W C C C -
*Notes: [1] CML-IT maintains a tolerance of 10% on flux and power measurements. [2] V is the total luminous flux output as measured with an integrated sphere. [3] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram. A tolerance of 0.5nm for dominant wavelength [4] A tolerance of 0.06V on forward voltage measurements [5] R J-B is measured with a SSC metal core PCB (25 C TJ 110 C). Break voltage of Metal PCB is 6.5kVAC [6] The emitter does include a Zener chip to protect the product from ESD.
--------------------------Caution-------------------------Please do not drive at rated current more than 5 sec. without proper heat sink Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
-4 - 5 --
Green
2. Electro-Optical Characteristics (at IF=350mA, TA=25C)
Value Parameter Luminous Flux [1] Dominant Wavelength [3] Forward Voltage [4] View Angle Thermal Resistance [5] Symbol Min
V [2]
Unit Typ 48 527 3.5 130 8 Max 535 4.0 lm nm V deg. C /W 24 520 3.0
D
VF
2 1/2
R J-B
3. Absolute Maximum Ratings (at TA=25C)
Parameter Forward Current Power Dissipation Junction Temperature Operating Temperature Storage Temperature ESD Sensitivity [6] Symbol IF PD Tj Topr Tstg Value 0.4 1.6 125 -30 ~ +85 -40 ~ +120 20,000V HBM Unit A W C C C -
*Notes: [1] CML-IT maintains a tolerance of 10% on flux and power measurements. [2] V is the total luminous flux output as measured with an integrated sphere. [3] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram. A tolerance of 0.5nm for dominant wavelength [4] A tolerance of 0.06V on forward voltage measurements [5] R J-B is measured with a SSC metal core PCB (25 C TJ 110 C). Break voltage of Metal PCB is 6.5kVAC [6] The emitter does include a Zener chip to protect the product from ESD.
--------------------------Caution-------------------------Please do not drive at rated current more than 5 sec. without proper heat sink
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
- -65 -
Blue
2. Electro-Optical Characteristics (at IF=350mA, TA=25C)
Value Parameter Luminous Flux [1] Dominant Wavelength [3] Forward Voltage [4] View Angle Thermal Resistance [5] Symbol Min
V [2]
Unit Typ 11 460 3.5 130 8 Max 475 4.0 lm nm V deg. C /W 6 455 3.0
D
VF
2 1/2
R J-B
3. Absolute Maximum Ratings (at TA=25C)
Parameter Forward Current Power Dissipation Junction Temperature Operating Temperature Storage Temperature ESD Sensitivity [6] Symbol IF PD Tj Topr Tstg Value 0.4 1.6 125 -30 ~ +85 -40 ~ +120 20,000V HBM Unit A W C C C -
*Notes: [1] CML-IT maintains a tolerance of 10% on flux and power measurements. [2] V is the total luminous flux output as measured with an integrated sphere. [3] Dominant wavelength is derived from the CIE 1931 Chromaticity diagram. A tolerance of 0.5nm for dominant wavelength [4] A tolerance of 0.06V on forward voltage measurements [5] R J-B is measured with a SSC metal core PCB (25 C TJ 110 C). Break voltage of Metal PCB is 6.5kVAC [6] The emitter does include a Zener chip to protect the product from ESD. --------------------------Caution-------------------------1. Please do not drive at rated current more than 5 sec. without proper heat sink 2. Blue power light sources represented here are IEC825 Class 2 for eye safety
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
-7-
-6-
4. Forward Voltage vs. Forward Current (Ta=25)
3.8 3.6 3.4 3.2 3.0 2.8 2.6 2.4 2.2 2.0 1.8 0 100 200 300 400 500
RED GREEN BLUE
Forward Current (mA)
5. Forward Current vs. Normalized Relative Luminous Flux (Ta=25)
1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0
0 100 200 300 400 500 600
RED GREEN BLUE
Forward Current (mA)
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
-8-
-7-
6. Spectrum for White (Ta=25)
1.0
0.8
0.6
0.4
0.2
0.0 400
500
600 Wavelength (nm)
700
7. Wavelength Curve for Red, Green, Blue (Ta=25)
1.0
0.8
0.6
0.4
0.2
0.0 400
500 Wavelength (nm)
600
700
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
- - 9- 8
8. Radiant pattern for White
1.0
0.8
0.6
0.4
0.2
0.0 -100 -80 -60 -40 -20 0 20 40 60 80 100
Directional angle (deg.)
9. Radiant pattern for Red
1.0
0.8
0.6
0.4
0.2
0.0 -100 -80 -60 -40 -20 0 20 40 60 80 100
Directional angle (deg.) Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
-9 - 10- -
10. Radiant pattern for Green
1.0
0.8
0.6
0.4
0.2
0.0 -100 -80 -60 -40 -20 0 20 40 60 80 100
Directional angle (deg.)
11. Radiant pattern for Blue
1.0
0.8
0.6
0.4
0.2
0.0 -100 -80 -60 -40 -20 0 20 40 60 80 100
Directional angle (deg.)
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
- 10 -
- 11 -
12. Forward Current vs. Wavelength shift (Ta=25)
10 8 6 4 2 0 -2 -4 0 50 100 150 200 250 300 350 400
RED GREEN BLUE
F o rw a rd Cu rren t(IF )
13. Junction Temp vs. Wavelength shift (Ta=25)
6
5
RED GREEN BLU E
4
3
2
1
0 0 25 50 75 100 125 150
J u n c t io n T e m p e r a t u r e ( o C )
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
--11 12 -
14. Temperature of Junction vs. Relative Light Output for Blue, Green, Red (Ta=25)
120
100
80
60
RED GREEN BLUE
40
20
0 0 20 40 60 80
o
100
120
Junction Temperature ( C)
15. Ambient Temperature vs. Allowable Forward Current for 1 chip Blue, Green
500
400
300
200
o Rja T = 40 C / W Rja = 30 oC / W T
RjaT = 20 oC / W
100
0 0 20 40 60 80 100 120
Ambient Temperature T
(oC)
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
- 13 -- 12
16. Ambient Temperature vs. Allowable Forward Current for 1 chip Red,
500
400
300
200
Rja T = 40 C / W Rja = 30 C / W
T T o o
o
Rja = 20 C / W
100
0 0 20 40 60 80
Ambient Temperature T A ( C)
o
100
120
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
- 13 - 14 -
22. Reel Packaging Dimensions (Star type)
17. Reel Packaging Dimensions (Star type)
10 pitch cumulative tolerance on tape 0.2
MIN 1.5
DETALE"A"
CENTER
5 TYPICAL
DETAIL 'A'
Note : 1. The number of loaded products in the reel is 100 pieces 2. All dimensions are in millimeters 3. Scale : none 4. This drawing is reference only engineering
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
- 15 -14
18. Recommended solder pad
5 solder point
Thermal enhanced PCB
Copper

Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
- 15 - 16 --
19. Soldering Profile
(1) Reflow Soldering Conditions / Profile
Temp [C] Tm : Reflow machine setting temp Ts : Surface temp of PCB (max) Ts : Surface temp of PCB (recommend) Ts : Surface temp of PCB (min)
260 240 220 200 Pre-heating Rising 5 C/sec
180 150
Cooling -5 C/sec
0 Time [Hr]
(2)
Hand Soldering conditions - Lead : Not more than 3 seconds @ MAX280 - Slug : Use a thermal-adhesives
* Caution 1. Reflow soldering should not be done more than one time. 2. Repairing should not be done after the LED's have been soldered. When repairing is unavoidable, suitable tools must be used. 3. Die slug is to be soldered. 4. When soldering, do not put stress on the LED's during heating. 5. After soldering, do not warp the circuit board. 6. Recommend to use a convection type reflow machine with 7 ~ 8 zones.
Americas 147 Central Avenue Hackensack, NJ 07601 (201) 489-8989 www.cml-it.com
Europe Robert Bunsen Str. 1 D-67098 Bad Durkheim +49 (6322) 9567-0 www.cml-it.com
- 17 - 16 -


▲Up To Search▲   

 
Price & Availability of CMDA31RGB15D13L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X